Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38B46E7H-XXXXFP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M38B46E7H-XXXXFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B46E7H-XXXXFP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M38B46E7H-XXXXFP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M38B46E7H-XXXXFP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M38B46E7H-XXXXFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M38B46E7H-XXXXFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M38B46E7H-XXXXFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M38B46E7H-XXXXFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M38B46E7H-XXXXFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M38B46E7H-XXXXFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M38B46E7H-XXXXFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 78 page
background image
38B4 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
DESCRIPTION
The 38B4 group is the 8-bit microcomputer based on the 740 family
core technology.
The 38B4 group has six 8-bit timers, a 16-bit timer, a fluorescent
display automatic display circuit, 12-channel 10-bit A-D converter, a
serial I/O with automatic transfer function, which are available for
controlling musical instruments and household appliances.
FEATURES
Basic machine-language instructions ....................................... 71
Minimum instruction execution time ................................. 0.48 µs
(at 4.2 MHz oscillation frequency)
Memory size
ROM ............................................. 48K to 60K bytes
RAM .......................................... 1024 to 2048 bytes
Programmable input/output ports ............................................. 51
High-breakdown-voltage output ports ...................................... 36
Software pull-up resistors (Ports P5, P61 to P65, P7, P84 to P87,
P9)
Interrupts .................................................. 21 sources, 16 vectors
Timers ........................................................... 8-bit ! 6, 16-bit ! 1
Serial I/O1 (Clock-synchronized) ................................... 8-bit ! 1
...................... (max. 256-byte automatic transfer function)
Serial I/O2 (UART or Clock-synchronized) .................... 8-bit ! 1
PWM ............................................................................ 14-bit ! 1
8-bit ! 1 (also functions as timer 6)
A-D converter .............................................. 10-bit ! 12 channels
Fluorescent display function ......................... Total 40 control pins
Interrupt interval determination function ..................................... 1
Watchdog timer ............................................................ 20-bit ! 1
Fig. 1 Pin configuration of M38B4xMxH-XXXXFP
Package type : 80P6N-A
80-pin plastic-molded QFP
PIN CONFIGURATION (TOP VIEW)
Buzzer output ............................................................................. 1
Clock generating circuit ...................................... Built-in 2 circuits
(connect to external ceramic resonator or quartz-crystal
oscillator)
Power source voltage
In high-speed mode ................................................... 4.0 to 5.5 V
(at 4.2 MHz oscillation frequency)
2.7 to 5.5 V
(at 2.0 MHz oscillation frequency)
In middle-speed mode ................................................ 2.7 to 5.5 V
(at 4.2 MHz oscillation frequency)
In low-speed mode ..................................................... 2.7 to 5.5 V
(at 32 kHz oscillation frequency)
Power dissipation
In high-speed mode .......................................................... 35 mW
(at 4.2 MHz oscillation frequency)
In low-speed mode ............................................................. 60 µW
(at 32 kHz oscillation frequency, at 3 V power source voltage)
In stop mode ......................................................................... 1 µA
(at clock stop)
Operating temperature range ................................... –20 to 85 °C
APPLICATION
Musical instruments, VCR, household appliances, etc.
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
P65/SSTB1/AN11
P64/INT4/SBUSY1/AN10
M38B4xMxH-XXXXFP
P63/AN9
P62/SRDY1/AN8
VEE
P76/AN6
P77/AN7
VREF
AVSS
P50/SIN1
P51/SOUT1
P52/SCLK11
P53/SCLK12
P54/RxD
P55/TxD
P56/SCLK21
P57/SRDY2/SCLK22
P86/RTP1/FLD38
P83/FLD35
P82/FLD34
P81/FLD33
P80/FLD32
P37/FLD31
P36/FLD30
P35/FLD29
P34/FLD28
P33/FLD27
P32/FLD26
P31/FLD25
P30/FLD24
P85/RTP0/FLD37
P84/FLD36
Note: In the mask option type P, INT3 and CNTR1 cannot be used.


Similar Part No. - M38B46E7H-XXXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38B50E1XXXFP RENESAS-M38B50E1XXXFP Datasheet
908Kb / 70P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38B50E1XXXFS RENESAS-M38B50E1XXXFS Datasheet
908Kb / 70P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38B50E2XXXFP RENESAS-M38B50E2XXXFP Datasheet
908Kb / 70P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38B50E2XXXFS RENESAS-M38B50E2XXXFS Datasheet
908Kb / 70P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38B50E3XXXFP RENESAS-M38B50E3XXXFP Datasheet
908Kb / 70P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38B46E7H-XXXXFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com