Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6701GJC150 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6701GJC150
Description  FLOATING POINT DIGITAL SIGNAL PROCESSOR
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6701GJC150 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS320C6701GJC150 Datasheet HTML 5Page - Texas Instruments TMS320C6701GJC150 Datasheet HTML 6Page - Texas Instruments TMS320C6701GJC150 Datasheet HTML 7Page - Texas Instruments TMS320C6701GJC150 Datasheet HTML 8Page - Texas Instruments TMS320C6701GJC150 Datasheet HTML 9Page - Texas Instruments TMS320C6701GJC150 Datasheet HTML 10Page - Texas Instruments TMS320C6701GJC150 Datasheet HTML 11Page - Texas Instruments TMS320C6701GJC150 Datasheet HTML 12Page - Texas Instruments TMS320C6701GJC150 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
TMS320C6701
FLOATINGPOINT DIGITAL SIGNAL PROCESSOR
SPRS067E – MAY 1998 – REVISED MAY 2000
9
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
Signal Descriptions
SIGNAL
TYPE†
DESCRIPTION
NAME
NO.
TYPE†
DESCRIPTION
CLOCK/PLL
CLKIN
C10
I
Clock Input
CLKOUT1
AF22
O
Clock output at full device speed
CLKOUT2
AF20
O
Clock output at half of device speed
CLKMODE1
C6
I
Clock mode select
CLKMODE0
C5
I
• Selects whether the output clock frequency = input clock frequency x4 or x1
PLLFREQ3
A9
PLL f
(3 2
d 1)
PLLFREQ2
D11
I
PLL frequency range (3, 2, and 1)
• The target range for CLKOUT1 frequency is determined by the 3-bit value of the PLLFREQ pins
PLLFREQ1
B10
I
• The target range for CLKOUT1 frequency is determined by the 3-bit value of the PLLFREQ pins.
PLLV‡
D12
PLL analog VCC connection for the low-pass filter
PLLG‡
C12
PLL analog GND connection for the low-pass filter
PLLF
A11
PLL low-pass filter connection to external components and a bypass capacitor
JTAG EMULATION
TMS
L3
I
JTAG test-port mode select (features an internal pullup)
TDO
W2
O/Z
JTAG test-port data out
TDI
R4
I
JTAG test-port data in (features an internal pullup)
TCK
R3
I
JTAG test-port clock
TRST
T1
I
JTAG test-port reset (features an internal pulldown)
EMU1
Y1
I/O/Z
Emulation pin 1, pullup with a dedicated 20-k
Ω resistor¶
EMU0
W3
I/O/Z
Emulation pin 0, pullup with a dedicated 20-k
Ω resistor¶
CONTROL
RESET
K2
I
Device reset
NMI
L2
I
Nonmaskable interrupt
• Edge-driven (rising edge)
EXT_INT7
U3
EXT_INT6
V2
I
External interrupts
EXT_INT5
W1
I
External interru ts
• Edge-driven (rising edge)
EXT_INT4
U4
g(
g
g )
IACK
Y2
O
Interrupt acknowledge for all active interrupts serviced by the CPU
INUM3
AA1
INUM2
W4
O
Active interrupt identification number
• Valid during IACK for all active interrupts (not just external)
INUM1
AA2
O
• Valid during IACK for all active interrupts (not just external)
• Encoding order follows the interrupt-service fetch-packet ordering
INUM0
AB1
• Encoding order follows the interru t-service fetch- acket ordering
LENDIAN
H3
I
If high, LENDIAN selects little-endian byte/half-word addressing order within a word
If low, LENDIAN selects big-endian addressing
PD
D3
O
Power-down mode 3 (active if high)
† I = Input, O = Output, Z = High Impedance, S = Supply Voltage, GND = Ground
‡ PLLV and PLLG are not part of external voltage supply or ground. See the CLOCK/PLL documentation for information on how to connect these
pins.
§ A = Analog Signal (PLL Filter)
¶ For emulation and normal operation, pull up EMU1 and EMU0 with a dedicated 20-k
Ω resistor. For boundary scan, pull down EMU1 and EMU0
with a dedicated 20-k
Ω resistor.


Similar Part No. - TMS320C6701GJC150

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6701GJC150 TI-TMS320C6701GJC150 Datasheet
1Mb / 70P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6701GJC150 TI-TMS320C6701GJC150 Datasheet
967Kb / 70P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
More results

Similar Description - TMS320C6701GJC150

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6747 TI-TMS320C6747 Datasheet
1Mb / 203P
[Old version datasheet]   Floating-point Digital Signal Processor
TMS320C6713B TI-TMS320C6713B_10 Datasheet
2Mb / 154P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6701 TI-SM320C6701 Datasheet
894Kb / 63P
[Old version datasheet]   FLOATING - POINT DIGITAL SIGNAL PROCESSOR
TMS320C6713 TI-TMS320C6713_05 Datasheet
2Mb / 148P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMJ320C6701 TI-SMJ320C6701_07 Datasheet
925Kb / 64P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMV320C6727B-SP TI-SMV320C6727B-SP_15 Datasheet
573Kb / 112P
[Old version datasheet]   Floating-Point Digital Signal Processor
TMS320C6701 TI-TMS320C6701_08 Datasheet
967Kb / 70P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6701-EP TI1-SM320C6701-EP Datasheet
938Kb / 65P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6727B TI1-SM320C6727B Datasheet
710Kb / 111P
[Old version datasheet]   Floating-Point Digital Signal Processor
SMJ320C6701 TI-SMJ320C6701_15 Datasheet
1,002Kb / 66P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com