Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA6120A2DWPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6120A2DWPR
Description  HIGH FIDELITY HEADPHONE AMPLIFIER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6120A2DWPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPA6120A2DWPR Datasheet HTML 2Page - Texas Instruments TPA6120A2DWPR Datasheet HTML 3Page - Texas Instruments TPA6120A2DWPR Datasheet HTML 4Page - Texas Instruments TPA6120A2DWPR Datasheet HTML 5Page - Texas Instruments TPA6120A2DWPR Datasheet HTML 6Page - Texas Instruments TPA6120A2DWPR Datasheet HTML 7Page - Texas Instruments TPA6120A2DWPR Datasheet HTML 8Page - Texas Instruments TPA6120A2DWPR Datasheet HTML 9Page - Texas Instruments TPA6120A2DWPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
Table of Graphs
0.001
0.01
10
100
1 k
10 k
50 k
f − Frequency − Hz
RL = 10 kW,
Gain = 3 V/V,
RF = 2 kW,
RI = 1 kW,
BW = 80 kHz
VCC = +15 VO = 15 VPP
VCC = +12 VO = 15 VPP
VCC = +12 VO = 12 VPP
VCC = +15 VO = 23 VPP
0.0001
0.00001
0.0001
0.001
0.01
10
100
1 k
10 k
50 k
RL = 600 W,
Gain = 3 V/V,
RF = 2 kW,
RI = 1 kW,
BW = 80 kHz
f − Frequency − Hz
VCC = +12 V,
PO = 80 mW
VCC = +15 V,
PO = 125 mW
TPA6120A2
SLOS431 – MARCH 2004
FIGURE
vs Frequency
1, 2, 3, 4
Total harmonic distortion + noise
vs Output voltage
5
vs Output power
6, 7, 8
Power dissipation
vs Output power
9
Supply voltage rejection ratio
vs Frequency
10, 11
vs High frequency
12
Intermodulation distortion
vs IM Amplitude
13
Crosstalk
vs Frequency
14
Signal-to-noise ratio
vs Gain
15, 16
Slew rate
vs Output step
17, 18
Small and large signal frequency response
19, 20
400-mV step response
21
10-V step response
22
20-V step response
23
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
FREQUENCY
Figure 1.
Figure 2.
6


Similar Part No. - TPA6120A2DWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6120A2DWPR TI-TPA6120A2DWPR Datasheet
607Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2DWPR TI-TPA6120A2DWPR Datasheet
731Kb / 26P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2DWPR TI1-TPA6120A2DWPR Datasheet
2Mb / 31P
[Old version datasheet]   High Fidelity Headphone Amplifier
TPA6120A2DWPRG4 TI-TPA6120A2DWPRG4 Datasheet
731Kb / 26P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2DWPRG4 TI1-TPA6120A2DWPRG4 Datasheet
2Mb / 31P
[Old version datasheet]   High Fidelity Headphone Amplifier
More results

Similar Description - TPA6120A2DWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2_08 Datasheet
731Kb / 26P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI-TPA6120A2_07 Datasheet
607Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI1-TPA6120A2 Datasheet
2Mb / 31P
[Old version datasheet]   High Fidelity Headphone Amplifier
TPA6120A2 TI-TPA6120A2_15 Datasheet
2Mb / 31P
[Old version datasheet]   TPA6120A2 High Fidelity Headphone Amplifier
LME49600 TI1-LME49600 Datasheet
439Kb / 21P
[Old version datasheet]   High-Performance, High-Fidelity, High-Current Headphone Buffer
logo
National Semiconductor ...
LME49723 NSC-LME49723 Datasheet
640Kb / 24P
   Dual High Fidelity Audio Operational Amplifier
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
   High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49710 TI1-LME49710 Datasheet
1Mb / 34P
[Old version datasheet]   High-Performance, High-Fidelity Audio Operational Amplifier
LME49723 TI1-LME49723 Datasheet
1Mb / 26P
[Old version datasheet]   Dual High Fidelity Audio Operational Amplifier
LME49710 TI1-LME49710_14 Datasheet
1Mb / 33P
[Old version datasheet]   High Performance, High Fidelity Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com