Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS80C320-QNL Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS80C320-QNL
Description  High-Speed/Low-Power Microcontrollers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS80C320-QNL Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS80C320-QNL Datasheet HTML 1Page - Maxim Integrated Products DS80C320-QNL Datasheet HTML 2Page - Maxim Integrated Products DS80C320-QNL Datasheet HTML 3Page - Maxim Integrated Products DS80C320-QNL Datasheet HTML 4Page - Maxim Integrated Products DS80C320-QNL Datasheet HTML 5Page - Maxim Integrated Products DS80C320-QNL Datasheet HTML 6Page - Maxim Integrated Products DS80C320-QNL Datasheet HTML 7Page - Maxim Integrated Products DS80C320-QNL Datasheet HTML 8Page - Maxim Integrated Products DS80C320-QNL Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
DS80C320/DS80C323 High-Speed/Low-Power Microcontrollers
3 of 40
Figure 1. Block Diagram
PIN DESCRIPTION
PIN
DIP
PLCC
TQFP
NAME
FUNCTION
40
44
38
VCC
+5V (+3V for DS80C323)
20
22, 23
16, 17
GND
Digital Circuit Ground
9
10
4
RST
Reset Input. The RST input pin contains a Schmitt voltage input to
recognize external active-high reset inputs. The pin also employs an
internal pulldown resistor to allow for a combination of wired OR
external reset sources. An RC is not required for power-up, as the device
provides this function internally.
18
20
14
XTAL2
19
21
15
XTAL1
Crystal Oscillator Pins. XTAL1 and XTAL2 provide support for
parallel-resonant, AT-cut crystals. XTAL1 acts also as an input in the
event that an external clock source is used in place of a crystal. XTAL2
serves as the output of the crystal amplifier.
29
32
26
PSEN
Program Store-Enable Output, Active Low. This signal is commonly
connected to external ROM memory as a chip enable. PSEN provides an
active-low pulse width of 2.25 XTAL1 cycles with a period of four
XTAL1 cycles. PSEN is driven high when data memory (RAM) is being
accessed through the bus and during a reset condition.
DS80C320/
DS80C323


Similar Part No. - DS80C320-QNL

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS80C320-QNL DALLAS-DS80C320-QNL Datasheet
1Mb / 42P
   High-Speed/Low-Power Micro
DS80C320-QNL DALLAS-DS80C320-QNL Datasheet
1Mb / 175P
   High-Speed Microcontroller User Guide
logo
Maxim Integrated Produc...
DS80C320-QNL MAXIM-DS80C320-QNL Datasheet
905Kb / 40P
   High-Speed/Low-Power Microcontrollers
REV: 101006
DS80C320-QNL MAXIM-DS80C320-QNL Datasheet
700Kb / 38P
   High-Speed/Low-Power Microcontrollers
REV: 101006
DS80C320-QNL++ MAXIM-DS80C320-QNL+ Datasheet
905Kb / 40P
   High-Speed/Low-Power Microcontrollers
REV: 101006
More results

Similar Description - DS80C320-QNL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS80C320 MAXIM-DS80C320_06 Datasheet
905Kb / 40P
   High-Speed/Low-Power Microcontrollers
REV: 101006
DS80C320-QCG MAXIM-DS80C320-QCG Datasheet
700Kb / 38P
   High-Speed/Low-Power Microcontrollers
REV: 101006
logo
Dallas Semiconductor
DS83C520 DALLAS-DS83C520_07 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
DS89C430 DALLAS-DS89C430_07 Datasheet
310Kb / 46P
   Ultra-High-Speed Flash Microcontrollers
DS89C430 DALLAS-DS89C430 Datasheet
656Kb / 48P
   Ultra-High-Speed Flash Microcontrollers
DS87C520MCL DALLAS-DS87C520MCL Datasheet
877Kb / 44P
   EPROM/ROM High-Speed Microcontrollers
logo
Maxim Integrated Produc...
QX87C196KT16 MAXIM-QX87C196KT16 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
DS87C520-QNL MAXIM-DS87C520-QNL Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
DS89C430 MAXIM-DS89C430 Datasheet
657Kb / 48P
   Ultra-High-Speed Flash Microcontrollers
REV: 060805
logo
Texas Instruments
MSP430 TI1-MSP430 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com