Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28513DW Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28513DW
Description  ADVANCED PFC/PWM COMBINA CONTROLLERS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28513DW Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC28513DW Datasheet HTML 5Page - Texas Instruments UCC28513DW Datasheet HTML 6Page - Texas Instruments UCC28513DW Datasheet HTML 7Page - Texas Instruments UCC28513DW Datasheet HTML 8Page - Texas Instruments UCC28513DW Datasheet HTML 9Page - Texas Instruments UCC28513DW Datasheet HTML 10Page - Texas Instruments UCC28513DW Datasheet HTML 11Page - Texas Instruments UCC28513DW Datasheet HTML 12Page - Texas Instruments UCC28513DW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
UCC28510, UCC28511, UCC28512, UCC28513,
UCC28514, UCC28515, UCC28516, UCC28517
SLUS517B − DECEMBER 2002 − REVISED AUGUST 2004
9
www.ti.com
DETAILED PIN DESCRIPTIONS (CONTINUED)
The maximum duty ratio is modestly dependent on the switching frequency. A more accurate estimate of the
maximum duty cycle that is valid over the full range of switching frequencies (65 kHz to 600 kHz) is given by:
D
MAX +
0.26
* 4.4
10*8
Hz
f
S
V
DX
V
) 6.9
10*8
Hz
f
S
* 0.31
where, fS is the oscillator frequency measured at CT_BUFF in Hz
This pin can also be used to set DMAX to 0 by setting VDX less than 0.7 V.
GND (Pin 6): Signal ground for the integrated circuit. All voltages measured with respect to ground are
referenced to this pin. The bypass capacitors for VCC and VREF should connect to this pin with as little lead
length as possible. PWRGND must be externally connected to this pin. For best results, use a single small circuit
trace to electrically connect between the circuits that use the GND return path and the circuits that use the
PWRGND return path.
GT1 (Pin 12): A 2-A peak source and 3-A peak sink current totem pole MOSFET gate driver for the PFC stage.
Some overshoot at GT1 can be expected when driving a capacitive load, but adding a minimal series resistor
of about 2
Ω between GT1 and the external MOSFET gate can reduce this overshoot. GT1 is disabled unless
VCC is outside the UVLO region and VREF is on.
GT2 (Pin 10): A 2-A peak source and 3-A peak sink current totem pole MOSFET gate driver for the PWM stage,
identical to the driver at GT1.
IAC (Pin 18): This multiplier input senses the rectified ac line voltage. A resistor between IAC and the line
voltage converts the instantaneous line voltage waveform into a current input for the analog multiplier. The
recommended maximum IAC current is 500
µA.
ISENSE1 (Pin 16): This pin is the non-inverting input terminal of the current amplifier. Connect a resistor
between this pin and the grounded side of the PFC stage current sensing resistor. The resistor connected to
this pin should have a value that equals the value of the resistor that is connected between the MOUT pin and
the ungrounded side of the PFC current sense resistor.
ISENSE2 (Pin 8): A voltage across the PWM stage external current sense resistor generates the input signal
to this pin, with the peak limit threshold set to 1.3 V for peak current mode control. An internal 1.5-V level shift
between ISENSE2 and the input to the PWM comparator provides greater noise immunity. The oscillator ramp
can also be summed into this pin for slope compensation. Figure 36 shows the typical relationship of the
capacitance on the ISENSE2 pin and the minimum controllable limit of the pulse width on the gate2 output. If
the VERR is at the voltage that corresponds to a minimum controllable duty cycle and then is reduced further
the pulse width collapses to near zero.
MOUT (Pin 17): The output of the multiplier and the input to the current amplifier in the PFC stage are internally
connected at this pin. Set the power range of the PFC stage with a resistor tied between the MOUT pin and the
non-grounded end of the PFC current sense resistor. Connect impedance between the MOUT pin and the
CAOUT pin to compensate the PFC current control loop. The multiplier output is a current and the current
amplifier input is high impedance. The multiplier output current is given by:
I
MOUT +
V
VAOUT * 1.0
I
IAC
K
V
VFF
2
where, K is the multiplier gain constant, in volts−1.
PKLMT (Pin 14): Program the peak current limit of the PFC stage using this pin. The threshold for peak limit
is 0 V. Use a resistor divider between VREF and the non-grounded side of the PFC current sense resistor in
order to shift the level of this signal to a voltage that corresponds to the desired overcurrent threshold voltage,
measured across the PFC current sense resistor.
PWRGND (Pin 11): Ground for the output drivers at GT1 and GT2. This ground should be tied to GND externally
via a single Kelvin connection.


Similar Part No. - UCC28513DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28513DW TI-UCC28513DW Datasheet
563Kb / 39P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLERS
UCC28513DW TI1-UCC28513DW Datasheet
1Mb / 42P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLERS
UCC28513DWG4 TI1-UCC28513DWG4 Datasheet
1Mb / 42P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLERS
UCC28513DWR TI1-UCC28513DWR Datasheet
1Mb / 42P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLERS
UCC28513DWRG4 TI1-UCC28513DWRG4 Datasheet
1Mb / 42P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLERS
More results

Similar Description - UCC28513DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28510 TI-UCC28510 Datasheet
563Kb / 39P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLERS
UCC28510 TI1-UCC28510_13 Datasheet
1Mb / 42P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLERS
UCC28521 TI1-UCC28521_16 Datasheet
790Kb / 34P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLER
logo
Anpec Electronics Corop...
APW7026 ANPEC-APW7026 Datasheet
138Kb / 11P
   Advanced PWM and Dual Linear Power Controllers
APW6021 ANPEC-APW6021 Datasheet
139Kb / 13P
   Advanced PWM and Triple Linear Power Controllers
APW6021A ANPEC-APW6021A Datasheet
139Kb / 13P
   Advanced PWM and Triple Linear Power Controllers
APW6020 ANPEC-APW6020 Datasheet
128Kb / 13P
   Advanced Dual PWM and Dual Linear Power Controllers
logo
ON Semiconductor
CS5124 ONSEMI-CS5124 Datasheet
174Kb / 11P
   PWM Controllers
July, 2009 ??Rev. 7
logo
Fuji Electric
FA5533 FUJI-FA5533 Datasheet
244Kb / 3P
   PFC / PWM Combination
logo
TelCom Semiconductor, I...
TC25C25 TELCOM-TC25C25 Datasheet
88Kb / 7P
   BICMOS PWM CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com