Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28514DW Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28514DW
Description  ADVANCED PFC/PWM COMBINA CONTROLLERS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28514DW Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC28514DW Datasheet HTML 6Page - Texas Instruments UCC28514DW Datasheet HTML 7Page - Texas Instruments UCC28514DW Datasheet HTML 8Page - Texas Instruments UCC28514DW Datasheet HTML 9Page - Texas Instruments UCC28514DW Datasheet HTML 10Page - Texas Instruments UCC28514DW Datasheet HTML 11Page - Texas Instruments UCC28514DW Datasheet HTML 12Page - Texas Instruments UCC28514DW Datasheet HTML 13Page - Texas Instruments UCC28514DW Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
UCC28510, UCC28511, UCC28512, UCC28513,
UCC28514, UCC28515, UCC28516, UCC28517
SLUS517B − DECEMBER 2002 − REVISED AUGUST 2004
10
www.ti.com
DETAILED PIN DESCRIPTIONS (CONTINUED)
RT (Pin 2): A resistor between RT and GND programs the oscillator frequency, measured at CT_BUFF. In all
options, the PWM stage operates at the frequency that is measured at CT_BUFF. In the UCC28510, UCC28511,
UCC28512 and UCC28513, the PFC stage operates at the same frequency as the PWM stage. In the
UCC28514, UCC28515, UCC28516 and UCC28517, the PFC stage operates at half the frequency of the PWM
stage. The voltage is dc (nominally 3 V); do not connect a capacitor to this pin in an attempt to stabilize the
voltage. Instead, connect the GND side of the oscillator-programming resistor closer to the GND pin. The
recommended range of resistors is 45 k
Ω to 500 kΩ for a frequency range of 600 kHz to 65 kHz, respectively.
Resistor RT programs the oscillator frequency fS, as measured at CT_BUFF, according to the following
equation:
R
T +
1
31
10*12
1Hz
f
S
* 2.0
10*7
W
where, RT is in Ω
fS is in Hz
SS2 (pin 13): A capacitor between SS2 and GND programs the softstart duration of the PWM stage gate drive.
When the UVLO2 comparator enables the PWM stage, an internal 10.5-
µA current source charges the external
capacitor at SS2 to 3 V to ramp the voltage at VERR during startup. This allows the GT2 duty cycle to increase
from 0% to the maximum clamped by the duty cycle comparator over a controlled time delay tSS given by:
C
SS2 +
t
SS
10.5
10*6
Amp
3V
CSS2 is in Farads
In the event of a disable command or a UVLO2 dropout, SS2 quickly discharges to ground to disable the PWM
stage gate drive.
VAOUT (Pin 1): This transconductance voltage amplifier output regulates the PFC stage output voltage and
operates between GND and 5.5 V maximum to prevent overshoot. Connect the voltage compensation
components between VAOUT and GND. When this output goes below 1 V, the multiplier output current goes
to zero. When this output falls below 0.33 V, the zero power detect comparator ensures the PFC stage gate drive
is turned off. In the linear range, this pin sources or sinks up to 30
µA. A slew rate enhancement feature enables
VAOUT to sink or source up to 3.3 mA, when operating outside the linear range.
VCC (Pin 9): Chip positive supply voltage that should be connected to a stable source of at least 20 mA between
12 V and 17 V for normal operation. Bypass VCC directly to GND with a 0.1
µF or larger ceramic capacitor to
absorb supply current spikes caused by the fast charging of the external MOSFET gate capacitances.
VERR (Pin 7): The voltage at this pin controls the GT2 duty cycle and is connected to the feedback error signal
from an external amplifier in the PWM stage. This pin is clamped to a maximum of 3 V and can demand 100%
duty cycle at GT2. The typical pull-up current flowing out of this pin is 10
µA.
VFF (Pin 19): The output current from this pin comes from an internal current mirror that divides the IAC input
current by 2. The input voltage feedforward signal for the multiplier is then generated across an external
single-pole R/C filter connected between VFF and GND. At low line, the VFF voltage should be set to 1.4 V.
VREF (Pin 20): This is the output of an accurate 7.5-V reference that powers most of the internal circuitry and
can deliver over 10 mA, with a typical load regulation of 5 mV ensured for an external load of up to 6 mA. The
internal reference is current limited to 25 mA, which protects the part if VREF is short-circuited to ground. VREF
should be bypassed directly to GND with a ceramic capacitor between 0.1
µF and 10 µF for stability. VREF is
disabled and remains at 0 V when VCC is below the 9.7-V UVLO threshold.
VSENSE (Pin 3): Inverting input to the PFC transconductance voltage amplifier, which serves as the PFC
feedback connection point. When VSENSE operates within +/− 0.35 V of its steady-state value, the current at
VAOUT is proportional to the difference between the VREF and VSENSE voltages by a factor of gM. Outside
this range, the magnitude of the current of VAOUT is increased in order to enhance the slew rate for rapid voltage
control recovery in the PFC stage. Decisive activation and deactivation of the voltage control recovery is
internally implemented with about 120 mV of hysteresis at VSENSE. VSENSE is internally connected to the PFC
OVP, Enable and UVLO2 comparators as well.


Similar Part No. - UCC28514DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28514DW TI-UCC28514DW Datasheet
563Kb / 39P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLERS
UCC28514DW TI1-UCC28514DW Datasheet
1Mb / 42P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLERS
UCC28514DWG4 TI1-UCC28514DWG4 Datasheet
1Mb / 42P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLERS
UCC28514DWR TI1-UCC28514DWR Datasheet
1Mb / 42P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLERS
UCC28514DWRG4 TI1-UCC28514DWRG4 Datasheet
1Mb / 42P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLERS
More results

Similar Description - UCC28514DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28510 TI-UCC28510 Datasheet
563Kb / 39P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLERS
UCC28510 TI1-UCC28510_13 Datasheet
1Mb / 42P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLERS
UCC28521 TI1-UCC28521_16 Datasheet
790Kb / 34P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLER
logo
Anpec Electronics Corop...
APW7026 ANPEC-APW7026 Datasheet
138Kb / 11P
   Advanced PWM and Dual Linear Power Controllers
APW6021 ANPEC-APW6021 Datasheet
139Kb / 13P
   Advanced PWM and Triple Linear Power Controllers
APW6021A ANPEC-APW6021A Datasheet
139Kb / 13P
   Advanced PWM and Triple Linear Power Controllers
APW6020 ANPEC-APW6020 Datasheet
128Kb / 13P
   Advanced Dual PWM and Dual Linear Power Controllers
logo
ON Semiconductor
CS5124 ONSEMI-CS5124 Datasheet
174Kb / 11P
   PWM Controllers
July, 2009 ??Rev. 7
logo
Fuji Electric
FA5533 FUJI-FA5533 Datasheet
244Kb / 3P
   PFC / PWM Combination
logo
TelCom Semiconductor, I...
TC25C25 TELCOM-TC25C25 Datasheet
88Kb / 7P
   BICMOS PWM CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com