Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT94L33 Datasheet(PDF) 2 Page - Exar Corporation

Part # XRT94L33
Description  highly integrated SONET/SDH terminator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT94L33 Datasheet(HTML) 2 Page - Exar Corporation

  XRT94L33 Datasheet HTML 1Page - Exar Corporation XRT94L33 Datasheet HTML 2Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
XRT94L33
xr
xr
REV. P1.0.0
PRELIMINARY
2
ORDERING INFORMATION
FIGURE 1. BLOCK DIAGRAM OF THE XRT94L33
Telecom
Bus
Interface
OC3
TxRx
SONET/SDH
TOH
SONET/SDH
POH
SDH MUX
SONET/SDH
POH
UTOPIA
II/IIp
Interface
Telecom
Bus
Interface
Telecom
Bus
Interface
Telecom
Bus
Interface
SONET/SDH
POH
SONET/SDH
POH
Boundry
Scan
Microprocessor
Interface
To DS3/E3
STS-1
Telecom
Bus/
T3/E3/HDLC
Intf
To DS3/E3
STS-1
Telecom
Bus/
T3/E3/HDLC
Intf
To DS3/E3
STS-1
Telecom
Bus/
T3/E3/HDLC
Intf
To OC12
To F.O.
STS-1 Channel 2
DS3/E3
Mapper
Pointer
Justify
STS-1 Tx/Rx
TOH & POH
Jitter Attenuator
&
Clock Smoothing
DS3/E3
Framer
HDLC
Controller
PLCP
PPP
Processor
ATM
Processor
STS-1 Channel 1
DS3/E3
Mapper
Pointer
Justify
STS-1 Tx/Rx
TOH & POH
Jitter Attenuator
&
Clock Smoothing
DS3/E3
Framer
HDLC
Controller
PLCP
PPP
Processor
ATM
Processor
STS-1 Channel 0
DS3/E3
Mapper
Pointer
Justify
STS-1 Tx/Rx
TOH & POH
Jitter Attenuator
&
Clock Smoothing
DS3/E3
Framer
HDLC
Controller
PLCP
PPP
Processor
ATM
Processor
PART NUMBER
PACKAGE TYPE
OPERATING TEMPERATURE RANGE
XRT94L33IB
27 x 27 504 Lead TBGA
-40°C to +85°C


Similar Part No. - XRT94L33

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT94L33 EXAR-XRT94L33 Datasheet
2Mb / 465P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER IC DATA SHEET
XRT94L33 EXAR-XRT94L33 Datasheet
3Mb / 862P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER - ATM REGISTERS
XRT94L33 EXAR-XRT94L33 Datasheet
496Kb / 110P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER ATM/PPP - HARWARE MANUAL
XRT94L33 EXAR-XRT94L33 Datasheet
3Mb / 810P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER - SDH REGISTERS
XRT94L33 EXAR-XRT94L33 Datasheet
3Mb / 801P
   -CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER - SONET REGISTERS
More results

Similar Description - XRT94L33

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
CX02066 MA-COM-CX02066 Datasheet
105Kb / 2P
   3.3 Volt Highly Integrated, Programmable Laser Driver IC for SONET/SDH Applications
logo
Vitesse Semiconductor C...
VSC8151 VITESSE-VSC8151 Datasheet
471Kb / 30P
   2.488Gb/s SONET/SDH STS-48/STM-16 Section Terminator
logo
TriQuint Semiconductor
TQ8105 TRIQUINT-TQ8105 Datasheet
371Kb / 19P
   SONET/SDH Transceivers
logo
Mitsubishi Electric Sem...
MF-10KDS-T12-06X07X MITSUBISHI-MF-10KDS-T12-06X07X Datasheet
104Kb / 8P
   SONET/SDH TRANSMITTER & RECIEVER
MF-2500DS-T12-18X MITSUBISHI-MF-2500DS-T12-18X Datasheet
57Kb / 9P
   SONET/SDH TRANSMITTER & RECIEVER
MF-2700FRB-M0XMA MITSUBISHI-MF-2700FRB-M0XMA Datasheet
224Kb / 8P
   SONET / SDH RECEIVER MODULE
logo
OPLINK Communications I...
STX-SRX-0400 OPLINK-STX-SRX-0400 Datasheet
367Kb / 9P
   SONET/SDH Transmitters & Receivers
STX OPLINK-STX Datasheet
367Kb / 9P
   SONET/SDH Transmitters & Receivers
logo
Mitsubishi Electric Sem...
MF-622DF-T12-43X MITSUBISHI-MF-622DF-T12-43X Datasheet
62Kb / 10P
   SONET/SDH TRANSMITTER & RECEIVER
logo
NXP Semiconductors
OQ2538HP PHILIPS-OQ2538HP_97 Datasheet
542Kb / 24P
   SDH/SONET main amplifier
1997 Nov 26
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com