Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VFC1206RBBT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VFC1206RBBT
Description  High Precision Flip Chip, Patents Pending (Industrialized Countries)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VFC1206RBBT Datasheet(HTML) 1 Page - Vishay Siliconix

  VFC1206RBBT Datasheet HTML 1Page - Vishay Siliconix VFC1206RBBT Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.vishay.com
N1
VFC1206
Vishay Foil Resistors
Document Number: 63084
Revision 03-Jul-02
VISHAY FOIL • FRANCE +33.4.93.37.28.24 FAX: +33.4.93.37.27.31
• GERMANY +49.9287.710 FAX: +49 9287.70435
• ISRAEL +972.3.557.0945 FAX: +972.3.558.9121
• ITALY + 39.2.300.11919 FAX: +39.2.300.11999
• JAPAN +81.42.729.0661 FAX: +81.42.729.3400
• SINGAPORE +65.788.6668 FAX: +65.788.0988
• SWEDEN +46.8.594.70590 FAX: +46.8.594.70581
• UK +44 191 514 8237 FAX: +44 1953 457 722
• USA +1 610 407-4800 FAX: +1 610 640-9081
FEATURES
• Nominal TCR: 0.5ppm/
°C (- 55°C to + 125°C)
• Resistance Range: 10
Ω to 30K
• Tolerance: to
± 0.01%
• Load Life Stability:
± 0.01% maximum ∆R under full rated
power at + 70
°C for 2000 hours
• Shelf Life Stability: 50ppm (0.005%) over several years
• Voltage Coefficient: < 0.00001%/volt (< 0.1ppm/V)
• Current Noise: < 0.010
µV (rms)/volt of applied voltage
• Non Inductive: < 0.08
µH
TABLE 1 - RESISTANCE VALUE VS
TOLERANCE AND TCR
VALUE
STANDARD
MAXIMUM
TOLERANCE (%)*
TCR**
100
Ω to 30K
± 0.01%
± 2.0ppm/°C
50
Ω to < 100Ω± 0.05
± 3.0ppm/°C
25
Ω to < 50Ω± 0.1
± 4.0ppm/°C
10
Ω to < 25Ω± 0.25
± 5.0ppm/°C
TEST
MIL-PRF-55342
VFC1206
CHARACTERISTIC E MAXIMUM
R LIMITS*
R LIMITS**
Temperature Coefficient of
± 25ppm/°C
See Table 1
Resistance
Thermal Shock
± 0.10%
± 0.02%
Low Temperature Operation
± 0.10%
± 0.02%
Short Time Overload
± 0.10%
± 0.02%
High Temperature Exposure
± 0.10%
± 0.03%
Resistance to Bonding
± 0.20%
± 0.02%
Moisture Resistance
± 0.20%
± 0.03%
Life 2000hrs at + 70
°C
± 0.50%
± 0.01%
TABLE 2 - TYPICAL PERFORMANCE SPECIFICATIONS
NOTES:
* As shown + 0.01
Ω to allow for measurement error.
** As shown + 0.01
Ω to allow for measurement error for values less
than 100
Ω.
High Precision Flip Chip,
Patents Pending (Industrialized Countries)
*Tighter tolerances are available.
Please contact Application
Engineering.
**Range: - 55
°C to + 125°C, + 25°C reference
- 50
- 25
0
+ 25
+ 50
+ 75
+ 100
+ 125
+ 150
+ 100
+ 50
0
- 50
- 100
- 150
- 200
∆R
R
(PPM)
Ambient Temperature (
°C)
FIGURE 1 - NOMINAL TCR
COMPARISON OF Z FOIL TO C FOIL
- 55
The TCR for values < 100
Ω are influenced by the termination
composition and result in a deviation from this curve.
< 0.5PPM/
°C
Z Alloy
C Alloy 2PPM/
°C
Z Alloy 0.5PPM/
°C
< 2PPM/
°C
C Alloy
The VFC1206 is a surface mountable flip chip resistor that
utilizes Ultra Precision Bulk Metal
® “Z” Foil. This product differs
from other Vishay Bulk Metal
® Foil surface mount devices in
as much as it is installed with the foil side facing the PCB
providing better power handling capabilities.
The Foil
element is isolated from the PCB by a protective overcoating.
This overcoating plus the overall product design isolates the
resistor from handling and installation stresses.
The temperature coefficient of resistance (TCR) curve shown
below compares the new revolutionary “Z” Foil with its TCR of
< 0.5ppm/
°C to the original Vishay “C” Foil. The Bulk Metal®
Foil characteristics of excellent long term stability, low noise
and availability of tight tolerance are maintained in this Flip
Chip configuration. The VFC1206 is available in any value
within the specified resistance range. The flip chip configuration
is more economical for high volume, anolog applications where
high precision is required.
Product may not
be to scale


Similar Part No. - VFC1206RBBT

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
VFC1200SA SYNERGY-VFC1200SA Datasheet
162Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
More results

Similar Description - VFC1206RBBT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL1506E VISHAY-WSL1506E Datasheet
136Kb / 2P
   Power Metal Strip Flip Chip (Extended Range) Patents Pending
Revision 11-Oct-02
WSLE VISHAY-WSLE Datasheet
103Kb / 3P
   Power Metal Strip® Flip Chip (Extended Range) Patents Pending
Revision: 18-Nov-08
logo
Panasonic Semiconductor
ELJ-FCR47KF PANASONIC-ELJ-FCR47KF Datasheet
482Kb / 19P
   Industrial Property Patents 6 (pending)
logo
Linear Dimensions Semic...
LNDA003-PEAL LINEAR_DIMENSIONS-LNDA003-PEAL Datasheet
245Kb / 1P
   PEAL Signal Extraction System (PATENTS PENDING)
logo
Vishay Siliconix
VFC1506 VISHAY-VFC1506 Datasheet
112Kb / 2P
   High Precision Flip Chip
Revision 13-Aug-04
logo
Ironwood Electronics.
SF-BGA352B-B-42 IRONWOOD-SF-BGA352B-B-42 Datasheet
53Kb / 1P
   Patent Pending
SF-BGA543A-B-42F IRONWOOD-SF-BGA543A-B-42F Datasheet
123Kb / 1P
   Patent Pending
logo
Taoglas antenna solutio...
SGP.1575.12.4.A.02 TAOGLAS-SGP.1575.12.4.A.02 Datasheet
1Mb / 12P
   patent pending
logo
Ironwood Electronics.
SF-BGA516B-B-42 IRONWOOD-SF-BGA516B-B-42 Datasheet
69Kb / 1P
   Patent Pending
SF-BGA529C-B-32 IRONWOOD-SF-BGA529C-B-32 Datasheet
64Kb / 1P
   Patent Pending
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com