Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z89321 Datasheet(PDF) 7 Page - Zilog, Inc.

Part # Z89321
Description  16-BIT DIGITAL SIGNAL PROCESSORS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89321 Datasheet(HTML) 7 Page - Zilog, Inc.

Back Button Z89321 Datasheet HTML 3Page - Zilog, Inc. Z89321 Datasheet HTML 4Page - Zilog, Inc. Z89321 Datasheet HTML 5Page - Zilog, Inc. Z89321 Datasheet HTML 6Page - Zilog, Inc. Z89321 Datasheet HTML 7Page - Zilog, Inc. Z89321 Datasheet HTML 8Page - Zilog, Inc. Z89321 Datasheet HTML 9Page - Zilog, Inc. Z89321 Datasheet HTML 10Page - Zilog, Inc. Z89321 Datasheet HTML 11Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
Z89321/371/391
Zilog
16-Bit Digital Signal Processors
DS97DSP0100
P R E L I M I N A R Y
7
1
Table 3. Z89321/371 44-Pin QFP Pin IdentiÞcation
No.
Symbol
Function
Direction
1-2
EXT3-EXT4
External data bus
Input/Output
3VSS
Ground
4-6
EXT5-EXT7
External data bus
Input/Output
7
TXD
Serial output to CODECs
Output
8-9
EXT8-EXT9
External data bus
Input/Output
10
VSS
Ground
11-12
EXT10-EXT1
External data bus
Input/Output
13
/INT2
Interrupt
Input
14
/INT1
Interrupt
Input
15
UI1
User input
Input
16
UI0
User input
Input
17
SCLK
CODEC serial clock
Input/Output*
18
VDD
Power supply
Input
19
RD//WR
RD//WR strobe EXT bus
Output
20
WAIT
WAIT state
Input
21
/RESET
Reset
Input
22-24
EA0-EA2
External address bus
Output
25
VDD
Power supply
Input
26
/DS
Data strobe for external bus
Output
27
CLK
Clock
Input
28
HALT
Stop execution
Input
29
FS0
CODEC 0 frame sync
Input/Output*
30
/INT0
Interrupt
Input
31-32
UO0-UO1
User output
Output
33
FS1
CODEC 1 frame sync
Input/Output*
34
VSS
Ground
35-37
EXT0-EXT2
External data bus
Input/Output
38
VSS
Ground
39
RXD
Serial input to CODECs
Input
40-42
EXT12-EXT14
External data bus
Input/Output
43
VSS
Ground
44
EXT15
External data bus
Input/Output
Note: *Input or output is defined by interface mode selection.


Similar Part No. - Z89321

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z89321 ZILOG-Z89321 Datasheet
299Kb / 40P
   16-Bit Digital Signal Processors
Z8932101ZEM ZILOG-Z8932101ZEM Datasheet
149Kb / 4P
   Z89371 ACCESSORY KIT
Z8932102EM ZILOG-Z8932102EM Datasheet
149Kb / 4P
   Z89371 ACCESSORY KIT
Z8932111ZEM ZILOG-Z8932111ZEM Datasheet
93Kb / 5P
   Provides Source-Level Debugging for DSP Codes
Z8932112ZEM ZILOG-Z8932112ZEM Datasheet
53Kb / 5P
   Windows-Based User Interface
More results

Similar Description - Z89321

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z89323 ZILOG-Z89323 Datasheet
514Kb / 61P
   16-BIT DIGITAL SIGNAL PROCESSORS
Z89321 ZILOG-Z89321 Datasheet
299Kb / 40P
   16-Bit Digital Signal Processors
logo
NEC
UPD77110 NEC-UPD77110 Datasheet
451Kb / 80P
   16-BIT FIXED-POINT DIGITAL SIGNAL PROCESSORS
logo
Zilog, Inc.
Z89223 ZILOG-Z89223 Datasheet
865Kb / 60P
   16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
Z8927320VSC ZILOG-Z8927320VSC Datasheet
988Kb / 60P
   16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
Z8927320VSG ZILOG-Z8927320VSG Datasheet
988Kb / 60P
   16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com