Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28516NE4 Datasheet(PDF) 8 Page - Texas Instruments

Part # UCC28516NE4
Description  ADVANCED PFC/PWM COMBINA CONTROLLERS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28516NE4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC28516NE4 Datasheet HTML 4Page - Texas Instruments UCC28516NE4 Datasheet HTML 5Page - Texas Instruments UCC28516NE4 Datasheet HTML 6Page - Texas Instruments UCC28516NE4 Datasheet HTML 7Page - Texas Instruments UCC28516NE4 Datasheet HTML 8Page - Texas Instruments UCC28516NE4 Datasheet HTML 9Page - Texas Instruments UCC28516NE4 Datasheet HTML 10Page - Texas Instruments UCC28516NE4 Datasheet HTML 11Page - Texas Instruments UCC28516NE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
UCC28510, UCC28511, UCC28512, UCC28513,
UCC28514, UCC28515, UCC28516, UCC28517
SLUS517B − DECEMBER 2002 − REVISED AUGUST 2004
8
www.ti.com
BLOCK DIAGRAM
VREF
20
14
12
11
9
17
16
GT1
PWRGND
ISENSE1
VCC
VAOUT
1.9 V
PKLMT
7.5 V
REFERENCE
UVLO
16 V, 9.7 V
10.2 V, 9.7 V
VCC
15
Q
S
CAOUT
SS2
gMVOLTAGE
ERROR AMP
8.0 V
13
1
3
VSENSE
VFF
19
IAC
18
MOUT
MIRROR
2:1
7.5 V
ENABLE
PFCOVP
÷
X
X
MULT
CLK1
CURRENT
AMP
6.75 V
GND
10
GT2
VCC
8
CLK2
1.5 V
1.3 V
R
ILIMIT
VERR
ISENSE2
ILIMIT
S
Q
UVLO2
PWM
0.33 V
(VFF)
2
ZERO
POWER
PWM STAGE
SOFT START
+
PWM
+
+
+
+
+
7
6
OSC
CLK2
CLK1
+
+
PWM
+
+
PFC
CLK1
CLK2
2
RT
+
D_MAX
4
CT_BUFF
5
D_MAX
COMP
3 V
+
R
R
R
PWM
PFC
PWM
PFC
IRT
PFC:PWM
Frequency
1:1 = IRT
1:2 = 0.5IRT
1x:2x Option Only
DETAILED PIN DESCRIPTIONS
CAOUT (Pin 15): This is the output of a wide-bandwidth operational amplifier that senses line current and
commands the PFC stage PWM comparator to force the correct duty cycle. This output can swing close to GND
to command maximum duty cycle, and above the PFC ramp peak voltage to force zero duty cycle when
necessary. Connect current loop compensation components between CAOUT and MOUT.
CT_BUFF (Pin 5): The 4-V amplitude oscillator ramp is internally buffered at this pin to allow a resistor to be
connected directly from this pin to ISENSE2 for slope compensation. The internal buffer can drive a typical
500-
µA resistive load at this pin.
D_MAX (Pin 4): Program the maximum duty cycle at GT2 by applying a dc voltage to this pin. Between 0.09
and 0.90, the maximum duty ratio is linearly related to D_MAX. Usually, this voltage is set with a precision
resistor divider powered by VREF. A first order approximation, with the CT_BUFF frequency near 200 kHz, is
estimated by:
D
MAX ^
V
DX * 1V
4V
where, DMAX is a dimensionless ratio
VDX is the voltage at D_MAX in volts


Similar Part No. - UCC28516NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28516N TI-UCC28516N Datasheet
563Kb / 39P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLERS
More results

Similar Description - UCC28516NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28510 TI-UCC28510 Datasheet
563Kb / 39P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLERS
UCC28510 TI1-UCC28510_13 Datasheet
1Mb / 42P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLERS
UCC28521 TI1-UCC28521_16 Datasheet
790Kb / 34P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLER
logo
Anpec Electronics Corop...
APW7026 ANPEC-APW7026 Datasheet
138Kb / 11P
   Advanced PWM and Dual Linear Power Controllers
APW6021 ANPEC-APW6021 Datasheet
139Kb / 13P
   Advanced PWM and Triple Linear Power Controllers
APW6021A ANPEC-APW6021A Datasheet
139Kb / 13P
   Advanced PWM and Triple Linear Power Controllers
APW6020 ANPEC-APW6020 Datasheet
128Kb / 13P
   Advanced Dual PWM and Dual Linear Power Controllers
logo
ON Semiconductor
CS5124 ONSEMI-CS5124 Datasheet
174Kb / 11P
   PWM Controllers
July, 2009 ??Rev. 7
logo
Fuji Electric
FA5533 FUJI-FA5533 Datasheet
244Kb / 3P
   PFC / PWM Combination
logo
TelCom Semiconductor, I...
TC25C25 TELCOM-TC25C25 Datasheet
88Kb / 7P
   BICMOS PWM CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com