Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKW20N60 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # SKW20N60
Description  Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SKW20N60 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button SKW20N60 Datasheet HTML 3Page - Infineon Technologies AG SKW20N60 Datasheet HTML 4Page - Infineon Technologies AG SKW20N60 Datasheet HTML 5Page - Infineon Technologies AG SKW20N60 Datasheet HTML 6Page - Infineon Technologies AG SKW20N60 Datasheet HTML 7Page - Infineon Technologies AG SKW20N60 Datasheet HTML 8Page - Infineon Technologies AG SKW20N60 Datasheet HTML 9Page - Infineon Technologies AG SKW20N60 Datasheet HTML 10Page - Infineon Technologies AG SKW20N60 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SKW20N60
7
Mar-00
0A
10A
20A
30A
40A
50A
0.0mJ
0.5mJ
1.0mJ
1.5mJ
2.0mJ
2.5mJ
3.0mJ
E
on*
E
off
E
ts*
0
10
20
30
40
50
60
0.0mJ
0.5mJ
1.0mJ
1.5mJ
2.0mJ
2.5mJ
3.0mJ
E
ts*
E
on*
E
off
IC, COLLECTOR CURRENT
RG, GATE RESISTOR
Figure 13. Typical switching energy losses
as a function of collector current
(inductive load, Tj = 150
°C, V
CE = 400V,
VGE = 0/+15V, RG = 16
Ω)
Figure 14. Typical switching energy losses
as a function of gate resistor
(inductive load, Tj = 150
°C, V
CE = 400V,
VGE = 0/+15V, IC = 20A)
0°C
50°C
100°C
150°C
0.0mJ
0.2mJ
0.4mJ
0.6mJ
0.8mJ
1.0mJ
1.2mJ
1.4mJ
1.6mJ
E
ts*
E
on*
E
off
1µs
10µs
100µs
1ms
10ms 100ms
1s
10
-4K/W
10
-3K/W
10
-2K/W
10
-1K/W
10
0K/W
0.01
0.02
0.05
0.1
0.2
single pulse
D=0.5
Tj, JUNCTION TEMPERATURE
tp, PULSE WIDTH
Figure 15. Typical switching energy losses
as a function of junction temperature
(inductive load, VCE = 400V, VGE = 0/+15V,
IC = 20A, RG = 1 6
Ω)
Figure 16. IGBT transient thermal
impedance as a function of pulse width
(D = tp / T)
*) Eon and Ets include losses
due to diode recovery.
*) Eon and Ets include losses
due to diode recovery.
*) Eon and Ets include losses
due to diode recovery.
C 1 = τ 1 / R 1
R 1
R 2
C 2 = τ 2 / R 2
R ,(1 / W )
τ , (s ) =
0.1882
0.1137
0.3214
2.24*10
-2
0.1512
7.86*10
-4
0.0392
9.41*10
-5


Similar Part No. - SKW20N60

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SKW20N60 INFINEON-SKW20N60 Datasheet
321Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2_2 Sep 08
SKW20N60HS INFINEON-SKW20N60HS Datasheet
358Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
SKW20N60HS INFINEON-SKW20N60HS Datasheet
352Kb / 14P
   High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation
Rev. 2.3 Sep 08
SKW20N60HS INFINEON-SKW20N60HS_08 Datasheet
352Kb / 14P
   High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation
Rev. 2.3 Sep 08
SKW20N60 INFINEON-SKW20N60_08 Datasheet
321Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2_2 Sep 08
More results

Similar Description - SKW20N60

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SKP10N60A INFINEON-SKP10N60A_08 Datasheet
368Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Sep 08
SKW15N120 INFINEON-SKW15N120 Datasheet
415Kb / 13P
   FAST IGBT IN NPT-TECHNOLOGY WITH SOFT, FAST RECOVERY ANTI-PARALLEL EmCon DIODE
Jul-02
SKW30N60 INFINEON-SKW30N60 Datasheet
393Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
SKP15N60 INFINEON-SKP15N60_08 Datasheet
377Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Sep 08
SKP15N60 INFINEON-SKP15N60 Datasheet
450Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
SKP02N60 INFINEON-SKP02N60 Datasheet
397Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
SKP10N60A INFINEON-SKP10N60A Datasheet
438Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Sep-02
SKB02N60 INFINEON-SKB02N60_07 Datasheet
1Mb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.2 Oct. 07
SKW15N120 INFINEON-SKW15N120_08 Datasheet
348Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2_2 Sep 08
SKB02N120 INFINEON-SKB02N120_07 Datasheet
1Mb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Oct 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com