Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JAN1N822URTR-1 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # JAN1N822URTR-1
Description  6.2 & 6.55 Volt Temperature Compensated 6.2 & 6.55 Volt Temperature Compensated
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JAN1N822URTR-1 Datasheet(HTML) 2 Page - Microsemi Corporation

  JAN1N822URTR-1 Datasheet HTML 1Page - Microsemi Corporation JAN1N822URTR-1 Datasheet HTML 2Page - Microsemi Corporation JAN1N822URTR-1 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
6.2 & 6.55 Volt Temperature Compensated
Zener Reference Diodes
SCOTTSD A L E DIVISION
1N821 thru 1N829A-1 DO-7
*ELECTRICAL CHARACTERISTICS @ 25oC, unless otherwise specified
ZENER
VOLTAGE
(Note 1 and 4)
VZ @ IZT
ZENER
TEST
CURRENT
IZT
MAXIMUM
ZENER
IMPEDANCE
(Note 2)
ZZT @ IZT
MAXIMUM
REVERSE
CURRENT
IR @ 3 V
VOLTAGE
TEMPERATURE
STABILITY
(
∆VZT MAX)
-55
oC to +100oC
(Note 3 and 4)
EFFECTIVE
TEMPERATURE
COEFFICIENT
αVZ
JEDEC
TYPE NUMBER
(Note 1, 5 & 6)
VOLTS
mA
OHMS
µA
mV
%/
oC
1N821
1N821A
1N822†
1N823
5.9 – 6.5
5.9 – 6.5
5.9 – 6.5
5.9 – 6.5
7.5
7.5
7.5
7.5
15
10
15
15
2.0
2.0
2.0
2.0
96
96
96
48
0.01
0.01
0.01
0.005
1N823A
1N824†
1N825
1N825A
5.9 – 6.5
5.9 – 6.5
5.9 – 6.5
5.9 – 6.5
7.5
7.5
7.5
7.5
10
15
15
10
2.0
2.0
2.0
2.0
48
48
19
19
0.005
0.005
0.002
0.002
1N826
1N827
1N827A
1N828
6.2 – 6.9
5.9 – 6.5
5.9 – 6.5
6.2 – 6.9
7.5
7.5
7.5
7.5
15
15
10
15
2.0
2.0
2.0
2.0
20
9
9
10
0.002
0.001
0.001
0.001
1N829
1N829A
5.9 – 6.5
5.9 – 6.5
7.5
7.5
15
10
2.0
2.0
5
5
0.0005
0.0005
*JEDEC Registered Data.
†Double Anode; electrical specifications apply under both bias polarities.
NOTES:
1.
Add a “-1” suffix for internal metallurgical bond. When ordering devices with tighter tolerances than specified for the VZ voltage nominal of
6.35 V, add a hyphened suffix to the part number for desired tolerance, e.g. 1N827-1-2%, 1N829-1-1%, 1N829A-1%, 1N829A-1-1%, etc.
2.
Zener impedance measured by superimposing 0.75 mA ac rms on 7.5 mA dc @ 25
oC.
3.
The maximum allowable change observed over the entire temperature range i.e., the diode voltage will not exceed the specified mV
change at discrete temperature between the established limits.
4.
Voltage measurements to be performed 15 seconds after application of dc current.
5.
1N821, 1N823, 1N825, 1N827, and 1N829 also have qualification to MIL-PRF-19500/159 by adding the JAN,
JANTX, JANTXV, or
JANS prefix to part numbers as well as the “-1” suffix; e.g. JANTX1N827-1, JANTXV1N829-1, etc.
6.
Designate Radiation Hardened devices with “RH” prefix instead of “1N”, e.g. RH829A instead of 1N829A.
GRAPHS
FIGURE 1
TYPICAL CHANGE OF TEMPERATURE COEFFICIENT
The curve shown in Figure 1 is typical of the diode series and
greatly simplifies the estimation of the Temperature Coefficient
(TC) when the diode is operated at currents other than 7.5mA.
EXAMPLE: A diode in this series is operated at a current of
7.5mA and has specified Temperature Coefficient (TC) limits of
+/-0.005%/
oC. To obtain the typical Temperature Coefficient
limits for this same diode operated at a current of 6.0mA, the
new TC limits (%/
oC) can be estimated using the graph in
FIGURE 1.
At a test current of 6.0mA the change in Temperature Coefficient
(TC) is approximately –0.0006%.
oC. The algebraic sum of +/-
0.005%
oC and –0.0006%/oC gives the estimated limits of
+0.0044%/
oC and -0.0056%/oC.
WITH CHANGE IN OPERATING CURRENT.
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2
Copyright
 2003
10-27-2003 REV C


Similar Part No. - JAN1N822URTR-1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN1N822URTR-1 MICROSEMI-JAN1N822URTR-1 Datasheet
196Kb / 3P
   6.2 & 6.55 Volt Temperature Compensated Surface Mount Zener Reference Diodes
More results

Similar Description - JAN1N822URTR-1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N821 MICROSEMI-1N821 Datasheet
78Kb / 2P
   6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N821-1 MICROSEMI-1N821-1 Datasheet
76Kb / 2P
   6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N821UR MICROSEMI-1N821UR Datasheet
196Kb / 3P
   6.2 & 6.55 Volt Temperature Compensated Surface Mount Zener Reference Diodes
logo
Digitron Semiconductors
1N4565 DIGITRON-1N4565 Datasheet
131Kb / 3P
   6.4 VOLT TEMPERATURE COMPENSATED 6.4 VOLT TEMPERATURE COMPENSATED
logo
Central Semiconductor C...
CPZ34R CENTRAL-CPZ34R Datasheet
620Kb / 2P
   6.2 Volt TVS Chip
logo
Microsemi Corporation
1N935 MICROSEMI-1N935 Datasheet
76Kb / 2P
   9.0 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N3154 MICROSEMI-1N3154_1 Datasheet
137Kb / 3P
   8.4 Volt Temperature Compensated Zener Reference Diodes
logo
New Jersey Semi-Conduct...
1N4765 NJSEMI-1N4765 Datasheet
118Kb / 1P
   9.1 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N941 NJSEMI-1N941 Datasheet
134Kb / 1P
   11.7 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Microsemi Corporation
1N3154 MICROSEMI-1N3154 Datasheet
72Kb / 2P
   8.4 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com