Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT11027N Datasheet(PDF) 1 Page - Texas Instruments

Part # 74ACT11027N
Description  TRIPLE 3-INPUT POSITIVE-NOR GATES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74ACT11027N Datasheet(HTML) 1 Page - Texas Instruments

  74ACT11027N Datasheet HTML 1Page - Texas Instruments 74ACT11027N Datasheet HTML 2Page - Texas Instruments 74ACT11027N Datasheet HTML 3Page - Texas Instruments 74ACT11027N Datasheet HTML 4Page - Texas Instruments 74ACT11027N Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
54ACT11027, 74ACT11027
TRIPLE 3-INPUT POSITIVE-NOR GATES
SCAS020A – D2957, JULY 1987 – REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Copyright
© 1993, Texas Instruments Incorporated
2–1
Inputs Are TTL-Voltage Compatible
Flow-Through Architecture Optimizes
PCB Layout
Center-Pin V
CC and GND Configurations
Minimize High-Speed Switching Noise
EPICt (Enhanced-Performance Implanted
CMOS) 1-
mm Process
500-mA Typical Latch-Up Immunity at 125°C
Package Options Include Plastic
Small-Outline Packages, Ceramic Chip
Carriers, and Standard Plastic and Ceramic
300-mil DIPs
description
These devices contain three independent 3-input
NOR gates. They perform the Boolean functions
Y = A + B + C or Y = A
SBSC in positive logic.
The 54ACT11027 is characterized for operation
over the full military temperature range of – 55
°C
to 125
°C. The 74ACT11027 is characterized for
operation from – 40
°C to 85°C.
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
C
Y
H
X
X
L
X
HX
L
X
XH
L
L
L
L
H
logic symbol
logic diagram (positive logic)
1A
1B
1C
2A
2B
2C
3A
3B
3C
1
16
15
14
11
10
9
8
7
2
3
6
1Y
2Y
3Y
≥ 1
1A
1
1Y
1B
1C
16
15
2
2A
14
2Y
2B
2C
11
10
3
3A
9
3Y
3B
3C
8
7
6
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
Pin numbers shown are for the D, J, and N packages.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1A
1Y
2Y
GND
GND
3Y
3C
3B
1B
1C
2A
VCC
VCC
2B
2C
3A
(TOP VIEW)
54ACT11027 ...J PACKAGE
74ACT11027 ...D OR N PACKAGE
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
2C
3A
NC
3B
3C
1C
1B
NC
1A
1Y
54ACT11027 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
EPIC is a trademark of Texas Instruments Incorporated.


Similar Part No. - 74ACT11027N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11027N TI1-74ACT11027N Datasheet
81Kb / 5P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATES
More results

Similar Description - 74ACT11027N

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74G27A POTATO-PO74G27A Datasheet
464Kb / 6P
   TRIPLE 3-INPUT POSITIVE-NOR GATES
logo
Hitachi Semiconductor
HD74LV27A HITACHI-HD74LV27A Datasheet
54Kb / 12P
   Triple 3-input Positive NOR Gates
logo
Texas Instruments
SN54F27 TI-SN54F27 Datasheet
67Kb / 5P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATES
SN54HC27 TI-SN54HC27 Datasheet
486Kb / 14P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATES
logo
Hitachi Semiconductor
HD74LS27 HITACHI-HD74LS27 Datasheet
44Kb / 5P
   Triple 3-input Positive NOR Gates
logo
Potato Semiconductor Co...
PO74G27A POTATO-PO74G27A_14 Datasheet
1Mb / 5P
   TRIPLE 3-INPUT POSITIVE-NOR GATES
logo
Renesas Technology Corp
HD74LS27 RENESAS-HD74LS27 Datasheet
56Kb / 5P
   Triple 3-input Positive NOR Gates
logo
Texas Instruments
SN54ALS27A TI1-SN54ALS27A_15 Datasheet
812Kb / 18P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATES
SN54ALS27A TI-SN54ALS27A Datasheet
96Kb / 6P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATES
logo
Renesas Technology Corp
HD74LV27A RENESAS-HD74LV27A Datasheet
70Kb / 9P
   Triple 3-input Positive NOR Gates
logo
Texas Instruments
54AC11027 TI1-54AC11027_09 Datasheet
83Kb / 5P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com