Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

79RC32T355150DHI Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 79RC32T355150DHI
Description  Communications Processor
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

79RC32T355150DHI Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 79RC32T355150DHI Datasheet HTML 2Page - Integrated Device Technology 79RC32T355150DHI Datasheet HTML 3Page - Integrated Device Technology 79RC32T355150DHI Datasheet HTML 4Page - Integrated Device Technology 79RC32T355150DHI Datasheet HTML 5Page - Integrated Device Technology 79RC32T355150DHI Datasheet HTML 6Page - Integrated Device Technology 79RC32T355150DHI Datasheet HTML 7Page - Integrated Device Technology 79RC32T355150DHI Datasheet HTML 8Page - Integrated Device Technology 79RC32T355150DHI Datasheet HTML 9Page - Integrated Device Technology 79RC32T355150DHI Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
6 of 47
May 25, 2004
IDT 79RC32355
RWN
O
High Drive Read or Write. This signal indicates if the transaction on the memory and peripheral bus is a read transaction or a write
transaction. A high level indicates a read from an external device, a low level indicates a write to an external device.
OEN
O
High Drive Output Enable. This signal is asserted low when data should be driven by an external device during device read transac-
tions on the memory and peripheral bus.
BWEN[3:0]
O
High Drive SDRAM Byte Enable Mask or Memory and I/O Byte Write Enables. These signals are used as data input/output masks
during SDRAM transactions and as byte write enable signals during device controller transactions on the memory and
peripheral bus. They are active low.
BWEN[0] corresponds to byte lane MDATA[7:0].
BWEN[1] corresponds to byte lane MDATA[15:8].
BWEN[2] corresponds to byte lane MDATA[23:16].
BWEN[3] corresponds to byte lane MDATA[31:24].
SDCSN[1:0]
O
High Drive SDRAM Chip Select. These signals are used to select the SDRAM device on the memory and peripheral bus. Each bit is
asserted low during an access to the selected SDRAM.
RASN
O
High Drive SDRAM Row Address Strobe. The row address strobe asserted low during memory and peripheral bus SDRAM transac-
tions.
CASN
O
High Drive SDRAM Column Address Strobe. The column address strobe asserted low during memory and peripheral bus SDRAM
transactions.
SDWEN
O
High Drive SDRAM Write Enable. Asserted low during memory and peripheral bus SDRAM write transactions.
CKENP
O
Low Drive SDRAM Clock Enable. Asserted high during active SDRAM clock cycles.
Primary function: General Purpose I/O, GPIOP[21].
SDCLKINP
I
STI
SDRAM Clock Input. This clock input is a delayed version of SYSCLKP. SDRAM read data is sampled into the RC32355
on the rising edge of this clock.
ATM Interface
ATMINP[11:0]
I
STI
ATM PHY Inputs. These pins are the inputs for the ATM interface.
ATMIOP[1:0]
I/O
Low Drive
with STI
ATM PHY Bidirectional Signals. These pins are the bidirectional pins for the ATM interface.
ATMOUTP[9:0]
O
Low Drive ATM PHY Outputs. These pins are the outputs for the ATM interface.
TXADDR[1:0]
O
Low Drive ATM Transmit Address [1:0]. 2-bit address bus used for transmission in Utopia-2 mode.
TXADDR[0] Primary function: General purpose I/O, GPIOP[22].
TXADDR[1] Primary function: General purpose I/O, GPIOP[23].
RXADDR[1:0]
O
Low Drive ATM Receive Address [1:0]. 2-bit address bus for receiving in Utopia-2 mode.
RXADDR[0] Primary function: General purpose I/O, GPIOP[24].
RXADDR[1] Primary function: General purpose I/O, GPIOP[25].
TDM Bus
TDMDOP
O
High Drive TDM Serial Data Output. Serial data is driven by the RC32355 on this signal during an active output time slot. During inac-
tive time slots this signal is tri-stated.
Primary function: General purpose I/O, GPIOP[32].
TDMDIP
I
STI
TDM Serial Data Input. Serial data is received by the RC32355 on this signal during active input time slots.
Primary function: General purpose I/O, GPIOP[33].
TDMFP
I/O
High Drive TDM Frame Signal. A transition on this signal, the active polarity of which is programmable, delineates the start of a new
TDM bus frame. TDMFP is driven if the RC32355 is a master, and is received if it is a slave.
Primary function: General purpose I/O, GPIOP[34].
TDMCLKP
I
STI
TDM Clock. This input clock controls the rate at which data is sent and received on the TDM bus.
Primary function: General purpose I/O, GPIOP[35].
Name
Type I/O Type
Description
Table 1 Pin Descriptions (Part 2 of 8)


Similar Part No. - 79RC32T355150DHI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
79RC32T355-133DH IDT-79RC32T355-133DH Datasheet
987Kb / 47P
   IDT Interprise Integrated Communications Processor
79RC32T355-133DHI IDT-79RC32T355-133DHI Datasheet
987Kb / 47P
   IDT Interprise Integrated Communications Processor
79RC32T355-150DH IDT-79RC32T355-150DH Datasheet
987Kb / 47P
   IDT Interprise Integrated Communications Processor
79RC32T355-150DHI IDT-79RC32T355-150DHI Datasheet
987Kb / 47P
   IDT Interprise Integrated Communications Processor
79RC32T355-180DH IDT-79RC32T355-180DH Datasheet
987Kb / 47P
   IDT Interprise Integrated Communications Processor
More results

Similar Description - 79RC32T355150DHI

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8344B NSC-DP8344B Datasheet
2Mb / 184P
   Biphase Communications Processor?좦CP
logo
NXP Semiconductors
P3041NXN7NNC NXP-P3041NXN7NNC Datasheet
331Kb / 31P
   P3041 QorIQ Communications Processor
Rev. 0, 11/2011
logo
Texas Instruments
TMS320TCI6484CMH TI1-TMS320TCI6484CMH Datasheet
2Mb / 242P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
logo
Integrated Device Techn...
79RC32435 IDT-79RC32435 Datasheet
877Kb / 53P
   IDTTM InterpriseTM Integrated Communications Processor
logo
Teledyne Technologies I...
T1042 TELEDYNE-T1042 Datasheet
1Mb / 174P
   QorIQ Integrated Multicore Communications Processor
logo
Renesas Technology Corp
79RC32351 RENESAS-79RC32351 Datasheet
1Mb / 43P
   IDTTM InterpriseTM Integrated Communications Processor
May 25, 2004
RC32336 RENESAS-RC32336 Datasheet
783Kb / 45P
   IDTTM InterpriseTM Integrated Communications Processor
October 4, 2005
logo
Texas Instruments
TMS320TCI6484 TI1-TMS320TCI6484 Datasheet
2Mb / 242P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
logo
Integrated Device Techn...
IDT79RC32332 IDT-IDT79RC32332 Datasheet
987Kb / 47P
   IDT Interprise Integrated Communications Processor
logo
Texas Instruments
TMS320TCI6487 TI1-TMS320TCI6487_19 Datasheet
1Mb / 220P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com