Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7302A Datasheet(PDF) 10 Page - Analog Devices

Part # ADV7302A
Description  Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7302A Datasheet(HTML) 10 Page - Analog Devices

Back Button ADV7302A Datasheet HTML 6Page - Analog Devices ADV7302A Datasheet HTML 7Page - Analog Devices ADV7302A Datasheet HTML 8Page - Analog Devices ADV7302A Datasheet HTML 9Page - Analog Devices ADV7302A Datasheet HTML 10Page - Analog Devices ADV7302A Datasheet HTML 11Page - Analog Devices ADV7302A Datasheet HTML 12Page - Analog Devices ADV7302A Datasheet HTML 13Page - Analog Devices ADV7302A Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
REV. A
–10–
ADV7302A/ADV7303A
S7–S0
Cb0
Y0
Cr0
Y1
Cb1
Y2
S_HSYNC,
S_VSYNC,
S_BLANK
CONTROL
I/PS
CLKIN_A
t9
t10
t11
t12
SD INPUT
t9
t11
CLKIN_B
Y7–Y0
t10
t12
t11
t12
CONTROL
I/PS
P_HSYNC,
P_VSYNC,
P_BLANK
PS INPUT
Crxxx
Yxxx
Cb0
Y0
Cr0
Y1
Figure 10. SD and HD Simultaneous Input, Input Mode: SD and PS 8-Bit (Input Mode at Subaddress 01h = 100)
P_HSYNC
P_VSYNC
P_BLANK
Y7–Y0
Cb
Y
Cr
Y
b
a
a = 32 CLKCYCLES FOR 525p
a = 24 CLKCYCLES FOR 625p
AS RECOMMENDED BY STANDARD
b(MIN) = 244 CLKCYCLES FOR 525p
b(MIN) = 264 CLKCYCLES FOR 625p
Figure 11. PS 4:2:2 1
8-Bit Interleaved @ 54 MHz Input Timing Diagram


Similar Part No. - ADV7302A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7302A AD-ADV7302A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
More results

Similar Description - ADV7302A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7303A AD-ADV7303A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7302A AD-ADV7302A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7300A AD-ADV7300A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
REV. A
ADV7304A AD-ADV7304A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV 14-Bit DACs
REV. A
ADV7301A AD-ADV7301A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV
REV. A
ADV7300A AD-ADV7300A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV
REV. A
ADV7195 AD-ADV7195_15 Datasheet
562Kb / 36P
   Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs and 10-Bit Data Input
REV. A
ADV7195 AD-ADV7195 Datasheet
556Kb / 36P
   Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs and 10-Bit Data Input
REV. A
ADV7196A AD-ADV7196A_15 Datasheet
533Kb / 36P
   Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs, 10-Bit Data Input, and Macrovision
REV. 0
ADV7196A AD-ADV7196A Datasheet
501Kb / 36P
   Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs, 10-Bit Data Input, and Macrovision
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com