Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA6425FS Datasheet(PDF) 2 Page - LSI Computer Systems

Part # BA6425FS
Description  3-phase full-wave fan motor driver IC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

BA6425FS Datasheet(HTML) 2 Page - LSI Computer Systems

  BA6425FS Datasheet HTML 1Page - LSI Computer Systems BA6425FS Datasheet HTML 2Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
If VM voltage is low, this IC may not be able to flow the output current by absolute maximum ratings.
mA
mV
Application Circuit
Operating supply voltage range
VCC
5
17
V
Operating supply voltage range
VM
3.5
17
V
Hall Amp in-phase voltage range
VCH
1.1
VCC1.0
V
V
V
V
V
V
Recommended Operating Conditions (Ta=25˚C)
Parameter
Min.
Max.
Unit
Typ.
Symbol
VCC circuit current
ICC
0.8
0.35
–4.0
–10
0.38
–2.0
7.5
0
±8
±18
±28
3.7
76
1.21
0.55
0.5
6.0
120
1.6
0.75
2.0
2.0
4.5
0.2
10
0.62
0
VCC
mV
µA
µA
V
µA
µA
IM
VOH
VOL
IBH1
IBH2
ISD
VCL
IFRL
VFRH
VFRL
VFGL
VHYS
VM circuit current
Output saturation voltage H
Output saturation voltage L
Hall bias current H1
Hall bias current H2, H3
Input-converted offset voltage
Current limit voltage
FR bias current
Forward input voltage range
Reverse input voltage range
FG output L voltage
FG hysteresis width
Output : Open, Input : HLH
Output : Open, Input : HLH
IO=350mA
IO=350mA RNF=0.5
Electrical characteristics (Unless otherwise noted: Ta=25˚C, Vcc=VM=12V)
Symbol
Min.
Max.
Unit
Conditions
Typ.
Parameter
3
RNF=0.5
IO=2mA
Signal combiner
Differential divide
Driver
Forward/
Reverse
select
Current
limit AMP
RNF
A3
A2
A1
VM
PCI
PCV
GND
FR
H3-
H3+
H2-
H2+
H1-
H1+
FG
HALL
1
HALL
2
HALL
3
FG
Output
saturation
prevent
TSD
A1 A2 A3
VCC
BA6425FS


Similar Part No. - BA6425FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6423AF ROHM-BA6423AF Datasheet
228Kb / 5P
   Single-Phase Full-Wave Motor Pre-Driver for Fan
BA6423AF ROHM-BA6423AF Datasheet
288Kb / 4P
   Single-phase Full-Wave Motor Pre-Driver for Fan
BA6423AF ROHM-BA6423AF Datasheet
108Kb / 4P
   Silicon Monolithic Integrated Circuit
BA6423AF ROHM-BA6423AF Datasheet
578Kb / 13P
   Standard Single-phase Full wave Fan Motor Driver
BA6423AF-E2 ROHM-BA6423AF-E2 Datasheet
578Kb / 13P
   Standard Single-phase Full wave Fan Motor Driver
More results

Similar Description - BA6425FS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8480NSB PANASONIC-AN8480NSB Datasheet
65Kb / 6P
   3-phase full-wave motor driver IC
logo
LSI Computer Systems
BA6428F LSI-BA6428F Datasheet
263Kb / 2P
   Single phase full-wave driver IC for fan motor
logo
ON Semiconductor
LA6597FMC ONSEMI-LA6597FMC Datasheet
281Kb / 5P
   Single-phase Full-wave Fan Motor IC
May, 2013
ENA2073 ONSEMI-ENA2073 Datasheet
281Kb / 5P
   Single-phase Full-wave Fan Motor IC
May, 2013
LA6681MC ONSEMI-LA6681MC Datasheet
287Kb / 4P
   Single-phase Full-wave Fan Motor IC
May, 2013
logo
Sanyo Semicon Device
LB11862M SANYO-LB11862M Datasheet
393Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
LB11964T SANYO-LB11964T Datasheet
77Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
logo
Rohm
BH67172NUX ROHM-BH67172NUX Datasheet
673Kb / 20P
   Three-Phase Full-Wave Fan Motor Driver
BD63242EFV ROHM-BD63242EFV Datasheet
1Mb / 33P
   Three-phase Full-wave Fan Motor Driver
logo
Agamem Microelectronic ...
AA51861 AGAMEM-AA51861 Datasheet
37Kb / 1P
   SINGLE-PHASE FULL-WAVE FAN MOTOR DRIVER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com