Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC858CDXV6T1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # BC858CDXV6T1
Description  Dual General Purpose Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC858CDXV6T1 Datasheet(HTML) 1 Page - ON Semiconductor

  BC858CDXV6T1 Datasheet HTML 1Page - ON Semiconductor BC858CDXV6T1 Datasheet HTML 2Page - ON Semiconductor BC858CDXV6T1 Datasheet HTML 3Page - ON Semiconductor BC858CDXV6T1 Datasheet HTML 4Page - ON Semiconductor BC858CDXV6T1 Datasheet HTML 5Page - ON Semiconductor BC858CDXV6T1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2003
March, 2003 - Rev. 2
1
Publication Order Number:
BC858CDXV6T1/D
BC858CDXV6T1,
BC858CDXV6T5
Dual General Purpose
Transistor
PNP Dual
This transistor is designed for general purpose amplifier
applications. It is housed in the SOT-563 which is designed for low
power surface mount applications.
Lead-Free Solder Plating
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector - Emitter Voltage
VCEO
-30
V
Collector - Base Voltage
VCBO
-30
V
Emitter - Base Voltage
VEBO
-5.0
V
Collector Current -
Continuous
IC
-100
mAdc
THERMAL CHARACTERISTICS
Characteristic
(One Junction Heated)
Symbol
Max
Unit
Total Device Dissipation
TA = 25°C
Derate above 25
°C
PD
357
(Note 1)
2.9
(Note 1)
mW
mW/
°C
Thermal Resistance
Junction-to-
Ambient
RqJA
350
(Note 1)
°C/W
Characteristic
(Both Junctions Heated)
Symbol
Max
Unit
Total Device Dissipation
TA = 25°C
Derate above 25
°C
PD
500
(Note 1)
4.0
(Note 1)
mW
mW/
°C
Thermal Resistance Junction-to-Am-
bient
RqJA
250
(Note 1)
°C/W
Junction and Storage
Temperature Range
TJ, Tstg
- 55 to +150
°C
1. FR-4 @ Minimum Pad
SOT-563
CASE 463A
PLASTIC
1
2
3
6
5 4
Q1
(1)
(2)
(3)
(4)
(5)
(6)
Q2
http://onsemi.com
3L = Specific Device Code
D
= Date Code
MARKING DIAGRAM
3L D
Device
Package
Shipping
ORDERING INFORMATION
BC858CDXV6T1
SOT-563
4 mm pitch
4000/Tape & Reel
BC858CDXV6T5
SOT-563
2 mm pitch
8000/Tape & Reel


Similar Part No. - BC858CDXV6T1

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
BC858CDW YEASHIN-BC858CDW Datasheet
940Kb / 6P
   Dual General Purpose Transistors
logo
Leshan Radio Company
BC858CDW1T1 LRC-BC858CDW1T1 Datasheet
164Kb / 5P
   Dual General Purpose Transistors(PNP Duals)
logo
ON Semiconductor
BC858CDW1T1 ONSEMI-BC858CDW1T1 Datasheet
106Kb / 6P
   Dual General Purpose Transistors
January, 2004 ??Rev. 3
logo
E-Tech Electronics LTD
BC858CDW1T1 ETL-BC858CDW1T1 Datasheet
469Kb / 5P
   Dual General Purpose Transistors
logo
ON Semiconductor
BC858CDW1T1G ONSEMI-BC858CDW1T1G Datasheet
178Kb / 6P
   Dual General Purpose Transistors
October, 2009 ??Rev. 7
More results

Similar Description - BC858CDXV6T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBT3946DW1T1G ONSEMI-MBT3946DW1T1G Datasheet
246Kb / 10P
   Dual General Purpose Transistor
October, 2009 ??Rev. 5
logo
Unisonic Technologies
IMX2 UTC-IMX2_11 Datasheet
100Kb / 2P
   GENERAL PURPOSE DUAL TRANSISTOR
logo
WILLAS ELECTRONIC CORP
MMBT2907ADW1T1 WILLAS-MMBT2907ADW1T1 Datasheet
437Kb / 5P
   Dual General Purpose Transistor
logo
ON Semiconductor
NST3904DP6T5G ONSEMI-NST3904DP6T5G Datasheet
101Kb / 4P
   Dual General Purpose Transistor
April, 2008 ??Rev. 0
NST3946DW1T1 ONSEMI-NST3946DW1T1 Datasheet
168Kb / 12P
   Dual General Purpose Transistor
January, 2004 ??Rev. 2
EMT1DXV6 ONSEMI-EMT1DXV6_14 Datasheet
60Kb / 4P
   Dual General Purpose Transistor
November, 2014 ??Rev. 2
logo
Unisonic Technologies
IMT17 UTC-IMT17_15 Datasheet
194Kb / 4P
   GENERAL PURPOSE DUAL TRANSISTOR
logo
ON Semiconductor
MBT3906DW1T1 ONSEMI-MBT3906DW1T1 Datasheet
111Kb / 6P
   Dual General Purpose Transistor
January, 2005 ??Rev. 1
logo
Leshan Radio Company
LMBT3904DW1T1G LRC-LMBT3904DW1T1G_15 Datasheet
246Kb / 7P
   Dual General Purpose Transistor
logo
Unisonic Technologies
UMZ1N UTC-UMZ1N_15 Datasheet
95Kb / 3P
   GENERAL PURPOSE DUAL TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com