Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCW60D Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BCW60D
Description  Small Signal Transistors (PNP)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BCW60D Datasheet(HTML) 1 Page - Vishay Siliconix

  BCW60D Datasheet HTML 1Page - Vishay Siliconix BCW60D Datasheet HTML 2Page - Vishay Siliconix BCW60D Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BCW61 Series
Vishay Semiconductors
formerly General Semiconductor
Document Number 88171
www.vishay.com
09-May-02
1
New Product
Small Signal Transistors (PNP)
Features
• PNP Silicon Epitaxial Planar Transistors
• Suited for low level, low noise, low
frequency applications in hybrid cicuits.
• Low Current, Low Voltage.
• As complementary types, BCW60 Series NPN
transistors are recommended.
Mechanical Data
Case: SOT-23 Plastic Package
Weight: approx. 0.008g
Marking
BCW61A = BA
Code:
BCW61B = BB
BCW61C = BC
BCW61D = BD
Packaging Codes/Options:
E8/10K per 13” reel (8mm tape), 30K/box
E9/3K per 7” reel (8mm tape), 30K/box
.016 (0.4)
.037(0.95) .037(0.95)
.122 (3.1)
.016 (0.4)
.016 (0.4)
1
2
3
Top View
.102 (2.6)
.110 (2.8)
.094 (2.4)
TO-236AB (SOT-23)
Dimensions in inches and (millimeters)
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symbol
Value
Unit
Collector-Emitter Voltage (VBE = 0)
–VCES
32
V
Collector-Emitter Voltage
–VCEO
32
V
Emitter-Base Voltage
–VEBO
5.0
V
Collector Current (DC)
–IC
100
mA
Peak Collector Current
–ICM
200
mA
Base Current (DC)
–IB
50
mA
Power Dissipation
Ptot
250
mW
Maximum Junction Temperature
Tj
150
°C
Storage Temperature Range
TSTG
–65 to +150
°C
Thermal Resistance, Junction to Ambient Air
R
θJA
500(1)
°C/W
Note:
(1) Mounted on FR-4 printed-ciruit board.
0.079 (2.0)
0.037 (0.95)
0.035 (0.9)
0.031 (0.8)
0.037 (0.95)
Mounting Pad Layout
Pin Configuration
1. Base
2. Emitter
3. Collector


Similar Part No. - BCW60D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCW60D PHILIPS-BCW60D Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 22
BCW60D NXP-BCW60D Datasheet
126Kb / 6P
   NPN general purpose transistors
1999 Apr 22
logo
Samsung semiconductor
BCW60D SAMSUNG-BCW60D Datasheet
35Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
NXP Semiconductors
BCW60D PHILIPS-BCW60D Datasheet
126Kb / 6P
   NPN general purpose transistors
1999 Apr 22
logo
Siemens Semiconductor G...
BCW60D SIEMENS-BCW60D Datasheet
282Kb / 9P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
More results

Similar Description - BCW60D

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DMMT3906 MCC-DMMT3906_11 Datasheet
236Kb / 4P
   PNP Small Signal Transistors
logo
General Semiconductor
2N4403 GE-2N4403 Datasheet
98Kb / 3P
   SMALL SIGNAL TRANSISTORS (PNP)
BC327 GE-BC327 Datasheet
243Kb / 5P
   Small Signal Transistors (PNP)
BC556 GE-BC556 Datasheet
253Kb / 6P
   Small Signal Transistors (PNP)
MMBT4403 GE-MMBT4403 Datasheet
116Kb / 3P
   SMALL SIGNAL TRANSISTORS (PNP)
MPS2907A GE-MPS2907A Datasheet
39Kb / 3P
   SMALL SIGNAL TRANSISTORS (PNP)
logo
Micro Commercial Compon...
MMSTA92 MCC-MMSTA92_11 Datasheet
204Kb / 2P
   PNP Small Signal Transistors
MMST2907A MCC-MMST2907A_11 Datasheet
193Kb / 2P
   PNP Small Signal Transistors
logo
General Semiconductor
MMBT3906 GE-MMBT3906 Datasheet
136Kb / 3P
   SMALL SIGNAL TRANSISTORS (PNP)
MMBTA56 GE-MMBTA56 Datasheet
56Kb / 2P
   Small Signal Transistors (PNP)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com