Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE2061 Datasheet(PDF) 3 Page - NTE Electronics

Part # NTE2061
Description  Integrated Circuit PMOS LSI Alarm Clock Circuit
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE2061 Datasheet(HTML) 3 Page - NTE Electronics

  NTE2061 Datasheet HTML 1Page - NTE Electronics NTE2061 Datasheet HTML 2Page - NTE Electronics NTE2061 Datasheet HTML 3Page - NTE Electronics NTE2061 Datasheet HTML 4Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Function Table B:
Display
Mode
Time Setting
Input Pin
Function
FAST
Minutes contents advance at a 60Hz (Note 3) rate.
Real Time
SLOW
Minutes contents advance at a 2Hz rate.
Display
BOTH
Minutes contents advance at a 60Hz (Note 3) rate.
FAST
Minutes contents advance at a 60Hz (Note 3) rate.
Alarm
SLOW
Minutes contents advance at a 2Hz rate.
Display
BOTH
AM 12:00 is set when in the 12–hour display mode.
0:00 is set when in the 24–hour display mode.
FAST
00 seconds is set. No carry to minutes is generated.
Seconds
SLOW
Seconds counting is stopped (Held).
Display
BOTH
(When in the 12–hour display mode) the real time counter is set to AM 12:00.
(When in the 24–hour display mode) the real time counter is set to 0:00.
FAST
Minutes contents advance at a 60Hz (Note 3) rate.
Sleep
Display
SLOW
Minutes contents advance at a 2Hz rate.
Display
BOTH
Minutes contents advance at a 60Hz (Note 3) rate.
Note 3. For 50Hz use, 50Hz shall apply.
Note 4. Both means that 2 input pins of FAST and SLOW are set to “H”.
Pin Connection Diagram
VSS
VDD
50/60 HZ Input
50/60 HZ Select
Colon (1HZ)
Hrs c
PM Output
Hrs a
Hrs g
Hrs f
Hrs b
Slow Set Input
Hrs d
12/24 Hr Select
10 Hrs b & c
1
2
3
4
5
6
7
40
39
38
37 N.C./Blanking Input*
36
35
34 Fast Set Input
8
33
Hrs e
Second Display Input
9
32
10 Mins g
Sleep Display Input
10 Mins f 10
31 Alarm Display Input
11
30
10 Mins–a & d 12
29
Mins–d
Mins f
10 Mins b
10Mins e
Alarm Output
10 Mins c
13
14
15
28
27 Sleep Output
26 Alarm Off Input
16
25
Mins g
Snooze Input
17
24
Mins b
Mins–c
Mins a 18
23 Output Common Source
19
22
20
21
AM Output
Mins e
Note: N.C. pin must not be used for external connection such as a relay point.
Pin 37 is Blanking Input on the NTE2061


Similar Part No. - NTE2061

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2062 NTE-NTE2062 Datasheet
35Kb / 5P
   Integrated Circuit PMOS Digital Alarm Clock
logo
List of Unclassifed Man...
NTE2065 ETC1-NTE2065 Datasheet
32Kb / 1P
   MISCELLAMEOUS INTEGRATED CIRCUITS
More results

Similar Description - NTE2061

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2062 NTE-NTE2062 Datasheet
35Kb / 5P
   Integrated Circuit PMOS Digital Alarm Clock
logo
List of Unclassifed Man...
MC1203N ETC-MC1203N Datasheet
281Kb / 4P
   LSI PMOS
logo
NTE Electronics
NTE1759 NTE-NTE1759 Datasheet
23Kb / 2P
   Integrated Circuit PMOS, 26 Command TV Remote Control Reciever
logo
Mitsubishi Electric Sem...
M64282FP MITSUBISHI-M64282FP Datasheet
90Kb / 18P
   Mitsubishi Integrated Circuit Image Sensor (Artificial Retina LSI)
logo
Samsung semiconductor
KS5911 SAMSUNG-KS5911 Datasheet
540Kb / 13P
   CMOS DIGITAL INTEGRATED CIRCUIT (VOICE RECORDING & REPRODUCING LSI
logo
NTE Electronics
NTE15044 NTE-NTE15044 Datasheet
19Kb / 2P
   Integrated Circuit CMOS, LSI for Supply Voltage Detection
logo
Rohm
BH6176GU ROHM-BH6176GU_11 Datasheet
177Kb / 5P
   Silicon Monolithic Integrated Circuit Power Management LSI for MultiMedia LSI on Cellular
logo
NEC
UPD2813C NEC-UPD2813C Datasheet
496Kb / 6P
   Clock And Radio Frequency Counter/Display Circuit CMOS LSI
logo
Toshiba Semiconductor
T6963C TOSHIBA-T6963C Datasheet
1Mb / 46P
   CMOS DIGITAL INTEGRATED CIRCUIT (DOT MATRIX LCD CONTROL LSI)
logo
Integral Corp.
IL8560 INTEGRAL-IL8560 Datasheet
223Kb / 6P
   CLOCK CIRCUIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com