Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRAMY20UP60B Datasheet(PDF) 6 Page - International Rectifier

Part # IRAMY20UP60B
Description  iMOTION Series 20A, 600V
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAMY20UP60B Datasheet(HTML) 6 Page - International Rectifier

Back Button IRAMY20UP60B Datasheet HTML 2Page - International Rectifier IRAMY20UP60B Datasheet HTML 3Page - International Rectifier IRAMY20UP60B Datasheet HTML 4Page - International Rectifier IRAMY20UP60B Datasheet HTML 5Page - International Rectifier IRAMY20UP60B Datasheet HTML 6Page - International Rectifier IRAMY20UP60B Datasheet HTML 7Page - International Rectifier IRAMY20UP60B Datasheet HTML 8Page - International Rectifier IRAMY20UP60B Datasheet HTML 9Page - International Rectifier IRAMY20UP60B Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
IRAMY20UP60B
6
www.irf.com
Thermal and Mechanical Characteristics
Symbol
Parameter
Min
Typ
Max
Units Conditions
Rth(J-C)
Thermal resistance, per IGBT
---
1.6
1.8
Rth(J-C)
Thermal resistance, per Diode
---
2.2
3
Rth(C-S)
Thermal resistance, C-S
---
0.1
---
CD
Creepage Distance
3.5
---
---
mm
See outline Drawings
°C/W
Flat, greased surface. Heatsink
compound thermal conductivity
1W/mK
Internal Current Sensing Resistor - Shunt Characteristics
Symbol
Parameter
Min
Typ
Max
Units Conditions
RShunt
Resistance
16.8
17.0
17.2
mΩ
TC = 25°C
TCoeff
Temperature Coefficient
0
---
200
ppm/°C
PShunt
Power Dissipation
---
---
4.5
W
-40°C< TC <100°C
TRange
Temperature Range
-40
---
125
°C
Internal Current Sensing Resistor - Shunt Characteristics
Symbol
Parameter
Min
Typ
Max
Units Conditions
RShunt
Resistance
16.8
17.0
17.2
mΩ
TC = 25°C
TCoeff
Temperature Coefficient
0
---
200
ppm/°C
PShunt
Power Dissipation
---
---
4.5
W
-40°C< TC <100°C
TRange
Temperature Range
-40
---
125
°C
Input-Output Logic Level Table
ITRIP
U,V,W
00
1
V+
01
00
01
1X
1X
X
X
HIN1,2,3 LIN1,2,3
Ho
Lo
U,V,W
IC
Driver
V+
Hin1,2,3
Lin1,2,3
(13,14,15)
(16,17,18)
(2,5,8)


Similar Part No. - IRAMY20UP60B

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAMY20UP60B IRF-IRAMY20UP60B Datasheet
277Kb / 16P
   Temperature Monitor and Protection
IRAMY20UP60B IRF-IRAMY20UP60B_15 Datasheet
277Kb / 16P
   Temperature Monitor and Protection
More results

Similar Description - IRAMY20UP60B

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBI20GS-060 FUJI-6MBI20GS-060 Datasheet
429Kb / 4P
   IGBT(600V 20A)
6MBI20L-060 FUJI-6MBI20L-060 Datasheet
127Kb / 4P
   IGBT(600V 20A)
logo
SemiHow Co.,Ltd.
HTP20-600 SEMIHOW-HTP20-600 Datasheet
312Kb / 5P
   600V 20A TRIACThe
logo
Shindengen Electric Mfg...
KD20SF60 SHINDENGEN-KD20SF60 Datasheet
1Mb / 8P
   TRIACs 600V, 20A
logo
Fuji Electric
6MBI20F-060 FUJI-6MBI20F-060 Datasheet
126Kb / 4P
   IGBT(600V 20A)
logo
Shindengen Electric Mfg...
S20WB60 SHINDENGEN-S20WB60 Datasheet
312Kb / 6P
   Bridge Diode(600V 20A)
logo
Alpha & Omega Semicondu...
AOT20S60L AOSMD-AOT20S60L Datasheet
519Kb / 7P
   600V 20A a MOS
AOK20S60L AOSMD-AOK20S60L Datasheet
453Kb / 6P
   600V 20A a MOS
logo
Fuji Electric
1MBH20D-060 FUJI-1MBH20D-060 Datasheet
1Mb / 5P
   600V / 20A Molded Package
logo
Fairchild Semiconductor
FFPF20UP60DN FAIRCHILD-FFPF20UP60DN Datasheet
241Kb / 5P
   20A, 600V Ultrafast Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com