Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2308SPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IR2308SPBF
Description  HALF-BRIDGE DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2308SPBF Datasheet(HTML) 1 Page - International Rectifier

  IR2308SPBF Datasheet HTML 1Page - International Rectifier IR2308SPBF Datasheet HTML 2Page - International Rectifier IR2308SPBF Datasheet HTML 3Page - International Rectifier IR2308SPBF Datasheet HTML 4Page - International Rectifier IR2308SPBF Datasheet HTML 5Page - International Rectifier IR2308SPBF Datasheet HTML 6Page - International Rectifier IR2308SPBF Datasheet HTML 7Page - International Rectifier IR2308SPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Typical Connection
HALF-BRIDGE DRIVER
Features
Floating channel designed for bootstrap operation
Fully operational to +600V
Tolerant to negative transient voltage
dV/dt immune
Gate drive supply range from 10 to 20V
Undervoltage lockout for both channels
3.3V, 5V and 15V input logic compatible
Cross-conduction prevention logic
Matched propagation delay for both channels
Outputs in phase with inputs
Logic and power ground +/- 5V offset.
Internal 540ns dead-time
Lower di/dt gate driver for better noise immunity
Also available LEAD_FREE
Data Sheet No. PD60209 revC
IR2308(S) & (PbF)
www.irf.com
1
(Refer to Lead Assignments for correct pin configuration). This/These diagram(s) show electrical connections
only. Please refer to our Application Notes and DesignTips for proper circuit board layout.
Description
The IR2308(S) are high voltage, high speed power
MOSFET and IGBT drivers with dependent high and
low side referenced output channels. Proprietary HVIC
and latch immune CMOS technologies enable rug-
gedized monolithic construction. The logic input is
compatible with standard CMOS or LSTTL output, down to 3.3V logic. The output drivers feature a high pulse
current buffer stage designed for minimum driver cross-conduction. The floating channel can be used to drive an
N-channel power MOSFET or IGBT in the high side configuration which operates up to 600 volts.
Part
Input
logic
Cross-
conduction
prevention
logic
Dead-Time
Ground Pins
2106
COM
21064
HIN/LIN
no
none
VSS/COM
2108
Internal 540ns
COM
21084
HIN/LIN
yes
Programmable 0.54~5
µs
VSS/COM
2109
Internal 540ns
COM
21094
IN/SD
yes
Programmable 0.54~5
µs
VSS/COM
2106//2108//2109/2304/2308 Feature Comparison
2304
HIN/LIN
yes
Internal 100ns
COM
2308
yes
HIN/LIN
Internal 540ns
COM
V
CC
V
B
V
S
HO
LO
COM
HIN
LIN
LIN
HIN
up to 600V
TO
LOAD
V
CC
Packages
8-Lead SOIC - IR2308S
Also available
LEAD-FREE (PbF)
8-Lead PDIP
IR2308


Similar Part No. - IR2308SPBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR2308S INFINEON-IR2308S Datasheet
109Kb / 8P
   HALF-BRIDGE DRIVER
Data Sheet No. PD60209 revC
logo
International Rectifier
IR2308STRPBF IRF-IR2308STRPBF Datasheet
109Kb / 8P
   HALF-BRIDGE DRIVER
More results

Similar Description - IR2308SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2308 IRF-IRS2308 Datasheet
387Kb / 21P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
   HALF-BRIDGE DRIVER
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
   HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
   Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
   Half-Bridge Driver
IRS2104PBF IRF-IRS2104PBF Datasheet
665Kb / 15P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF Datasheet
1Mb / 23P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
   HALF-BRIDGE DRIVER
IRS21091PBF IRF-IRS21091PBF Datasheet
758Kb / 20P
   HALF-BRIDGE DRIVER
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
   Half-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com