Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV248LQ Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV248LQ
Description  Dual Band GSM Power Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV248LQ Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMV248LQ Datasheet HTML 1Page - National Semiconductor (TI) LMV248LQ Datasheet HTML 2Page - National Semiconductor (TI) LMV248LQ Datasheet HTML 3Page - National Semiconductor (TI) LMV248LQ Datasheet HTML 4Page - National Semiconductor (TI) LMV248LQ Datasheet HTML 5Page - National Semiconductor (TI) LMV248LQ Datasheet HTML 6Page - National Semiconductor (TI) LMV248LQ Datasheet HTML 7Page - National Semiconductor (TI) LMV248LQ Datasheet HTML 8Page - National Semiconductor (TI) LMV248LQ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance
Human Body Model (Note 1)
1500V
Machine Model
100V
Supply Voltage
V
DD to GND
5.5V
Input Voltage Range
VfA, VfB, or TC to GND
10V
Ramp
0 to V
DD
V
HOME
0toV
DD
Junction Temperature
150˚C max
Operating Temperature
−40˚C < T
J < 85˚C
Storage Temperature Range
−65˚C to 150˚C
Lead Temperature (solder, 4
sec)
260˚C
Operating Ratings (Note 1)
Supply Voltage
V
DD to GND
2.5V to 5V
Input Voltage
VfA, VfB, or TC to V
DD
0V to 5V
Ramp
0.2V to 1.8V
V
HOME
0V to 2V
Temperature Range
−20˚C
≤ T
J ≤ 85˚C
DC and AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for V
DD = 2.8V, GND = 0V, TJ = 25˚C. Boldface limits apply at temperature
range extremes of operating conditions.
Symbol
Parameter
Condition
Min
(Note 7)
Typ
(Note 8)
Max
(Note 7)
Units
V
OUT
A, B
Positive Output Voltage Swing
A, B
Sourcing 6mA, Tx_En = High
(Note 3)
2.6
2.7
V
V
OUT
A, B
Negative Output Voltage
Swing A, B
Sinking 2mA,
Tx_En = High
(Note 3,4,5)
V
HOME = 0V
0.075
0.15
V
V
OUT
A, B
Negative Output Voltage
Swing A,B
Sinking 2mA, TX_EN = Low
(Note 3,4,5)
0.06
0.15
V
V
OS
Input Offset Voltage
(Note 6)
60
80
100
mV
BW
Bandwidth (−3dB)
Rf = 50k, No External Frequency
Compensation
>1
MHz
SR
Output Slew Rate
No External Frequency
Compensation, V
HOME =0V
3
5.5
V/µs
I
VHOME
Current into V
HOME Pin
(Note 7)
<5
µA
I
BS
Current into BS Pin
(Note 7)
<5
µA
I
Tx_En
Current into En Pin
(Note 7)
<5
µA
I
VfA
I
VfB
Forward Bias Current Sources
(Note 7)
7
10
13
µA
I
TC
Temperature Compensation
Current Source
(Note 7)
7
10
13
µA
I
Vf-TC
Match
Current Source Matching
I
TC/IVfA
I
TC/IVfB
(Note 7)
±2%
±12%
V
LOW
BS or Tx_En Logic Low Input
Level
(Note 7)
0.8
V
V
HIGH
BS or Tx_En Logic High Input
Level
(Note 7)
1.8
V
I
SD
Supply Current in Shutdown
Tx_En = 0V
0.15
<5
µA
V
RD
Vramp Deadband
(Note 7)
160
200
mV
t
d: Tx_En
Output Delay: Tx_En to
Output
3.5
6
µs
I
DD
Positive Supply Current
V
OUT =VDD/2 (Note 6)
1.1
1.8
mA
V
OUT
A,B
Threshold Select Voltages
Tx_En = High, V
HOME =2V
(Note 3, 4, and 5)
1.60
2
2.40
V
www.national.com
2


Similar Part No. - LMV248LQ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV242 NSC-LMV242 Datasheet
560Kb / 16P
   Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
logo
Texas Instruments
LMV242 TI-LMV242 Datasheet
1,009Kb / 25P
[Old version datasheet]   LMV242 Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
logo
National Semiconductor ...
LMV242LD NSC-LMV242LD Datasheet
560Kb / 16P
   Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
logo
Texas Instruments
LMV242LD/NOPB TI-LMV242LD/NOPB Datasheet
1,009Kb / 25P
[Old version datasheet]   LMV242 Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
logo
National Semiconductor ...
LMV242LDX NSC-LMV242LDX Datasheet
560Kb / 16P
   Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
More results

Similar Description - LMV248LQ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV242 NSC-LMV242 Datasheet
560Kb / 16P
   Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
logo
NXP Semiconductors
PCF5079 PHILIPS-PCF5079 Datasheet
146Kb / 28P
   Dual-band power amplifier controller for GSM, PCN and DCS
2001 Nov 21
logo
Texas Instruments
LMV242 TI-LMV242_15 Datasheet
1,009Kb / 25P
[Old version datasheet]   LMV242 Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
logo
Ericsson
PBL40307 ERICSSON-PBL40307 Datasheet
225Kb / 4P
   GSM Dual Band Tx_VCO
logo
RF Micro Devices
RF3160 RFMD-RF3160 Datasheet
101Kb / 8P
   DUAL-BAND GSM/DCS POWER AMP MODULE
logo
World Produts Inc.
WPANT10024-SC WPI-WPANT10024-SC Datasheet
332Kb / 5P
   Dual-band GSM Embedded Antenna
logo
American Accurate Compo...
JXMBHL-T-2-C AAC-JXMBHL-T-2-C Datasheet
347Kb / 1P
   CDMA/GSM Dual-band Combiner
JXMBHL-T-2-G AAC-JXMBHL-T-2-G Datasheet
226Kb / 1P
   GSM/DCS Dual-band Combiner
logo
List of Unclassifed Man...
RF142 ETC-RF142 Datasheet
456Kb / 7P
   Heterojunction Bipolar Transistor Power Amplifier Dual-Band Controller for GSM and PCS Applications
logo
Analog Devices
AD8316 AD-AD8316 Datasheet
497Kb / 20P
   Dual Output GSM PA Controller
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com