Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M1010-01-156.2500 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # M1010-01-156.2500
Description  VCSO BASED CLOCK JITTER ATTENUATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M1010-01-156.2500 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  M1010-01-156.2500 Datasheet HTML 1Page - Integrated Circuit Systems M1010-01-156.2500 Datasheet HTML 2Page - Integrated Circuit Systems M1010-01-156.2500 Datasheet HTML 3Page - Integrated Circuit Systems M1010-01-156.2500 Datasheet HTML 4Page - Integrated Circuit Systems M1010-01-156.2500 Datasheet HTML 5Page - Integrated Circuit Systems M1010-01-156.2500 Datasheet HTML 6Page - Integrated Circuit Systems M1010-01-156.2500 Datasheet HTML 7Page - Integrated Circuit Systems M1010-01-156.2500 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
M1010-01 Datasheet Rev 0.4
3 of 8
Revised 29Sep2003
Integ r ated Circuit Systems , Inc. ● Comm unications Modules ● www.i cst. com ● tel (508) 852-5400
M1010-01
VCSO BASED CLOCK JITTER ATTENUATOR
Preliminar y In f o r m atio n
Integrated
Circuit
Systems, Inc.
PLL DIVIDER LOOK-UP TABLES
Mfin (Frequency Input) Divider Look-Up Table (LUT)
The FIN_SEL1:0 pins select the feedback divider value
(“Mfin”).
SEL2:0 Look-up Table (LUT)
The SEL2:0 pins select the feedback and reference
divider values M and R to enable adjustment of loop
bandwidth and jitter tolerance.
FUNCTIONAL DESCRIPTION
The M1010-01 is a PLL (Phase Locked Loop) based
clock generator that generates output clocks synchro-
nized to one of two selectable input reference clocks.
An internal high "Q" SAW filter provides low jitter signal
performance and controls the output frequency of the
VCSO (Voltage Controlled SAW Oscillator).
A configurable frequency divider (labeled “Mfin Divider”)
provides the division options to accomodate various
reference clock frequencies.
In addition, configurable feedback and reference
dividers (the “M Divider” and “R Divider”) provide divider
value options to enable adjustment of loop bandwidth
and jitter tolerance.
For example, the M1010-01-155.5200 (see “Ordering
Information”
on pg. 8) has a 155.52MHz VCSO
frequency:
The Mfin feedback divider allows an input frequency to
be the VCSO output frequency divided by 1, 2, or 8.
Therefore, for the base input frequency of 155.52MHz,
the actual input reference clock frequencies can be:
155.52
, 77.76, and 19.44MHz. (See Table 3 on pg. 3.)
The PLL
The PLL uses a phase detector and configurable
dividers to synchronize the output of the VCSO with
selected reference clock.
The “Mfin Divider” and “M Divider” divide the VCSO
frequency, feeding the result into the phase detector.
The selected input reference clock is divided by the “R
Divider”. The result is fed into the other input of the
phase detector.
The phase detector compares its two inputs. It then
outputs pulses to the loop filter as needed to increase or
decrease the VCSO frequency and thereby match and
lock the divider output’s frequency and phase to those
of the input reference clock.
Due to the narrow tuning range of the VCSO
(+200ppm), appropriate selection of all of the following
are required for the PLL be able to lock: VCSO center
frequency, input frequency, and divider selections.
Relationship Among Frequencies and Dividers
The VCSO center frequency must be specified at time
of order. The relationship between the VCSO (Fvcso)
frequency, the Mfin divider, the M divider, the R divider,
and the input reference frequency (Fin) is:
Clock Output
The M1010-01 provides one differential LVPECL output
pair FOUT. PECL and LVDS product options are
available; consult factory.
FIN_SEL1:0
Mfin Value
M1010-01-155.5200
Sample Ref. Freq. (MHz) 1
Note 1: Example with M1010-01-155.5200.
0
0
8
19.44
0
1
2
77.76
10
1
155.52
1
1
x
Test mode. Do not use.
Table 3: Mfin (Frequency Input) Divider Look-Up Table (LUT)
SEL2:0
M
R
Description
0 0 0
236
236
Various divider values to adjust bandwidth
and jitter tolerance
00 1
79
79
01 0
14
14
0 1 1
239
239
10 0
1
1
10 1
2
2
11 0
4
4
11 1
8
8
Table 4: SEL2:0 Look-up Table (LUT)
Fvcso
Fin
Mfin
×
M
R
----
×
=


Similar Part No. - M1010-01-156.2500

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
M101-006-LMC-BK TRIPPLITE-M101-006-LMC-BK Datasheet
176Kb / 3P
   Universal USB-A to Lightning, USB Micro-B and USB-C Sync/Charge Cable (M/3xM), MFi Certified, Black, 6 ft. (1.8 m)
logo
Enercon Technologies Eu...
M1012 ENERCON-M1012 Datasheet
607Kb / 11P
   DOUBLE-CONVERSION ONLINE UPS
Feb 23, 2022
logo
STMicroelectronics
M1014 STMICROELECTRONICS-M1014 Datasheet
142Kb / 10P
   Low Consumption Voltage and Current Controller for Battery Chargers and Adaptors
M1014A STMICROELECTRONICS-M1014A Datasheet
142Kb / 10P
   Low Consumption Voltage and Current Controller for Battery Chargers and Adaptors
logo
Renesas Technology Corp
M10162040054X0ISAR RENESAS-M10162040054X0ISAR Datasheet
1Mb / 52P
   High Performance Serial MRAM Memory
Feb.21.23
More results

Similar Description - M1010-01-156.2500

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-703 VECTRON-FX-703 Datasheet
693Kb / 10P
   Low Jitter VCSO Frequency Translator Jitter Attenuator
logo
Integrated Circuit Syst...
M2020-2021 ICST-M2020-2021 Datasheet
431Kb / 10P
   VCSO BASED CLOCK PLL
M2006-02A ICST-M2006-02A Datasheet
391Kb / 8P
   VCSO BASED FEC CLOCK PLL
M906-01 ICST-M906-01 Datasheet
352Kb / 8P
   VCSO BASED GBE CLOCK GENERATOR
M902-01 ICST-M902-01 Datasheet
328Kb / 8P
   VCSO BASED GBE CLOCK GENERATOR
logo
Integrated Device Techn...
ICS843002I-72 IDT-ICS843002I-72 Datasheet
300Kb / 18P
   FEMTOCLOCKS??VCXO BASED WCDMA CLOCK GENERATOR/JITTER ATTENUATOR
logo
Integrated Circuit Syst...
M1025 ICST-M1025 Datasheet
340Kb / 14P
   VCSO BASED CLOCK PLL WITH AUTOSWITCH
M1033 ICST-M1033 Datasheet
198Kb / 14P
   VCSO BASED CLOCK PLL WITH AUTOSWITCH
M1040 ICST-M1040 Datasheet
436Kb / 12P
   VCSO BASED CLOCK PLL WITH AUTOSWITCH
logo
Renesas Technology Corp
ICS843002I-72 RENESAS-ICS843002I-72 Datasheet
452Kb / 19P
   FEMTOCLOCKS™ VCXO BASED WCDMA CLOCK GENERATOR/JITTER ATTENUATOR
NOVEMBER 21, 2007
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com