Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8620YETD Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX8620YETD
Description  PMIC for Microprocessors or DSPs in Portable Equipment
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8620YETD Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX8620YETD Datasheet HTML 1Page - Maxim Integrated Products MAX8620YETD Datasheet HTML 2Page - Maxim Integrated Products MAX8620YETD Datasheet HTML 3Page - Maxim Integrated Products MAX8620YETD Datasheet HTML 4Page - Maxim Integrated Products MAX8620YETD Datasheet HTML 5Page - Maxim Integrated Products MAX8620YETD Datasheet HTML 6Page - Maxim Integrated Products MAX8620YETD Datasheet HTML 7Page - Maxim Integrated Products MAX8620YETD Datasheet HTML 8Page - Maxim Integrated Products MAX8620YETD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
General Description
The MAX8620Y micro-power-management integrated
circuit (µPMIC) powers low-voltage microprocessors or
DSPs in portable devices. The µPMIC includes a high-
efficiency step-down DC-DC converter, two low-
dropout linear regulators (LDOs), a microprocessor
reset output, and power-on/off control logic. This device
maintains high efficiency at light loads with a low 115µA
supply current, and its miniature TDFN package makes
it ideal for portable devices.
The MAX8620Y’s step-down DC-DC converter utilizes a
proprietary 4MHz hysteretic-PWM control scheme that
allows for ultra-small external components. Internal syn-
chronous rectification improves efficiency and elimi-
nates the external Schottky diode that is required in
conventional step-down converters. The output voltage
is adjustable from 0.6V to 3.3V, with guaranteed output
current up to 500mA.
The MAX8620Y’s two LDOs offer low 45µVRMS output
noise and a low dropout of only 200mV at 200mA. Each
LDO delivers at least 300mA of continuous output cur-
rent. The output voltages are pin selectable from 1.8V
to 3.3V for flexibility.
A microprocessor reset output (RESET) monitors OUT1
and warns the system of impending power loss allow-
ing safe shutdown. RESET asserts during power-up,
power-down, shutdown, and fault conditions where
VOUT1 is below its regulation voltage.
Applications
Cellular Handsets
Smart Phones/PDA Phones
PDAs
Wireless LAN
Microprocessor and DSP Solutions including
MSM™, XScale™, ARM™, and OMAP™
Features
♦ Three Regulators and a Reset in One Package
♦ High-Efficiency Step-Down Converter
Up to 4MHz Fixed Switching Frequency
500mA Guaranteed Output Current
0.6V to 3.3V Adjustable Output Voltage
±2% Initial Accuracy
Fast Voltage-Positioning Transient Response
Internal Synchronous Rectifier
♦ Two 300mA LDO Regulators
200mV Dropout at 200mA Load
Low 45µVRMS Output Noise
3% Accuracy over Line, Load, and Temperature
Overcurrent Protection
Nine Pin-Selectable Output-Voltage Settings
♦ 30ms (min) RESET Output Flag
♦ 2.7V to 5.5V Input
♦ 115µA (typ) Supply Current at No Load
♦ Thermal-Overload Protection
♦ Tiny 3mm x 3mm x 0.8mm TDFN Package
µPMIC for Microprocessors or DSPs
in Portable Equipment
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
MAX8620Y
OUT1
VIN
VLOGIC
100k
RESET
OUT2
LX
FB
GND
IN2
BP
HF_PWR
PWR_ON
SEL1
RESET
SEL2
EN2
IN1
1.80V, 2.60V, 2.80V, 2.85V,
3.00V, OR 3.30V*
300mA
1.80V, 2.50V, 2.60V,
2.85V, OR 3.00V*
300mA
OUT3
0.6V TO 3.3V
500mA
*USE SEL1 AND SEL2 TO SET VOUT1 AND VOUT2
PART
TEMP RANGE
PIN-
PACKAGE
TOP
MARK
MAX8620YETD
-40°C to +85°C
14 TDFN-EP
(T1433-2)
AAB
Typical Operating Circuit
19-3564; Rev 0; 1/05
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
MSM is a trademark of QUALCOMM, Inc.
XScale is a trademark of Intel Corp.
ARM is a trademark of ARM Limited.
OMAP is a trademark of Texas Instruments, Inc.
EVALUATION
KIT
AVAILABLE
Pin Configuration appears at end of data sheet.


Similar Part No. - MAX8620YETD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8621Y MAXIM-MAX8621Y Datasheet
360Kb / 18P
   Dual Step-Down DC-DC Power-Management ICs for Portable Devices
Rev 1; 8/05
MAX8621YETG MAXIM-MAX8621YETG Datasheet
360Kb / 18P
   Dual Step-Down DC-DC Power-Management ICs for Portable Devices
Rev 1; 8/05
MAX8621ZETG MAXIM-MAX8621ZETG Datasheet
360Kb / 18P
   Dual Step-Down DC-DC Power-Management ICs for Portable Devices
Rev 1; 8/05
MAX8625 MAXIM-MAX8625 Datasheet
609Kb / 16P
   High-Efficiency, Seamless Transition, Step-Up/Down DC-DC Converter
19-1006; Rev 4; 4/09
MAX8625A MAXIM-MAX8625A Datasheet
470Kb / 15P
   High-Efficiency, Seamless Transition, Step-Up/Down DC-DC Converter
Rev 0; 3/08
More results

Similar Description - MAX8620YETD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3677-3 LINER-LTC3677-3_15 Datasheet
4Mb / 44P
   Highly Integrated Portable Product PMIC
LTC3577-3 LINER-LTC3577-3 Datasheet
562Kb / 52P
   Highly Integrated Portable Product PMIC
LTC3577-4 LINER-LTC3577-4_15 Datasheet
567Kb / 52P
   Highly Integrated Portable Product PMIC
LTC3677-3 LINER-LTC3677-3 Datasheet
4Mb / 44P
   Highly Integrated Portable Product PMIC
LTC3577-3 LINER-LTC3577-3_15 Datasheet
567Kb / 52P
   Highly Integrated Portable Product PMIC
logo
Bel Fuse Inc.
MBC41 BEL-MBC41 Datasheet
661Kb / 5P
   Portable Equipment
logo
Raltron Electronics Cor...
TU-101 RALTRON-TU-101 Datasheet
200Kb / 3P
   Very low power consumption suitable for portable and/or battery operated equipment
logo
Linear Technology
LTC3577 LINER-LTC3577_15 Datasheet
640Kb / 54P
   Highly Integrated 6-Channel Portable PMIC
LTC3577-1 LINER-LTC3577-1_15 Datasheet
640Kb / 54P
   Highly Integrated 6-Channel Portable PMIC
LTC3577 LINER-LTC3577 Datasheet
630Kb / 52P
   Highly Integrated 6-Channel Portable PMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com