Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8620YETD Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX8620YETD
Description  PMIC for Microprocessors or DSPs in Portable Equipment
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8620YETD Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX8620YETD Datasheet HTML 6Page - Maxim Integrated Products MAX8620YETD Datasheet HTML 7Page - Maxim Integrated Products MAX8620YETD Datasheet HTML 8Page - Maxim Integrated Products MAX8620YETD Datasheet HTML 9Page - Maxim Integrated Products MAX8620YETD Datasheet HTML 10Page - Maxim Integrated Products MAX8620YETD Datasheet HTML 11Page - Maxim Integrated Products MAX8620YETD Datasheet HTML 12Page - Maxim Integrated Products MAX8620YETD Datasheet HTML 13Page - Maxim Integrated Products MAX8620YETD Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
LDO Output-Voltage
Selection (SEL1, SEL2)
As shown in Table 1, the LDO output voltages, OUT1
and OUT2, are set according to the logic states of
SEL1 and SEL2. SEL1 and SEL2 are trilevel inputs: IN1,
open, and GND. The input voltage, VIN1, must be a
dropout voltage (VDO) greater than the selected OUT1
and OUT2 voltages.
Power-Enable Input (PWR_ON)
Drive PWR_ON low to place the MAX8620Y in power-
down mode and reduce supply current to 5.5µA (typ).
Connect PWR_ON to IN1 = IN2 or logic-high to enable
the MAX8620Y. EN2 enables and disables OUT2 when
PWR_ON is high (Table 2). OUT1, OUT2, and OUT3 are
all disabled when PWR_ON is low. HF_PWR can tem-
porarily bring the MAX8620 out of power-down mode
when PWR_ON is low (see the HF_PWR section). In
power-down, the control circuitry, internal-switching p-
channel MOSFET, and the internal synchronous rectifier
(n-channel MOSFET) turn off, and LX becomes high
impedance. In addition, both LDOs are disabled.
OUT2 Enable (EN2)
Drive EN2 low to enable OUT2. Drive EN2 high to dis-
able OUT2. If the MAX8620Y is placed into power-
down using PWR_ON (PWR_ON = low), OUT2 does not
power regardless of the status of EN2 (Table 2).
µPMIC for Microprocessors or DSPs
in Portable Equipment
10
______________________________________________________________________________________
ON/OFF
LOGIC
1.25V
REF
87%
REGULATION
P
OUT1
RESET
GND
IN1
LDO THERMAL
SENSOR
MOS DRIVER
WITH ILIMIT
MOS DRIVER
WITH ILIMIT
POK
EN2
ERROR-
AMP 2
ERROR-
AMP 1
P
OUT2
PWR_ON
HF_PWR
BP
TIMER
MAX8620Y
Figure 3. Linear-Regulator Functional Diagram


Similar Part No. - MAX8620YETD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8621Y MAXIM-MAX8621Y Datasheet
360Kb / 18P
   Dual Step-Down DC-DC Power-Management ICs for Portable Devices
Rev 1; 8/05
MAX8621YETG MAXIM-MAX8621YETG Datasheet
360Kb / 18P
   Dual Step-Down DC-DC Power-Management ICs for Portable Devices
Rev 1; 8/05
MAX8621ZETG MAXIM-MAX8621ZETG Datasheet
360Kb / 18P
   Dual Step-Down DC-DC Power-Management ICs for Portable Devices
Rev 1; 8/05
MAX8625 MAXIM-MAX8625 Datasheet
609Kb / 16P
   High-Efficiency, Seamless Transition, Step-Up/Down DC-DC Converter
19-1006; Rev 4; 4/09
MAX8625A MAXIM-MAX8625A Datasheet
470Kb / 15P
   High-Efficiency, Seamless Transition, Step-Up/Down DC-DC Converter
Rev 0; 3/08
More results

Similar Description - MAX8620YETD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3677-3 LINER-LTC3677-3_15 Datasheet
4Mb / 44P
   Highly Integrated Portable Product PMIC
LTC3577-3 LINER-LTC3577-3 Datasheet
562Kb / 52P
   Highly Integrated Portable Product PMIC
LTC3577-4 LINER-LTC3577-4_15 Datasheet
567Kb / 52P
   Highly Integrated Portable Product PMIC
LTC3677-3 LINER-LTC3677-3 Datasheet
4Mb / 44P
   Highly Integrated Portable Product PMIC
LTC3577-3 LINER-LTC3577-3_15 Datasheet
567Kb / 52P
   Highly Integrated Portable Product PMIC
logo
Bel Fuse Inc.
MBC41 BEL-MBC41 Datasheet
661Kb / 5P
   Portable Equipment
logo
Raltron Electronics Cor...
TU-101 RALTRON-TU-101 Datasheet
200Kb / 3P
   Very low power consumption suitable for portable and/or battery operated equipment
logo
Linear Technology
LTC3577 LINER-LTC3577_15 Datasheet
640Kb / 54P
   Highly Integrated 6-Channel Portable PMIC
LTC3577-1 LINER-LTC3577-1_15 Datasheet
640Kb / 54P
   Highly Integrated 6-Channel Portable PMIC
LTC3577 LINER-LTC3577 Datasheet
630Kb / 52P
   Highly Integrated 6-Channel Portable PMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com