Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD5233 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # BD5233
Description  VOLTAGE DETECTOR IC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BD5233 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  BD5233 Datasheet HTML 1Page - List of Unclassifed Manufacturers BD5233 Datasheet HTML 2Page - List of Unclassifed Manufacturers BD5233 Datasheet HTML 3Page - List of Unclassifed Manufacturers BD5233 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Part number and Marking of samples
BD5260
PW
PV
PU
PT
PS
PR
PQ
PP
PN
PM
6.0V
5.9V
5.8V
5.7V
5.6V
5.5V
5.4V
5.3V
5.2V
5.1V
PB
PA
MV
MU
MT
MS
MR
MQ
MP
MN
4.1V
4.0V
3.9V
3.8V
3.7V
3.6V
3.5V
3.4V
3.3V
3.2V
RW
RV
RU
RT
RS
RR
RQ
RN
RM
RP
6.0V
5.9V
5.8V
5.7V
5.6V
5.5V
5.4V
5.3V
BD5241
BD5259
BD5258
BD5257
BD5256
BD5255
BD5254
BD5253
BD5252
BD5251
BD5240
BD5239
BD5238
BD5237
BD5236
BD5235
BD5234
BD5233
BD5232
BD5360
BD5359
BD5358
BD5357
BD5356
BD5355
BD5354
BD5353
5.2V
5.1V
BD5352
BD5351
Marking Voltage
Part No.
Marking Voltage Part No.
Marking Voltage Part No.
Marking Voltage
Part No.
BD5341
RB
RA
QV
QU
QT
QS
QR
QQ
QP
QN
4.1V
4.0V
3.9V
3.8V
3.7V
3.6V
3.5V
3.4V
3.3V
3.2V
BD5340
BD5339
BD5338
BD5337
BD5336
BD5335
BD5334
BD5333
BD5332
BD5250
PL
PK
PJ
PH
PG
PF
PE
PD
PC
5.0V
4.9V
4.8V
4.7V
4.6V
4.5V
4.4V
4.3V
4.2V
MM
ML
MK
MJ
MH
MG
MF
ME
MD
3.1V
3.0V
2.9V
2.8V
2.7V
2.6V
2.5V
2.4V
2.3V
RL
RK
RJ
RH
RG
RF
RE
RC
RD
5.0V
4.9V
4.8V
4.7V
4.6V
4.5V
4.4V
4.3V
BD5231
BD5249
BD5248
BD5247
BD5246
BD5245
BD5244
BD5243
BD5242
BD5230
BD5229
BD5228
BD5227
BD5226
BD5225
BD5224
BD5223
BD5350
BD5349
BD5348
BD5347
BD5346
BD5345
BD5344
BD5343
4.2V
BD5342
BD5331
QM
QL
QK
QJ
QH
QG
QF
QE
QD
3.1V
3.0V
2.9V
2.8V
2.7V
2.6V
2.5V
2.4V
2.3V
BD5330
BD5329
BD5328
BD5327
BD5326
BD5325
BD5324
BD5323
Circuit current
"L" output current
"H" output current
I/O characteristic
BD52XXG/BD53XXG : SSOP5 (SMP5C2)
BD52XXFVE/BD53XXFVE : VSOF5 (EMP5)
(5)
(4)
(3)
(2)
(1)
Marking
Lot.No
(5)
(4)
(3)
(2)
(1)
Marking
Lot.No
3
4
5
6
25
30
35
45
40
1
2
5
10
15
20
0
VDS [V]
VDD=8.0
V
VDD=6.0V
VDD=4.8V
[BD5342G/FVE]
Timing waveform
Detection voltage
VDD
VDD
VOUT
CT
GND
A
VDD
VDS
VDD
VOUT
GND
A
VDD
VDS
VDD
VOUT
GND
A
CT
CT
RL=470K
VDD
V
VDD
VOUT
GND
CT
RL=470K
VDD
V
VDD
VOUT
GND
CT
5
2
1
4
3
10
7
6
9
8
0.5
1.0
1.5
VDD[V]
0
[BD5242G/FVE]
18
1.5
2
2.5
10
15
0.5
1
5
0
VDS [V]
VDD=1.2V
VDD=2.4V
[BD5242G/FVE]
3.5
0.5
1.5
2.5
3
4.5
4
5.5
5
2
1
1
2
3
4
5
6
7
8
9
0
VDD[V]
Ta=25˚C
Ta=25˚C
[BD5242G/FVE]
0
50
-40
90
Ta [˚C]
3.4
3.8
4.2
4.6
5.0
5.4
[BD5242G/FVE]
low to high(VDET+
∆VDET)
high to low(VDET)
VDD
VDD
VOUT
VDET
0V
VOH
TPLH
VOL
VDET+
∆VDET
TPHL
TPLH


Similar Part No. - BD5233

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BD5233 ETC1-BD5233 Datasheet
387Kb / 4P
   VOLTAGE DETECTOR IC with adjustable delay time
logo
Rohm
BD5233 ROHM-BD5233 Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5233 ROHM-BD5233 Datasheet
277Kb / 10P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5233 ROHM-BD5233 Datasheet
410Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5233 ROHM-BD5233 Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
More results

Similar Description - BD5233

ManufacturerPart #DatasheetDescription
logo
Rohm
BD46312G ROHM-BD46312G Datasheet
469Kb / 4P
   VOLTAGE DETECTOR IC
BD48XXFVE ROHM-BD48XXFVE Datasheet
285Kb / 6P
   Voltage Detector IC
BD48XXG ROHM-BD48XXG Datasheet
198Kb / 6P
   Voltage Detector IC
BD49XXFVE ROHM-BD49XXFVE Datasheet
267Kb / 6P
   Voltage Detector IC
BD49XXG ROHM-BD49XXG Datasheet
260Kb / 6P
   Voltage Detector IC
logo
BOWIN ELECTRONIC CO.
CDT5430 BOWIN-CDT5430 Datasheet
105Kb / 4P
   VOLTAGE DETECTOR IC
logo
Rohm
BU48XXF ROHM-BU48XXF Datasheet
291Kb / 6P
   Low Voltage Detector IC
BU48XXFVE ROHM-BU48XXFVE Datasheet
291Kb / 6P
   Low Voltage Detector IC
BU49XXFVE ROHM-BU49XXFVE Datasheet
272Kb / 6P
   Low Voltage Detector IC
BU49XXF ROHM-BU49XXF Datasheet
265Kb / 6P
   Low Voltage Detector IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com