Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX-850MC Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MX-850MC
Description  Precision, Higher-Speed 4-Channel, Analog Multiplexers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MX-850MC Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MX-850MC Datasheet HTML 1Page - List of Unclassifed Manufacturers MX-850MC Datasheet HTML 2Page - List of Unclassifed Manufacturers MX-850MC Datasheet HTML 3Page - List of Unclassifed Manufacturers MX-850MC Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
®
®
MX-850
Figure 2. Channel On Resistance Versus Input Voltage
Figure 3a. Small Signal Crosstalk Versus Input Frequency
10M
MX-850
(Load of a X10 probe)
CH4
CH3
CH2
CH1
10pF
±1V
Figure 3b. Crosstalk Test Circuit
CURRENT LIMITING RESISTORS
As noted in Technical Note 3, some current limiting technique
must be employed to protect the device. The following lists the
suggested resistor values for the current limiting resistors
shown in Figure 5.
Input Range
Limiting Resistors
±10V
R = 500
±5V
R = 250
≤±1V
No current limiting needed
Other current limiting circuits can be used, such as a current
limited op amp drive, depending upon the application.
Figure 4. Power Dissipation Versus Switching Frequency
Figure 5. Typical Connections
1.5
1
0.2
0.75 W
2
3
4
56
7
8
9
10
FREQUENCY (MHz)
0.5
0.7
1.0
1.2
–120
INPUT FREQUENCY
–20
–40
–60
–100
–80
100kHz
1MHz
10MHz
100MHz
0
–8
120
INPUT VOLTAGE (Volts)
–6
–4
–2
0
2
46
8
10
20
30
40
50
60
70
–10
10
110
100
90
80
+125°C
+25°C
–55°C
MX-850
(±10V @
±20mA
Max.)
CH4
CH3
CH2
1
0.01µF
LOGIC
CONTROL
14
10
–15V
+15V
0.01µF
1µF
1µF
8
OUTPUT
+15V
–15V
0.01µF
1µF
+5V
2
3
EN
A0
A1
4
5
6
7
CH1
R
R
R
R
ANALOG
INPUTS
GROUND
9
11
13
12
+
+
+


Similar Part No. - MX-850MC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MX-850MC MURATA-MX-850MC Datasheet
83Kb / 4P
   Precision, Higher-Speed 4-Channel, Analog Multiplexers
logo
DATEL, Inc.
MX-850MC DATEL-MX-850MC Datasheet
109Kb / 1P
   Multiplexers
MX-850MC DATEL-MX-850MC Datasheet
142Kb / 4P
   Precision, High-Speed 4-Channel Analog Multiplexers
MX-850MC-C DATEL-MX-850MC-C Datasheet
109Kb / 1P
   Multiplexers
MX-850MC-C DATEL-MX-850MC-C Datasheet
142Kb / 4P
   Precision, High-Speed 4-Channel Analog Multiplexers
More results

Similar Description - MX-850MC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MX-850 MURATA-MX-850 Datasheet
83Kb / 4P
   Precision, Higher-Speed 4-Channel, Analog Multiplexers
logo
DATEL, Inc.
MX-850 DATEL-MX-850 Datasheet
142Kb / 4P
   Precision, High-Speed 4-Channel Analog Multiplexers
logo
Murata Manufacturing Co...
MX-826 MURATA-MX-826 Datasheet
59Kb / 3P
   Precision, High-Speed 8-Channel, Analog Multiplexers
logo
List of Unclassifed Man...
MX-826 ETC1-MX-826 Datasheet
61Kb / 3P
   Precision, High-Speed 8-Channel, Analog Multiplexers
logo
DATEL, Inc.
MX-826 DATEL-MX-826 Datasheet
156Kb / 3P
   Precision, High-Speed 8-Channel Analog Multiplexers
logo
Vishay Siliconix
DG508B VISHAY-DG508B Datasheet
274Kb / 18P
   Precision 8-Channel/Dual 4-Channel CMOS Analog Multiplexers
Rev. D, 20-Dec-10
DG508B VISHAY-DG508B_V01 Datasheet
371Kb / 21P
   Precision 8-Channel / Dual 4-Channel CMOS Analog Multiplexers
08-Feb-17
logo
Analog Devices
AD7502 AD-AD7502_15 Datasheet
205Kb / 4P
   4-/8-Channel Analog Multiplexers
REV. B
logo
Maxim Integrated Produc...
MAX308 MAXIM-MAX308 Datasheet
123Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 0; 7/94
logo
Analog Devices
AD7501KD AD-AD7501KD Datasheet
353Kb / 4P
   4 / 8 Channel Analog Multiplexers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com