Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3L110QE Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI3L110QE
Description  3.3V Quad, 2:1 Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3L110QE Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI3L110QE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3L110QE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3L110QE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3L110QE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3L110QE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3L110QE Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
PS8690A
09/22/04
PI3L110
3.3V Quad, 2:1 Mux/DeMux
Fast Ethernet LAN Switch w/ Single Enable
Switching Waveforms
Pulse Skew - tSK(p)
Voltage Waveforms Enable and Disable Times
Applications Information
Logic Inputs
The logic control inputs can be driven up to +3.6V regardless of the supply voltage. For example, given a +3.3V supply, the output
enables or select pins may be driven low to 0V and high to 3.6V. Driving IN Rail-to-Rail® minimizes power consumption.
Power-Supply Sequencing
Proper power-supply sequencing is advised for all CMOS devices. It is recommended to always apply VCC before applying signals to
the input/output or control pins.
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd
Input
tPLH
2.5V
2.5V
2.5V
2.5V
tPHL
3.5V
1.5V
Output
VOH
VOL
tPLZ
1.25V
1.25V
2.5V
VOH
0V
VDD/2
VDD/2
tPHZ
tPZL
tPZH
Output
Output
VOL +0.3V
VOL
VOH
VOH -0.3V
S or E
VOL
Input
Output
tPLH
tSK(p) = I tPHL – tPLH I
tPHL
3.5V
2.5V
2.5V
VOL
VOH
1.5V


Similar Part No. - PI3L110QE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3L110QE PERICOM-PI3L110QE Datasheet
365Kb / 6P
   3.3V Quad, 2:1 Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
PI3L110QE PERICOM-PI3L110QE Datasheet
639Kb / 7P
   3.3V Quad, 2:1 Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
More results

Similar Description - PI3L110QE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3L110LEX PERICOM-PI3L110LEX Datasheet
365Kb / 6P
   3.3V Quad, 2:1 Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
PI3L110 PERICOM-PI3L110_14 Datasheet
639Kb / 7P
   3.3V Quad, 2:1 Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
PI3L510 PERICOM-PI3L510 Datasheet
392Kb / 6P
   3.3V, 4-Channel, 2:1, Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
PI3L500 PERICOM-PI3L500 Datasheet
455Kb / 7P
   3.3V, 8-Channel, 2:1 Mux/DeMux Gigabit Ethernet LAN Switch with Single Enable
logo
Potato Semiconductor Co...
PO3B10A POTATO-PO3B10A Datasheet
543Kb / 6P
   2-Channel, 2:1 Mux/DeMux Switch w/ Single Enable
PO3B20A POTATO-PO3B20A Datasheet
548Kb / 6P
   4-Channel, 2:1 Mux/DeMux Switch w/ Single Enable
logo
Pericom Semiconductor C...
PI3DBV20 PERICOM-PI3DBV20 Datasheet
305Kb / 6P
   3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux Video Switch w/ Single Enable
PI3DBV10 PERICOM-PI3DBV10 Datasheet
335Kb / 6P
   3.3V, Wide Bandwidth, 1-Channel, 2:1 Mux/ DeMux Video Switch w/ Single Enable
PI3B3257 PERICOM-PI3B3257 Datasheet
192Kb / 5P
   3.3V, Quad 2:1 Mux/Demux Bus Switch
PI3L500-A PERICOM-PI3L500-A Datasheet
433Kb / 7P
   3.3V, 8-Channel, 2:1 Mux/DeMux Gigabit Ethernet LAN Switch with Single Enable and Enhanced ESD Protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com