Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE1V075 Datasheet(PDF) 3 Page - NTE Electronics

Part # NTE1V075
Description  Metal Oxide Varistors (MOV)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1V075 Datasheet(HTML) 3 Page - NTE Electronics

  NTE1V075 Datasheet HTML 1Page - NTE Electronics NTE1V075 Datasheet HTML 2Page - NTE Electronics NTE1V075 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Electrical Characteristics (Cont’d):
Maximum Ratings (TA = 25°C)
Continuous
Transient
Characteristics
NTE Type
Number
Case Diameter
RMS
Voltage
(Volts)
DC
Voltage
(Volts)
Energy
(10/1000
µs)
(Joules)
Peak Current
(8/20
µs)
(Amps)
Nominal
Varistor
Voltage
@ 1mA DC
Test Current
(Volts)
Maximum
Clamping
Voltage, VC
@ Test Current
(8/20
µs)
(Volts)
Transient
Power
Dissipation
(Watts)
Vm (AC)
Vm (DC)
WTM
ITM
VNOM
VCL
PD
1V300
8.5mm
280
370
22.0
1200
470
740
0.25
2V300
16mm
280
370
79.0
4500
470
740
0.60
524V30
23mm
280
370
149.0
6500
470
740
1.00
2V420
16mm
420
560
90.0
4500
680
1110
0.60
524V42
23mm
420
560
160.0
6500
680
1110
1.00
2V480
16mm
480
640
105.0
4500
750
1240
0.60
524V48
23mm
480
640
180.0
6500
750
1240
1.00
Cautions:
NTE varistors short–circuit when subjected to surges beyond their peak current and energy ratings.
NTE varistors short–circuit when operated at steady–state voltages well beyond their voltage ratings, which may eventual-
ly result in open–circuiting leaving the circuit without protection.
The following precautions should be taken to minimize this potential hazard:
D Fusing the varistor to limit high fault currents.
D Protecting the surrounding circuitry by physical shielding.
D Locating the varistor away from other components.
LS
Typical Power Supply Circuit
100
µH
D
0.1
µF
150
µF
+
D
L
LL
H
LD
1V Series
.345
.235
.475
1.000 .200
.024
(9.0)
(6.0)
(12.0)
(25.4) (5.08) (0.6)
2V Series
.699
.275
.787
1.000 .315
.031
(17.8) (7.0)
(20.0)
(25.4) (8.0)
(0.8)
524V Series .945
.291
1.230
1.063 .394
.039
(24.0) (7.4)
(31.0)
(27.0) (10.0) (1.0)
DH
L
LL
LS
LD


Similar Part No. - NTE1V075

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1V075 NTE-NTE1V075 Datasheet
67Kb / 3P
   Metal Oxide Varistors (MOV)
More results

Similar Description - NTE1V075

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
VDR34S130 HUAXINAN-VDR34S130 Datasheet
280Kb / 5P
   Metal Oxide Varistors (MOV)
34S471K HUAXINAN-34S471K Datasheet
280Kb / 5P
   Metal Oxide Varistors (MOV)
20D HUAXINAN-20D Datasheet
456Kb / 6P
   Metal Oxide Varistors (MOV)
32D HUAXINAN-32D Datasheet
191Kb / 4P
   Metal Oxide Varistors (MOV)
VDR10D180L HUAXINAN-VDR10D180L Datasheet
453Kb / 6P
   Metal Oxide Varistors (MOV)
VDR25D820K HUAXINAN-VDR25D820K Datasheet
295Kb / 6P
   Metal Oxide Varistors (MOV)
34S HUAXINAN-34S Datasheet
280Kb / 5P
   Metal Oxide Varistors (MOV)
10D HUAXINAN-10D Datasheet
453Kb / 6P
   Metal Oxide Varistors (MOV)
logo
NTE Electronics
NTE1V010 NTE-NTE1V010_13 Datasheet
67Kb / 3P
   Metal Oxide Varistors (MOV)
logo
HuaXinAn Electronics CO...
07D HUAXINAN-07D Datasheet
470Kb / 6P
   Metal Oxide Varistors (MOV)
VDR20D180L HUAXINAN-VDR20D180L Datasheet
456Kb / 6P
   Metal Oxide Varistors (MOV)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com