Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61130PW Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61130PW
Description  SYNCHRONOUS SEPIC / FLYBACK CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61130PW Datasheet(HTML) 4 Page - Texas Instruments

  TPS61130PW Datasheet HTML 1Page - Texas Instruments TPS61130PW Datasheet HTML 2Page - Texas Instruments TPS61130PW Datasheet HTML 3Page - Texas Instruments TPS61130PW Datasheet HTML 4Page - Texas Instruments TPS61130PW Datasheet HTML 5Page - Texas Instruments TPS61130PW Datasheet HTML 6Page - Texas Instruments TPS61130PW Datasheet HTML 7Page - Texas Instruments TPS61130PW Datasheet HTML 8Page - Texas Instruments TPS61130PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
www.ti.com
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SWP
SWN
PGND
VBAT
LBI
SKIPEN
EN
LDOEN
VOUT
FB
PGOOD
LBO
GND
LDOSENSE
LDOOUT
LDOIN
RSA Package
(Top View)
PGOOD
PGND
LBO
GND
LDOSENSE
VBAT
LBI
SKIPEN
PW Package
(Top View)
TPS61130
TPS61131
TPS61132
SLVS431A – JUNE 2002 – REVISED AUGUST 2003
CONTROL STAGE
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIL
LBI voltage threshold
VLBI voltage decreasing
490
500
510
mV
LBI input hysteresis
10
mV
LBI input current
EN = VBAT or GND
0.01
0.1
µA
LBO output low voltage
VO = 3.3 V, IOI = 100 µA
0.04
0.4
V
LBO output low current
100
µA
LBO output leakage current
VLBO = 7 V
0.01
0.1
µA
VIL
EN, SKIPEN input low voltage
0.2
×
V
VBAT
VIH
EN, SKIPEN input high voltage
0.8
× VBAT
V
0.2
×
VIL
LDOEN input low voltage
V
VLDOIN
VIH
LDOEN input high voltage
0.8
× V
LDOIN
V
EN, SKIPEN input current
Clamped on GND or VBAT
0.01
0.1
µA
Power-Good threshold
VO = 3.3 V
0.9xVo
0.92xVo
0.95xVo
V
Power-Good delay
30
µs
Power-Good output low voltage
VO = 3.3 V, IOI = 100 µA
0.04
0.4
V
Power-Good output low current
100
µA
Power-Good output leakage cur-
VPG = 7 V
0.01
0.1
µA
rent
Over-Temperature protection
140
°C
Over-Temperature hysteresis
20
°C
PIN ASSIGNMENTS
4


Similar Part No. - TPS61130PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61130PW TI1-TPS61130PW Datasheet
1Mb / 33P
[Old version datasheet]   Synchronous SEPIC and Flyback Converter
TPS61130PWG4 TI1-TPS61130PWG4 Datasheet
1Mb / 33P
[Old version datasheet]   Synchronous SEPIC and Flyback Converter
TPS61130PWR TI1-TPS61130PWR Datasheet
1Mb / 33P
[Old version datasheet]   Synchronous SEPIC and Flyback Converter
TPS61130PWRG4 TI1-TPS61130PWRG4 Datasheet
1Mb / 33P
[Old version datasheet]   Synchronous SEPIC and Flyback Converter
More results

Similar Description - TPS61130PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61120PW TI-TPS61120PW Datasheet
1,011Kb / 32P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
TPS61120 TI-TPS61120 Datasheet
462Kb / 25P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
TPS61130 TI1-TPS61130_15 Datasheet
1Mb / 33P
[Old version datasheet]   Synchronous SEPIC and Flyback Converter
logo
Linear Technology
LT3957 LINER-LT3957 Datasheet
365Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957 LINER-LT3957_15 Datasheet
369Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957A LINER-LT3957A_15 Datasheet
559Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957A LINER-LT3957A Datasheet
559Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
logo
Renesas Technology Corp
RAA212421 RENESAS-RAA212421 Datasheet
1Mb / 34P
   3V to 40V Input, 1.1A Synchronous Buck Regulator with Integrated 500mA LDO
Jul 8, 2019
logo
Analog Devices
LT8331 AD-LT8331 Datasheet
1Mb / 30P
   Low IQ Boost/SEPIC/Flyback/Inverting Converter with 0.5A, 140V Switch
logo
Linear Technology
LT8331 LINER-LT8331 Datasheet
1Mb / 30P
   Low IQ Boost/SEPIC/ Flyback/Inverting Converter with 0.5A, 140V Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com