Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD45XX1G Datasheet(PDF) 4 Page - Rohm

Part # BD45XX1G
Description  VOLTAGE DETECTOR IC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD45XX1G Datasheet(HTML) 4 Page - Rohm

  BD45XX1G Datasheet HTML 1Page - Rohm BD45XX1G Datasheet HTML 2Page - Rohm BD45XX1G Datasheet HTML 3Page - Rohm BD45XX1G Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4/4
Voltage detectors
BD45XXXG
BD46XXXG
Part number and Marking of samples
BD45485
BD45475
BD45465
BD45455
BD45445
BD45435
BD45425
BD45415
BD45405
BD45395
BD45385
BD45375
BD45365
BD45355
BD45345
BD45335
BD45325
BD45315
BD45305
BD45295
BD45285
BD45275
BD45265
BD45255
BD45245
T0
T1
T2
T3
T4
T5
T6
T7
T8
T9
TA
TB
TC
TD
TE
TF
TG
TH
TJ
TK
TL
TM
TN
TP
TQ
TR
TS
TT
TU
TV
TW
TX
TY
TZ
U0
U1
U2
U3
U4
U5
U6
U7
U8
U9
UA
UB
UC
UD
UE
UF
UG
UH
UJ
UK
UL
UM
UN
UP
UQ
UR
US
UT
UU
UV
UW
UX
UY
UZ
V0
V1
V2
V3
V4
V5
V6
V7
V8
V9
4.8V
4.7V
4.6V
4.5V
4.4V
4.3V
4.2V
4.1V
4.0V
3.9V
3.8V
3.7V
3.6V
3.5V
3.4V
3.3V
3.2V
3.1V
3.0V
2.9V
2.8V
2.7V
2.6V
2.5V
2.4V
2.3V
BD45235
BD45481
BD45471
BD45461
BD45451
BD45441
BD45431
BD45421
BD45411
BD45401
BD45391
BD45381
BD45371
BD45361
BD45351
BD45341
BD45331
BD45321
BD45311
BD45301
BD45291
BD45281
BD45271
BD45261
BD45251
BD45241
BD45231
BD45482
BD45472
BD45462
BD45452
BD45442
BD45432
BD45422
BD45412
BD45402
BD45392
BD45382
BD45372
BD45362
BD45352
BD45342
BD45332
BD45322
BD45312
BD45302
BD45292
BD45282
BD45272
BD45262
BD45252
BD45242
BD45232
BD46485
BD46475
BD46465
BD46455
BD46445
BD46435
BD46425
BD46415
BD46405
BD46395
BD46385
BD46375
BD46365
BD46355
BD46345
BD46335
BD46325
BD46315
BD46305
BD46295
BD46285
BD46275
BD46265
BD46255
BD46245
VA
VB
VC
VD
VE
VF
VG
VH
VJ
VK
VL
VM
VN
VP
VQ
VR
VS
VT
VU
VV
VW
VX
VY
VZ
W0
W1
W2
W3
W4
W5
W6
W7
W8
W9
WA
WB
WC
WD
WE
WF
WG
WH
WJ
WK
WL
WM
WN
WP
WQ
WR
WS
WT
WU
WV
WW
WX
WY
WZ
X0
X1
X2
X3
X4
X5
X6
X7
X8
X9
XA
XB
XC
XD
XE
XF
XG
XH
XJ
XK
BD46235
BD46481
BD46471
BD46461
BD46451
BD46441
BD46431
BD46421
BD46411
BD46401
BD46391
BD46381
BD46371
BD46361
BD46351
BD46341
BD46331
BD46321
BD46311
BD46301
BD46291
BD46281
BD46271
BD46261
BD46251
BD46241
BD46231
BD46482
BD46472
BD46462
BD46452
BD46442
BD46432
BD46422
BD46412
BD46402
BD46392
BD46382
BD46372
BD46362
BD46352
BD46342
BD46332
BD46322
BD46312
BD46302
BD46292
BD46282
BD46272
BD46262
BD46252
BD46242
BD46232
BD45XXXG/BD46XXXG : SSOP5(SMP5C2)
(5)
(4)
(3)
(2)
(1)
Marking
Lot.No
Marking
Voltage
Part No. Marking Part No. Marking Part No. Marking Part No. Marking Part No. Marking Part No.
Line-up
50msec delay
Detection voltage
VDET ( V )Ta=25˚C
VDETX 0.05 SSOP5
(SMP5C2)
4.8V
4.7V
4.6V
4.5V
4.4V
4.3V
4.2V
4.1V
4.0V
3.9V
3.8V
3.7V
3.6V
3.5V
3.4V
3.3V
3.2V
3.1V
3.0V
2.9V
2.8V
2.7V
2.6V
2.5V
2.4V
2.3V
BD46481G
BD46471G
BD46461G
BD46451G
BD46441G
BD46431G
BD46421G
BD46411G
BD46401G
BD46391G
BD46381G
BD46371G
BD46361G
BD46351G
BD46341G
BD46331G
BD46321G
BD46311G
BD46301G
BD46291G
BD46281G
BD46271G
BD46261G
BD46251G
BD46241G
BD46231G
Min.
4.752
4.653
4.554
4.455
4.356
4.257
4.158
4.059
3.960
3.861
3.762
3.663
3.564
3.465
3.366
3.267
3.168
3.069
2.970
2.871
2.772
2.673
2.574
2.475
2.376
2.277
Typ.
4.800
4.700
4.600
4.500
4.400
4.300
4.200
4.100
4.000
3.900
3.800
3.700
3.600
3.500
3.400
3.300
3.200
3.100
3.000
2.900
2.800
2.700
2.600
2.500
2.400
2.300
Max.
4.848
4.747
4.646
4.545
4.444
4.343
4.242
4.141
4.040
3.939
3.838
3.737
3.636
3.535
3.434
3.333
3.232
3.131
3.030
2.929
2.828
2.727
2.626
2.525
2.424
2.323
BD45481G
BD45471G
BD45461G
BD45451G
BD45441G
BD45431G
BD45421G
BD45411G
BD45401G
BD45391G
BD45381G
BD45371G
BD45361G
BD45351G
BD45341G
BD45331G
BD45321G
BD45311G
BD45301G
BD45291G
BD45281G
BD45271G
BD45261G
BD45251G
BD45241G
BD45231G
100msec delay
BD46482G
BD46472G
BD46462G
BD46452G
BD46442G
BD46432G
BD46422G
BD46412G
BD46402G
BD46392G
BD46382G
BD46372G
BD46362G
BD46352G
BD46342G
BD46332G
BD46322G
BD46312G
BD46302G
BD46292G
BD46282G
BD46272G
BD46262G
BD46252G
BD46242G
BD46232G
BD45482G
BD45472G
BD45462G
BD45452G
BD45442G
BD45432G
BD45422G
BD45412G
BD45402G
BD45392G
BD45382G
BD45372G
BD45362G
BD45352G
BD45342G
BD45332G
BD45322G
BD45312G
BD45302G
BD45292G
BD45282G
BD45272G
BD45262G
BD45252G
BD45242G
BD45232G
200msec delay
BD46485G
BD46475G
BD46465G
BD46455G
BD46445G
BD46435G
BD46425G
BD46415G
BD46405G
BD46395G
BD46385G
BD46375G
BD46365G
BD46355G
BD46345G
BD46335G
BD46325G
BD46315G
BD46305G
BD46295G
BD46285G
BD46275G
BD46265G
BD46255G
BD46245G
BD46235G
BD45485G
BD45475G
BD45465G
BD45455G
BD45445G
BD45435G
BD45425G
BD45415G
BD45405G
BD45395G
BD45385G
BD45375G
BD45365G
BD45355G
BD45345G
BD45335G
BD45325G
BD45315G
BD45305G
BD45295G
BD45285G
BD45275G
BD45265G
BD45255G
BD45245G
BD45235G
Nch
open drain output CMOS output
Nch
open drain output CMOS output
Nch
open drain output CMOS output
Detection
voltage
VDET
Hysteresis
voltage
( V, Typ. )
Package


Similar Part No. - BD45XX1G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD45XX1G ROHM-BD45XX1G Datasheet
222Kb / 6P
   Voltage Detector IC built in Delay Citcuit
More results

Similar Description - BD45XX1G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BD5223 ETC-BD5223 Datasheet
375Kb / 4P
   VOLTAGE DETECTOR IC
logo
Rohm
BD48XXFVE ROHM-BD48XXFVE Datasheet
285Kb / 6P
   Voltage Detector IC
BD48XXG ROHM-BD48XXG Datasheet
198Kb / 6P
   Voltage Detector IC
BD49XXFVE ROHM-BD49XXFVE Datasheet
267Kb / 6P
   Voltage Detector IC
BD49XXG ROHM-BD49XXG Datasheet
260Kb / 6P
   Voltage Detector IC
logo
BOWIN ELECTRONIC CO.
CDT5430 BOWIN-CDT5430 Datasheet
105Kb / 4P
   VOLTAGE DETECTOR IC
logo
Rohm
BU48XXF ROHM-BU48XXF Datasheet
291Kb / 6P
   Low Voltage Detector IC
BU48XXFVE ROHM-BU48XXFVE Datasheet
291Kb / 6P
   Low Voltage Detector IC
BU49XXFVE ROHM-BU49XXFVE Datasheet
272Kb / 6P
   Low Voltage Detector IC
BU49XXF ROHM-BU49XXF Datasheet
265Kb / 6P
   Low Voltage Detector IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com