Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS71256 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS71256
Description  SYNCHRONOUS SEPIC / FLYBACK CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS71256 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS71256 Datasheet HTML 6Page - Texas Instruments TPS71256 Datasheet HTML 7Page - Texas Instruments TPS71256 Datasheet HTML 8Page - Texas Instruments TPS71256 Datasheet HTML 9Page - Texas Instruments TPS71256 Datasheet HTML 10Page - Texas Instruments TPS71256 Datasheet HTML 11Page - Texas Instruments TPS71256 Datasheet HTML 12Page - Texas Instruments TPS71256 Datasheet HTML 13Page - Texas Instruments TPS71256 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
www.ti.com
3.20
3.22
3.24
3.26
3.28
3.30
3.32
3.34
3.36
3.38
3.40
0
100
200
300
400
IO − Output Current − mA
VI = 2.4 V
0
2
4
6
8
10
12
14
1.8
2
2.2
2.4
2.6
2.8
3
3.2
85
°C
25
°C
−40
°C
VI − Input Voltage − V
Inductor Current
100 mA/Div, DC
Output Voltage
20 mV/Div, AC
Timebase − 1
µs/Div
VI = 3.3 V, RL = 33 W
VO = 3.3 V
0
2
4
6
8
10
12
14
1.8
2
2.2
2.4
2.6
2.8
3
3.2
VI − Input Voltage − V
−40
° C
85
° C
25
° C
TPS61130
TPS61131
TPS61132
SLVS431A – JUNE 2002 – REVISED AUGUST 2003
TPS61132
TPS61132
SEPIC CONVERTER OUTPUT VOLTAGE
NO-LOAD SUPPLY CURRENT INTO VBAT
vs
vs
OUTPUT CURRENT
INPUT VOLTAGE
Figure 7.
Figure 8.
TPS61132
NO-LOAD SUPPLY CURRENT INTO VOUT
TPS61132
vs
SEPIC CONVERTER OUTPUT VOLTAGE
INPUT VOLTAGE
IN CONTINUOUS MODE
Figure 9.
Figure 10.
10


Similar Part No. - TPS71256

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71256 TI-TPS71256 Datasheet
368Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71256 TI-TPS71256 Datasheet
639Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71256 TI1-TPS71256 Datasheet
964Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71256DRCR TI-TPS71256DRCR Datasheet
639Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71256DRCR TI1-TPS71256DRCR Datasheet
964Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
More results

Similar Description - TPS71256

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61120PW TI-TPS61120PW Datasheet
1,011Kb / 32P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
TPS61120 TI-TPS61120 Datasheet
462Kb / 25P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
TPS61130 TI1-TPS61130_15 Datasheet
1Mb / 33P
[Old version datasheet]   Synchronous SEPIC and Flyback Converter
logo
Linear Technology
LT3957 LINER-LT3957 Datasheet
365Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957 LINER-LT3957_15 Datasheet
369Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957A LINER-LT3957A_15 Datasheet
559Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957A LINER-LT3957A Datasheet
559Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
logo
Renesas Technology Corp
RAA212421 RENESAS-RAA212421 Datasheet
1Mb / 34P
   3V to 40V Input, 1.1A Synchronous Buck Regulator with Integrated 500mA LDO
Jul 8, 2019
logo
Analog Devices
LT8331 AD-LT8331 Datasheet
1Mb / 30P
   Low IQ Boost/SEPIC/Flyback/Inverting Converter with 0.5A, 140V Switch
logo
Linear Technology
LT8331 LINER-LT8331 Datasheet
1Mb / 30P
   Low IQ Boost/SEPIC/ Flyback/Inverting Converter with 0.5A, 140V Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com