Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C235A-40DMB Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C235A-40DMB
Description  1K x 8 Registered PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C235A-40DMB Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C235A-40DMB Datasheet HTML 2Page - Cypress Semiconductor CY7C235A-40DMB Datasheet HTML 3Page - Cypress Semiconductor CY7C235A-40DMB Datasheet HTML 4Page - Cypress Semiconductor CY7C235A-40DMB Datasheet HTML 5Page - Cypress Semiconductor CY7C235A-40DMB Datasheet HTML 6Page - Cypress Semiconductor CY7C235A-40DMB Datasheet HTML 7Page - Cypress Semiconductor CY7C235A-40DMB Datasheet HTML 8Page - Cypress Semiconductor CY7C235A-40DMB Datasheet HTML 9Page - Cypress Semiconductor CY7C235A-40DMB Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CY7C235A
Document #: 38-04002 Rev. *B
Page 6 of 10
Typical DC and AC Characteristics
1.4
1.6
1.0
0.8
4.0
4.5
5.0
5.5
6.0
−55
25
125
1.2
1.1
1.6
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGE (V)
NORMALIZED SUPPLY CURRENT
vs. SUPPLY VOLTAGE
NORMALIZED SUPPLY CURRENT
vs. AMBIENT TEMPERATURE
AMBIENT TEMPERATURE (
°C)
SUPPLY VOLTAGE (V)
CLOCK TO OUTPUT TIME
vs. VCC
0.6
1.2
1.6
1.4
1.2
1.0
0.8
−55
125
AMBIENT TEMPERATURE (
°C)
CLOCK TO OUTPUT TIME
vs. TEMPERATURE
150
175
125
75
50
25
0.0
1.0
2.0
3.0
0
100
OUTPUT VOLTAGE (V)
OUTPUT SINK CURRENT
vs. OUTPUT VOLTAGE
1.0
0.9
0.8
VCC =5.0V
TA =25°C
TA =25°C
0.6
0.6
1.02
1.00
0.98
0.96
0.94
0.92
025
50
75
CLOCK PERIOD (ns)
30.0
25.0
20.0
15.0
10.0
5.0
0
200
400
600
800
CAPACITANCE (pF)
TYPICAL ACCESS TIME CHANGE
vs. OUTPUT LOADING
100
0.0
1000
TA =25°C
VCC =4.5V
TA =25°C
f= fMAX
25
0.88
NORMALIZED SUPPLY CURRENT
vs. CLOCK PERIOD
4.0
1.4
1.2
1.0
0.8
1.6
1.4
1.2
1.0
0.8
−55
125
0.6
25
AMBIENT TEMPERATURE (
°C)
NORMALIZED SET-UP TIME
vs. TEMPERATURE
1.2
4.0
4.5
5.0
5.5
6.0
0.4
SUPPLY VOLTAGE (V)
NORMALIZED SET-UP TIME
vs. SUPPLY VOLTAGE
TA =25°C
1.0
0.8
0.6
C235A-10
0.90
VCC =5.5V
TA =25°C


Similar Part No. - CY7C235A-40DMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C235A-40DMB CYPRESS-CY7C235A-40DMB Datasheet
227Kb / 9P
   1K x 8 Registered PROM
More results

Similar Description - CY7C235A-40DMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C235A CYPRESS-CY7C235A_95 Datasheet
227Kb / 9P
   1K x 8 Registered PROM
CY7C281A CYPRESS-CY7C281A Datasheet
137Kb / 8P
   1K x 8 PROM
CY7C281A CYPRESS-CY7C281A_06 Datasheet
266Kb / 8P
   1K x 8 PROM
CY7C225 CYPRESS-CY7C225 Datasheet
186Kb / 9P
   512 x 8 Registered PROM
CY7C225A CYPRESS-CY7C225A_06 Datasheet
322Kb / 10P
   512 x 8 Registered PROM
CY7C265 CYPRESS-CY7C265_06 Datasheet
591Kb / 13P
   8K x 8 Registered PROM
CY7C265 CYPRESS-CY7C265 Datasheet
327Kb / 11P
   8K x 8 Registered PROM
CY7C287 CYPRESS-CY7C287 Datasheet
226Kb / 8P
   64K x 8 Reprogrammable Registered PROM
CY7C277 CYPRESS-CY7C277 Datasheet
431Kb / 13P
   32K x 8 Reprogrammable Registered PROM
CY7C245A CYPRESS-CY7C245A Datasheet
227Kb / 12P
   2K x 8 Reprogrammable Registered PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com