Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C235A-40LMB Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C235A-40LMB
Description  1K x 8 Registered PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C235A-40LMB Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C235A-40LMB Datasheet HTML 2Page - Cypress Semiconductor CY7C235A-40LMB Datasheet HTML 3Page - Cypress Semiconductor CY7C235A-40LMB Datasheet HTML 4Page - Cypress Semiconductor CY7C235A-40LMB Datasheet HTML 5Page - Cypress Semiconductor CY7C235A-40LMB Datasheet HTML 6Page - Cypress Semiconductor CY7C235A-40LMB Datasheet HTML 7Page - Cypress Semiconductor CY7C235A-40LMB Datasheet HTML 8Page - Cypress Semiconductor CY7C235A-40LMB Datasheet HTML 9Page - Cypress Semiconductor CY7C235A-40LMB Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
CY7C235A
Document #: 38-04002 Rev. *B
Page 7 of 10
MILITARY SPECIFICATIONS
Group A Subgroup Testing
Ordering Information
Speed
(ns)
Package
Name
Operating Range
tSA
tCO
Ordering Code
Package Type
25
12
CY7C235A-25PC
P13
24-Lead (300-Mil) Molded DIP
Commercial
30
15
CY7C235A-30JC
J64
28-Lead Plastic Leaded Chip Carrier
40
20
CY7C235A-40PC
P13
24-Lead (300-Mil) Molded DIP
CY7C235A-40DMB
D14
24-Lead (300-Mil) CerDIP
Military
CY7C235A-40LMB
L64
28-Square Leadless Chip Carrier
DC Characteristics
Parameter
Subgroups
VOH
1, 2, 3
VOL
1, 2, 3
VIH
1, 2, 3
VIL
1, 2, 3
IIX
1, 2, 3
IOZ
1, 2, 3
ICC
1, 2, 3
Switching Characteristics
Parameter
Subgroups
tSA
7, 8, 9, 10, 11
tHA
7, 8, 9, 10, 11
tCO
7, 8, 9, 10, 11
Package Diagrams
24-Lead (300-Mil) CerDIP D14
MIL-STD-1835 D- 9 Config.A
51-80031-**


Similar Part No. - CY7C235A-40LMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C235A-40LMB CYPRESS-CY7C235A-40LMB Datasheet
227Kb / 9P
   1K x 8 Registered PROM
More results

Similar Description - CY7C235A-40LMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C235A CYPRESS-CY7C235A_95 Datasheet
227Kb / 9P
   1K x 8 Registered PROM
CY7C281A CYPRESS-CY7C281A Datasheet
137Kb / 8P
   1K x 8 PROM
CY7C281A CYPRESS-CY7C281A_06 Datasheet
266Kb / 8P
   1K x 8 PROM
CY7C225 CYPRESS-CY7C225 Datasheet
186Kb / 9P
   512 x 8 Registered PROM
CY7C225A CYPRESS-CY7C225A_06 Datasheet
322Kb / 10P
   512 x 8 Registered PROM
CY7C265 CYPRESS-CY7C265_06 Datasheet
591Kb / 13P
   8K x 8 Registered PROM
CY7C265 CYPRESS-CY7C265 Datasheet
327Kb / 11P
   8K x 8 Registered PROM
CY7C287 CYPRESS-CY7C287 Datasheet
226Kb / 8P
   64K x 8 Reprogrammable Registered PROM
CY7C277 CYPRESS-CY7C277 Datasheet
431Kb / 13P
   32K x 8 Reprogrammable Registered PROM
CY7C245A CYPRESS-CY7C245A Datasheet
227Kb / 12P
   2K x 8 Reprogrammable Registered PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com