Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS25C400TUT Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS25C400TUT
Description  Quad 2.5 Gbps Serializer/Deserializer
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS25C400TUT Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS25C400TUT Datasheet HTML 1Page - National Semiconductor (TI) DS25C400TUT Datasheet HTML 2Page - National Semiconductor (TI) DS25C400TUT Datasheet HTML 3Page - National Semiconductor (TI) DS25C400TUT Datasheet HTML 4Page - National Semiconductor (TI) DS25C400TUT Datasheet HTML 5Page - National Semiconductor (TI) DS25C400TUT Datasheet HTML 6Page - National Semiconductor (TI) DS25C400TUT Datasheet HTML 7Page - National Semiconductor (TI) DS25C400TUT Datasheet HTML 8Page - National Semiconductor (TI) DS25C400TUT Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Electrical Characteristics Over recommended operating supply and temperature ranges unless otherwise
specified. (Continued)
Symbol
Parameter
Conditions
Min
Typ
(Note 2)
Max
Units
LVCMOS DC SPECIFICATIONS — Control Pins EIA/JESD8-7 Compliant
I
IH
High Level Input Current
V
IN =DVDD = 1.9 V
(input and pull-low)
0.1
mA
I
IH
High Level Input Current
V
IN =DVDD = 1.9 V
(input with pull-high)
−10
+10
µA
I
IL
Low Level Input Current
V
IN = GND, DVDD = 1.9 V
(input with pull-low)
−10
+10
µA
I
IL
Low Level Input Current
V
IN = GND, DVDD = 1.9 V
(input with pull-high)
−0.1
mA
V
OH
High Level Output Voltage
I
OH =−2 mA
DV
DD
−0.45
V
V
OL
Low Level Output Voltage
I
OL = 2 mA
0.45
V
SUPPLY CURRENT
I
DD
Total Supply Current
K28.5 pattern at 2.5 Gbps with no
pre-emphasis. SSTL outputs no load
termination resistors, Tx high speed
serial outputs driving 100
differential, no high speed Rx input
data.
V
DDHS +VDDIO +VDDB
572
600
mA
DV
DD +VDDQ
130
136.5
mA
P
D
Total Power Consumption
K28.5 pattern at 2.5 Gbps with no
pre-emphasis. SSTL outputs no load
termination resistors, Tx high speed
serial outputs driving 100
differential, no high speed Rx input
data.
SERDES and SSTL I/O
1708
1940
mW
RECOMMENDED INPUT REFERENCE CLOCK (REFCLK±) AC coupled differential signal
VIDS
RCLK Differential Input Voltage
Figure 1
Terminated by 50
Ω parallel
termination
600
1500
mV
p-p
V
ICM
Common Mode Voltage
Terminated by 50
Ω Parallel
Termination
1.0
V
DDHS
−0.5
V
R
REFCLK
Input Termination to GND
Equivalent Parallel Input Termination
at REFCLK+ or REFCLK− to GND
100
f
REF
REFCLK Frequency Range
106.25
125
MHz
df
REF
REFCLK Frequency Variation
Variation from Nominal Frequency
−100
+100
ppm
t
REF-DC
REFCLK Duty Cycle (Note 3)
Between 50% of the differential
voltage across REFCLK+ and
REFCLK−
40
50
60
%
t
REF-RJ
REFCLK Input
Random (rms) Jitter
35
ps
t
REF-RJ
REFCLK Input
Peak-to-Peak Jitter
25
40
ps
t
REF-X
REFCLK Transition Time
Figure 1
Transition time between 20% and
80% of the differential voltage across
REFCLK+ and REFCLK−
0.2
1
ns
www.national.com
4


Similar Part No. - DS25C400TUT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS25CP102 NSC-DS25CP102 Datasheet
396Kb / 16P
   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25CP102 TI1-DS25CP102 Datasheet
925Kb / 19P
[Old version datasheet]   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP102 TI1-DS25CP102 Datasheet
1Mb / 21P
[Old version datasheet]   DS25CP102 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP102 TI1-DS25CP102 Datasheet
1Mb / 21P
[Old version datasheet]   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25CP102Q NSC-DS25CP102Q Datasheet
390Kb / 16P
   Automotive 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
More results

Similar Description - DS25C400TUT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDT1422 TI-SN75LVDT1422 Datasheet
253Kb / 20P
[Old version datasheet]   14-BIT FULL DUPLEX SERIALIZER/DESERIALIZER
logo
Fairchild Semiconductor
FIN224C FAIRCHILD-FIN224C Datasheet
765Kb / 9P
   24-Bit Low-Power Serializer/Deserializer
FIN24AC FAIRCHILD-FIN24AC_07 Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
logo
Vitesse Semiconductor C...
VSC7145 VITESSE-VSC7145 Datasheet
746Kb / 2P
   Dual Speed 10-bit Serializer/Deserializer
logo
Lattice Semiconductor
XPIO110GXS LATTICE-XPIO110GXS Datasheet
351Kb / 23P
   Fully Integrated 10Gbps Serializer/Deserializer Device
logo
Fairchild Semiconductor
FIN224AC FAIRCHILD-FIN224AC_08 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_11 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
logo
Vitesse Semiconductor C...
VSC6511 VITESSE-VSC6511 Datasheet
379Kb / 22P
   SMPTE-292M Serializer, Deserializer, and Deserializer/Reclocker at 1.485Gb/s
logo
National Semiconductor ...
DS90CR483 NSC-DS90CR483 Datasheet
348Kb / 17P
   48-Bit LVDS Channel Link Serializer/Deserializer
logo
Fairchild Semiconductor
FIN224AC_0611 FAIRCHILD-FIN224AC_0611 Datasheet
497Kb / 23P
   uSerDes 22-Bit Bi-Directional Serializer/Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com