Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1362B-225BGI Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1362B-225BGI
Description  9-Mbit (256K x 36/512K x 18) Pipelined SRAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1362B-225BGI Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1362B-225BGI Datasheet HTML 3Page - Cypress Semiconductor CY7C1362B-225BGI Datasheet HTML 4Page - Cypress Semiconductor CY7C1362B-225BGI Datasheet HTML 5Page - Cypress Semiconductor CY7C1362B-225BGI Datasheet HTML 6Page - Cypress Semiconductor CY7C1362B-225BGI Datasheet HTML 7Page - Cypress Semiconductor CY7C1362B-225BGI Datasheet HTML 8Page - Cypress Semiconductor CY7C1362B-225BGI Datasheet HTML 9Page - Cypress Semiconductor CY7C1362B-225BGI Datasheet HTML 10Page - Cypress Semiconductor CY7C1362B-225BGI Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
CY7C1360B
CY7C1362B
Document #: 38-05291 Rev. *C
Page 7 of 34
ADSP
84
84
A4
B9
Input-
Synchronous
Address Strobe from Processor, sampled on
the rising edge of CLK, active LOW. When
asserted LOW, addresses presented to the device
are captured in the address registers. A1, A0 are
also loaded into the burst counter. When ADSP and
ADSC are both asserted, only ADSP is recognized.
ASDP is ignored when CE1 is deasserted HIGH.
ADSC
85
85
B4
A8
Input-
Synchronous
Address Strobe from Controller, sampled on the
rising edge of CLK, active LOW. When asserted
LOW, addresses presented to the device are
captured in the address registers. A1, A0 are also
loaded into the burst counter. When ADSP and
ADSC are both asserted, only ADSP is recognized.
ZZ
64
64
T7
H11
Input-
Asynchro-
nous
ZZ “Sleep” Input, active HIGH. When asserted
HIGH places the device in a non-time-critical
“sleep” condition with data integrity preserved. For
normal operation, this pin has to be LOW or left
floating. ZZ pin has an internal pull-down.
DQs,
DQPs
52,53,56,
57,58,59,
62,63,68,
69,72,73,
74,75,78,
79,2,3,6,7,
8,9,12,13,1
8,19,22,
23,24,25,
28,29,51,
80,1,30
52,53,56,
57,58,59,
62,63,68,
69,72,73,
74,75,78,
79,2,3,6,7,
8,9,12,13,1
8,19,22,
23,24,25,
28,29,51,
80,1,30
K6,L6,
M6,N6,
K7,L7,
N7,P7,
E6,F6,
G6,H6,
D7,E7,
G7,H7,
D1,E1,
G1,H1,
E2,F2,
G2,H2,
K1,L1,
N1,P1,
K2,L2,
M2,N2,
P6,D6,
D2,P2
M11,L11,
K11,J11,
J10,K10,
L10,M10,
D10,E10,
F10,G10,
D11,E11,
F11,G11,
D1,E1,F1,
G1,D2,E2,
F2,G2,J1,
K1,L1,M1,
J2,K2,L2,
M2,N11,
C11,C1,N1
I/O-
Synchronous
Bidirectional Data I/O lines. As inputs, they feed
into an on-chip data register that is triggered by the
rising edge of CLK. As outputs, they deliver the data
contained in the memory location specified by the
addresses presented during the previous clock rise
of the read cycle. The direction of the pins is
controlled by OE. When OE is asserted LOW, the
pins behave as outputs. When HIGH, DQs and
DQPX are placed in a three-state condition.
VDD
15,41,65,
91
15,41,65,
91
J2,C4,J4,
R4,J6
D4,D8,E4,
E8,F4,F8,
G4,G8,H4,
H8,J4,J8,
K4,K8,L4,
L8,M4,M8
Power Supply Power supply inputs to the core of the device.
VSS
17,40,67,
90
17,40,67,
90
D3,E3,
F3,H3,
K3,M3,
N3,P3,
D5,E5,
F5,H5,
K5,M5,
N5,P5
C4,C5,C6,
C7,C8,D5,
D6,D7,E5,
E6,E7,F5,
F6,F7,G5,
G6,G7,H2,
H5,H6,H7,J
5,J6,J7,
K5,K6,K7,
L5,L6,L7,
M5,M6,M7,
N4,N8
Ground
Ground for the core of the device.
CY7C1360B–Pin Definitions (continued)
Name
TQFP
3-Chip
Enable
TQFP
2-Chip
Enable
BGA
fBGA
I/O
Description


Similar Part No. - CY7C1362B-225BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1362A CYPRESS-CY7C1362A Datasheet
558Kb / 28P
   256K x 36/512K x 18 Synchronous Pipelined Burst SRAM
CY7C1362A-150AC CYPRESS-CY7C1362A-150AC Datasheet
558Kb / 28P
   256K x 36/512K x 18 Synchronous Pipelined Burst SRAM
CY7C1362A-150AI CYPRESS-CY7C1362A-150AI Datasheet
558Kb / 28P
   256K x 36/512K x 18 Synchronous Pipelined Burst SRAM
CY7C1362A-150AJC CYPRESS-CY7C1362A-150AJC Datasheet
558Kb / 28P
   256K x 36/512K x 18 Synchronous Pipelined Burst SRAM
CY7C1362A-150AJI CYPRESS-CY7C1362A-150AJI Datasheet
558Kb / 28P
   256K x 36/512K x 18 Synchronous Pipelined Burst SRAM
More results

Similar Description - CY7C1362B-225BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1360C CYPRESS-CY7C1360C Datasheet
423Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C CYPRESS-CY7C1360C_06 Datasheet
521Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1366C CYPRESS-CY7C1366C_06 Datasheet
549Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1366C CYPRESS-CY7C1366C Datasheet
458Kb / 27P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1354DV25 CYPRESS-CY7C1354DV25 Datasheet
869Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25_06 Datasheet
492Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354C CYPRESS-CY7C1354C_06 Datasheet
516Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1366A CYPRESS-CY7C1366A Datasheet
307Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM
CY7C1354CV25 CYPRESS-CY7C1354CV25 Datasheet
338Kb / 25P
   9-Mbit ( 256K x 36/512K x 18 ) Pipelined SRAM with NoBL-TM Architecture
CY7C1361B CYPRESS-CY7C1361B Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com