Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5424 Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL5424
Description  12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5424 Datasheet(HTML) 4 Page - Intersil Corporation

  EL5424 Datasheet HTML 1Page - Intersil Corporation EL5424 Datasheet HTML 2Page - Intersil Corporation EL5424 Datasheet HTML 3Page - Intersil Corporation EL5424 Datasheet HTML 4Page - Intersil Corporation EL5424 Datasheet HTML 5Page - Intersil Corporation EL5424 Datasheet HTML 6Page - Intersil Corporation EL5424 Datasheet HTML 7Page - Intersil Corporation EL5424 Datasheet HTML 8Page - Intersil Corporation EL5424 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
GBWP
Gain-Bandwidth Product
RL = 10kΩ, CL = 10pF
8
MHz
PM
Phase Margin
RL = 10kΩ, CL = 10pF
50
°
CS
Channel Separation
f = 5MHz
75
dB
NOTES:
1. Measured over operating temperature range
2. Slew rate is measured on rising and falling edges
Electrical Specifications
VS+ = +15V, VS- = 0, RL = 10kΩ, RF = RG = 20kΩ, CL = 10pF to 0V, Gain of VCOM = -1, and TA = 25°C Unless
Otherwise Specified (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Pin Descriptions
24-PIN HTSSOP
24-PIN QFN
32-PIN QFN
28-PIN HTSSOP
PIN NAME
PIN FUNCTION
1
23
31
1
VIN1
Input
2
24
32 (Note 1)
2
VIN2
Input
3113
VIN3
Input
4224
VIN4
Input
5346
VS+
Power
6435
VIN5
Input
7557
VIN6
Input
8668
VIN7
Input
9779
VIN8
Input
10
8
11
12
VSA+
Power
11
9
12
13
VINA+
Positive input of VCOM
12
22
29
14
NC
Not connected
13
10
13
15
VOUTA
Output of VCOM
14
11
14
16
VINA-
Negative input of VCOM
15
12
15
17
VSA-
Power
16
13
19
20
VOUT8
Output
17
14
20
21
VOUT7
Output
18
15
21
22
VOUT6
Output
19
16
23
24
VOUT5
Output
20
17
22
23
VS-
Power
21
18
24
25
VOUT4
Output
22
19
25
26
VOUT3
Output
23
20
26 (Note 1)
27
VOUT2
Output
24
21
27
28
VOUT1
Output
8
10
VIN9
Input
9
11
VIN10
Input
10 (Note 1)
VIN11
Input
16 (Note 1)
VOUT11
Output
17
18
VOUT10
Output
18
19
VOUT9
Output
28
VOUT0
Output
30
VIN0
Input
NOTE:
1. Not available in EL5324IL
EL5224, EL5324, EL5424


Similar Part No. - EL5424

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5424 RENESAS-EL5424 Datasheet
788Kb / 16P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
logo
Intersil Corporation
EL5424 INTERSIL-EL5424 Datasheet
506Kb / 12P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
May 11, 2005
logo
Renesas Technology Corp
EL5424ILZ RENESAS-EL5424ILZ Datasheet
788Kb / 16P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
EL5424ILZ-T13 RENESAS-EL5424ILZ-T13 Datasheet
788Kb / 16P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
EL5424ILZ-T7 RENESAS-EL5424ILZ-T7 Datasheet
788Kb / 16P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
More results

Similar Description - EL5424

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5224 RENESAS-EL5224 Datasheet
788Kb / 16P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
logo
Intersil Corporation
EL5224IL INTERSIL-EL5224IL Datasheet
506Kb / 12P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
May 11, 2005
EL5220TILZ-T13 INTERSIL-EL5220TILZ-T13 Datasheet
384Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
May 4, 2010
EL5120T INTERSIL-EL5120T Datasheet
511Kb / 14P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5420T RENESAS-EL5420T Datasheet
797Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5420T INTERSIL-EL5420T Datasheet
470Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5220T RENESAS-EL5220T Datasheet
813Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5220T INTERSIL-EL5220T Datasheet
387Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
EL5420TILZ INTERSIL-EL5420TILZ Datasheet
430Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
September 8, 2015
EL5423 INTERSIL-EL5423 Datasheet
289Kb / 12P
   12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com