Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD26C31 Datasheet(PDF) 10 Page - Hitachi Semiconductor

Part # HD26C31
Description  Quadruple Differential Line Drivers With 3 State Outputs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD26C31 Datasheet(HTML) 10 Page - Hitachi Semiconductor

Back Button HD26C31 Datasheet HTML 6Page - Hitachi Semiconductor HD26C31 Datasheet HTML 7Page - Hitachi Semiconductor HD26C31 Datasheet HTML 8Page - Hitachi Semiconductor HD26C31 Datasheet HTML 9Page - Hitachi Semiconductor HD26C31 Datasheet HTML 10Page - Hitachi Semiconductor HD26C31 Datasheet HTML 11Page - Hitachi Semiconductor HD26C31 Datasheet HTML 12Page - Hitachi Semiconductor HD26C31 Datasheet HTML 13Page - Hitachi Semiconductor HD26C31 Datasheet HTML 14Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
HD26C31
10
HD26C31 Line Driver Applications
The HD26C31 is a line driver that meets the EIA RS-422A conditions, and has been designed to supply a
high current for differential signals to a bus line. Its features are listed below.
• Operates on a single 5 V power supply.
• High output impedance when power is off
• Sink current and source current both 20 mA
• On-chip power up/down protection circuit
As shown by the logic diagram, the enable function is common to all four drivers, and either active-high or
active-low can be selected.
The output section consists of two output stages (the Y side and Z side), each of which has the same sink
current and source current capacity.
Connection of a termination resistance when the HD26C31 is used as a balanced differential type driver is
shown.
Ta = 25
°C
VCC = 5.5 V
VCC = 4.5 V
VCC = 5.0 V
Output Characteristics ("H" Level)
0
–20
–40
–60
–80
–100
Output Current IOH (mA)
1.0
2.0
3.0
4.0
5.0
Figure 1 I
OH vs. VOH Characteristics


Similar Part No. - HD26C31

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD26C31 RENESAS-HD26C31 Datasheet
160Kb / 12P
   Quadruple Differential Line Drivers With 3 State Outputs
HD26C31FPEL RENESAS-HD26C31FPEL Datasheet
160Kb / 12P
   Quadruple Differential Line Drivers With 3 State Outputs
More results

Similar Description - HD26C31

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD26LS31 HITACHI-HD26LS31 Datasheet
81Kb / 15P
   Quadruple Differential Line Drivers With 3 State Outputs
logo
List of Unclassifed Man...
HD75153 ETC-HD75153 Datasheet
35Kb / 6P
   Quadruple Differential Line Drivers With 3 State Outputs
logo
Renesas Technology Corp
HD26C31 RENESAS-HD26C31 Datasheet
160Kb / 12P
   Quadruple Differential Line Drivers With 3 State Outputs
logo
Hitachi Semiconductor
26C31-SMD HITACHI-26C31-SMD Datasheet
119Kb / 15P
   Quadruple Differential Line Drivers With 3 State Outputs
logo
Renesas Technology Corp
HD26C32A RENESAS-HD26C32A_04 Datasheet
184Kb / 13P
   Quadruple Differential Line Drivers With 3 State Outputs
HD26LS31 RENESAS-HD26LS31 Datasheet
169Kb / 12P
   Quadruple Differential Line Drivers With 3 State Outputs
logo
Hitachi Semiconductor
HD26LS32A HITACHI-HD26LS32A Datasheet
42Kb / 5P
   Quadruple Differential Line Receivers With 3 State Outputs
logo
Renesas Technology Corp
HD26LS32A RENESAS-HD26LS32A Datasheet
134Kb / 8P
   Quadruple Differential Line Receivers With 3 State Outputs
HD26LS32 RENESAS-HD26LS32 Datasheet
202Kb / 15P
   Quadruple Differential Line Receivers With 3 State Outputs
logo
Hitachi Semiconductor
HD26C32A HITACHI-HD26C32A Datasheet
97Kb / 14P
   Quadruple Differential Line Receivers With 3 State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com