Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1362B-166AJC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C1362B-166AJC
Description  9-Mbit (256K x 36/512K x 18) Pipelined SRAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1362B-166AJC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C1362B-166AJC Datasheet HTML 7Page - Cypress Semiconductor CY7C1362B-166AJC Datasheet HTML 8Page - Cypress Semiconductor CY7C1362B-166AJC Datasheet HTML 9Page - Cypress Semiconductor CY7C1362B-166AJC Datasheet HTML 10Page - Cypress Semiconductor CY7C1362B-166AJC Datasheet HTML 11Page - Cypress Semiconductor CY7C1362B-166AJC Datasheet HTML 12Page - Cypress Semiconductor CY7C1362B-166AJC Datasheet HTML 13Page - Cypress Semiconductor CY7C1362B-166AJC Datasheet HTML 14Page - Cypress Semiconductor CY7C1362B-166AJC Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
CY7C1360B
CY7C1362B
Document #: 38-05291 Rev. *C
Page 11 of 34
VDDQ
4,11,20,27,
54,61,70,
77
4,11,20,27,
54,61,70,
77
A1,A7,F1,
F7,J1,J7,
M1,M7,
U1,U7
C3,C9,D3,
D9,E3,E9,
F3,F9,G3,
G9,J3,J9,
K3,K9,L3,
L9,M3,M9,
N3,N9
I/O Power
Supply
Power supply for the I/O circuitry.
MODE
31
31
R3
R1
Input-
Static
Selects Burst Order. When tied to GND selects
linear burst sequence. When tied to VDD or left
floating selects interleaved burst sequence. This is
a strap pin and should remain static during device
operation. Mode pin has an internal pull-up.
TDO
-
-
U5
P7
JTAG serial
output
Synchronous
Serial data-out to the JTAG circuit. Delivers data
on the negative edge of TCK. If the JTAG feature
is not being utilized, this pin should be left uncon-
nected. This pin is not available on TQFP
packages.
TDI
-
-
U3
P5
JTAG serial
input
Synchronous
Serial data-In to the JTAG circuit. Sampled on
the rising edge of TCK. If the JTAG feature is not
being utilized, this pin can be left floating or con-
nected to VDD through a pull-up resistor. This pin
is not available on TQFP packages.
TMS
-
-
U2
R5
JTAG serial
input
Synchronous
Serial data-In to the JTAG circuit. Sampled on
the rising edge of TCK. If the JTAG feature is not
being utilized, this pin can be disconnected or con-
nected to VDD. This pin is not available on TQFP
packages.
TCK
-
-
U4
R7
JTAG-Clock Clock input to the JTAG circuitry. If the JTAG
feature is not being utilized, this pin must be
connected to VSS. This pin is not available on
TQFP packages.
NC
1,2,3,6,7,
14,16,25,
28,29,30,
38,39,42,
51,52,53,
56,57,66,
75,78,79,
95,96
1,2,3,6,7,
14,16,25,
28,29,30,
38,39,42,
43,51,52,
53,56,57,
66,75,78,
79,95,96
B1,B7,
C1,C7,
D2,D4,
D7,E1,
E6,H2,
F2,G1,
G6,H7,
J3,J5,K1,
K6,L4,L2,
L7,M6,
N2,L7,P1,
P6,R1,
R5,R7,
T1,T4,U6
A5,B1,B4,
C1,C2,C10,
D1,D10,
E1,E10,F1,
F10,G1,
G10,H1,H3,
H9,H10,J2,
J11,K2,
K11,L2,L1,
M2,M11,
N2,N7,N10,
N5,N11,P1,
A1,B11,P2,
R2,N6
-
No Connects. Not internally connected to the die.
CY7C1362B–Pin Definitions (continued)
Name
TQFP
3-Chip
Enable
TQFP
2-Chip
Enable
BGA
fBGA
I/O
Description


Similar Part No. - CY7C1362B-166AJC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1362A CYPRESS-CY7C1362A Datasheet
558Kb / 28P
   256K x 36/512K x 18 Synchronous Pipelined Burst SRAM
CY7C1362A-150AC CYPRESS-CY7C1362A-150AC Datasheet
558Kb / 28P
   256K x 36/512K x 18 Synchronous Pipelined Burst SRAM
CY7C1362A-150AI CYPRESS-CY7C1362A-150AI Datasheet
558Kb / 28P
   256K x 36/512K x 18 Synchronous Pipelined Burst SRAM
CY7C1362A-150AJC CYPRESS-CY7C1362A-150AJC Datasheet
558Kb / 28P
   256K x 36/512K x 18 Synchronous Pipelined Burst SRAM
CY7C1362A-150AJI CYPRESS-CY7C1362A-150AJI Datasheet
558Kb / 28P
   256K x 36/512K x 18 Synchronous Pipelined Burst SRAM
More results

Similar Description - CY7C1362B-166AJC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1360C CYPRESS-CY7C1360C Datasheet
423Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C CYPRESS-CY7C1360C_06 Datasheet
521Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1366C CYPRESS-CY7C1366C_06 Datasheet
549Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1366C CYPRESS-CY7C1366C Datasheet
458Kb / 27P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1354DV25 CYPRESS-CY7C1354DV25 Datasheet
869Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25_06 Datasheet
492Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354C CYPRESS-CY7C1354C_06 Datasheet
516Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1366A CYPRESS-CY7C1366A Datasheet
307Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM
CY7C1354CV25 CYPRESS-CY7C1354CV25 Datasheet
338Kb / 25P
   9-Mbit ( 256K x 36/512K x 18 ) Pipelined SRAM with NoBL-TM Architecture
CY7C1361B CYPRESS-CY7C1361B Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com