Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC282 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC282
Description  GaAs MMIC LOW NOISE AMPLIFIER 36 - 40 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC282 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC282 Datasheet HTML 1Page - Hittite Microwave Corporation HMC282 Datasheet HTML 2Page - Hittite Microwave Corporation HMC282 Datasheet HTML 3Page - Hittite Microwave Corporation HMC282 Datasheet HTML 4Page - Hittite Microwave Corporation HMC282 Datasheet HTML 5Page - Hittite Microwave Corporation HMC282 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1 - 62
12 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Web Site: www.hittite.com
MICROWAVE CORPORATION
FEBRUARY 2001
1
HMC282 LOW NOISE AMPLIFIER 36 - 40 GHz
-70
-60
-50
-40
-30
-20
-10
0
10
15
20
25
30
35
40
FREQUENCY (GHz)
0
2
4
6
8
10
12
14
16
35
36
37
38
39
40
FREQUENCY (GHz)
+85 C
+25 C
-55 C
10
15
20
25
30
35
35
36
37
38
39
40
FREQUENCY (GHz)
+85 C
+25 C
-55 C
Isolation
P1dB Output @ Vdd = +3.5V
IP3 Output @ Vdd = +3.5V
All data is with the chip in a 50 ohm test fixture connected via ribbon bonds of minimal length.
HMC282
V
01.0700


Similar Part No. - HMC282

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC282 HITTITE-HMC282 Datasheet
153Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 36 - 40 GHz
HMC282 HITTITE-HMC282_00 Datasheet
153Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 36 - 40 GHz
More results

Similar Description - HMC282

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC282 HITTITE-HMC282_00 Datasheet
153Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 36 - 40 GHz
HMC263LP4E HITTITE-HMC263LP4E_10 Datasheet
963Kb / 8P
   GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263LP4E HITTITE-HMC263LP4E Datasheet
272Kb / 8P
   GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263LP4E HITTITE-HMC263LP4E_09 Datasheet
272Kb / 8P
   GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263 HITTITE-HMC263_07 Datasheet
231Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263 HITTITE-HMC263 Datasheet
212Kb / 8P
   GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263LP4 HITTITE-HMC263LP4_09 Datasheet
272Kb / 1P
   GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
logo
Alpha Industries
AA035N1-00 ALPHA-AA035N1-00 Datasheet
173Kb / 3P
   28-36 GHz GaAs MMIC Low Noise Amplifier
AA038N1-00 ALPHA-AA038N1-00 Datasheet
134Kb / 2P
   28-40 GHz GaAs MMIC Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC566 HITTITE-HMC566 Datasheet
317Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 29 - 36 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com