Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI1-0201HS-4 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HI1-0201HS-4
Description  High Speed, Quad SPST, CMOS Analog Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI1-0201HS-4 Datasheet(HTML) 4 Page - Intersil Corporation

  HI1-0201HS-4 Datasheet HTML 1Page - Intersil Corporation HI1-0201HS-4 Datasheet HTML 2Page - Intersil Corporation HI1-0201HS-4 Datasheet HTML 3Page - Intersil Corporation HI1-0201HS-4 Datasheet HTML 4Page - Intersil Corporation HI1-0201HS-4 Datasheet HTML 5Page - Intersil Corporation HI1-0201HS-4 Datasheet HTML 6Page - Intersil Corporation HI1-0201HS-4 Datasheet HTML 7Page - Intersil Corporation HI1-0201HS-4 Datasheet HTML 8Page - Intersil Corporation HI1-0201HS-4 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Absolute Maximum Ratings
Thermal Information
Supply Voltage (V+ to V-). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36V
Digital Input Voltage . . . . . . . . . . . . . . . . . . . . . . (V+) +4V to (V-) -4V
Analog Input Voltage (One Switch) . . . . . . . (V+) +2.0V to (V-) -2.0V
Peak Current, S or D (Pulse 1ms, 10% Duty Cycle Max) . . . . 50mA
Continuous Current Any Terminal (Except S or D) . . . . . . . . . 25mA
Operating Conditions
Temperature Ranges
HI-201HS-2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
HI-201HS-4 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -25oC to 85oC
HI-201HS-5 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 75oC
HI-201HS-9 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note 1)
θJA (oC/W) θJC (oC/W)
CERDIP Package. . . . . . . . . . . . . . . . .
80
20
PDIP Package . . . . . . . . . . . . . . . . . . .
90
N/A
SOIC Package . . . . . . . . . . . . . . . . . . .
100
N/A
Maximum Junction Temperature
Ceramic Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 175oC
Plastic Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150oC
Maximum Storage Temperature. . . . . . . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
Supplies = +15V, -15V; VAH (Logic Level High) = 2.4V, VAL (Logic Level Low) = +0.8V, GND = 0V,
Unless Otherwise Specified
PARAMETER
TEST
CONDITIONS
TEMP
(oC)
-2
-4, -5, -9
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
DYNAMIC CHARACTERISTICS
Switch ON Time, tON
(Note 3)
25
-
30
50
-
30
50
ns
Switch OFF Time, tOFF1
(Note 3)
25
-
40
50
-
40
50
ns
Switch OFF Time, tOFF2
(Note 3)
25
-
150
-
-
150
-
ns
Output Settling Time
To 0.1%
25
-
180
-
-
180
-
ns
Charge Injection, Q
(Note 6)
25
-
10
-
-
10
-
pC
OFF Isolation
(Note 4)
25
-
72
-
-
72
-
dB
Crosstalk
(Note 5)
25
-
86
-
-
86
-
dB
Input Switch Capacitance, CS(OFF)
25
-
10
-
-
10
-
pF
Output Switch Capacitance
CD(OFF)
25
-
10
-
-
10
-
pF
CD(ON)
25
-
30
-
-
30
-
pF
Digital Input Capacitance, CA
25
-
18
-
-
18
-
pF
Drain-To-Source Capacitance, CDS(OFF)
25
-
0.5
-
-
0.5
-
pF
DIGITAL INPUT CHARACTERISTICS
Input Low Threshold, VAL
Full
-
-
0.8
-
-
0.8
V
Input High Threshold, VAH
25
2.0
-
-
2.0
-
-
V
Full
2.4
-
-
2.4
-
-
V
Input Leakage Current (Low), IAL
25
-
200
-
-
200
-
µA
Full
-
-
500
-
-
500
µA
Input Leakage Current (High), IAH
VAH = 4.0V
25
-
20
-
-
20
-
µA
Full
-
-
40
-
-
40
µA
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VS
Full
-15
-
+15
-15
-
+15
V
ON Resistance, rON
(Note 2)
25
-
30
50
-
30
50
Full
-
-
75
-
-
75
HI-201HS


Similar Part No. - HI1-0201HS-4

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1-0201HS-4 INTERSIL-HI1-0201HS-4 Datasheet
253Kb / 11P
   High Speed, Quad SPST, CMOS Analog Switch
July 1999
HI1-0201HS-4 INTERSIL-HI1-0201HS-4 Datasheet
695Kb / 11P
   High Speed, Quad SPST, CMOS Analog Switch
logo
Renesas Technology Corp
HI1-0201HS-4 RENESAS-HI1-0201HS-4 Datasheet
781Kb / 12P
   High Speed, Quad SPST, CMOS Analog Switch
September 2004
More results

Similar Description - HI1-0201HS-4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG201S AD-ADG201S Datasheet
496Kb / 7P
   High Speed Quad SPST CMOS Analog Switch
logo
Renesas Technology Corp
HI-201HS RENESAS-HI-201HS Datasheet
781Kb / 12P
   High Speed, Quad SPST, CMOS Analog Switch
September 2004
logo
Intersil Corporation
HI-201HS INTERSIL-HI-201HS_04 Datasheet
695Kb / 11P
   High Speed, Quad SPST, CMOS Analog Switch
HI-201HS INTERSIL-HI-201HS Datasheet
253Kb / 11P
   High Speed, Quad SPST, CMOS Analog Switch
July 1999
logo
TEMIC Semiconductors
DG201HS TEMIC-DG201HS Datasheet
107Kb / 8P
   High-Speed Quad SPST CMOS Analog Switch
logo
Vishay Siliconix
DG201HS VISHAY-DG201HS_08 Datasheet
124Kb / 9P
   High-Speed Quad SPST CMOS Analog Switch
Rev. G, 25-Jun-07
DG201HS VISHAY-DG201HS Datasheet
109Kb / 9P
   High-Speed Quad SPST CMOS Analog Switch
Rev. F, 06-Sep-99
logo
Maxim Integrated Produc...
HI-201HS MAXIM-HI-201HS Datasheet
213Kb / 8P
   High-Speed, CMOS, Quad, SPST Analog Switch
19-0117; Rev 1; 11/94
logo
Vishay Siliconix
DG271B VISHAY-DG271B Datasheet
55Kb / 4P
   High-Speed Quad Monolithic SPST CMOS Analog Switch
Rev. B, 15-Nov-04
DG271MIL VISHAY-DG271MIL Datasheet
68Kb / 5P
   High-Speed Quad Monolithic SPST CMOS Analog Switch
Rev. G, 23-Aug-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com