Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5123CYZ-T13 Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL5123CYZ-T13
Description  12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5123CYZ-T13 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL5123CYZ-T13 Datasheet HTML 4Page - Intersil Corporation EL5123CYZ-T13 Datasheet HTML 5Page - Intersil Corporation EL5123CYZ-T13 Datasheet HTML 6Page - Intersil Corporation EL5123CYZ-T13 Datasheet HTML 7Page - Intersil Corporation EL5123CYZ-T13 Datasheet HTML 8Page - Intersil Corporation EL5123CYZ-T13 Datasheet HTML 9Page - Intersil Corporation EL5123CYZ-T13 Datasheet HTML 10Page - Intersil Corporation EL5123CYZ-T13 Datasheet HTML 11Page - Intersil Corporation EL5123CYZ-T13 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
FN7176.1
November 19, 2004
FIGURE 19. LARGE SIGNAL TRANSIENT RESPONSE
FIGURE 20. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 21. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 22. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 23. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves
1µs/DIV
1V/DIV
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD, QFN EXPOSED
DIEPAD SOLDERED TO PCB PER JESD51-5
3
2.5
2
1.5
1
0.5
0
0
25
50
75
100
125
150
85
AMBIENT TEMPERATURE (°C)
2.857W
2.703W
θJA=37°C/W
QFN24
θJA=35°C/W
QFN32
JEDEC JESD51-3 AND SEMI G42-88
(SINGLE LAYER) TEST BOARD
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
758mW
714mW
θJA=140°C/W
QFN24
θJA=132°C/W
QFN32
0
25
50
75
100
125
150
85
AMBIENT TEMPERATURE (°C)
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
1.4
1.2
1
0.8
0.6
0.4
0.2
0
0
25
50
75
100
125
150
85
AMBIENT TEMPERATURE (°C)
1.111W
1.333W
870mW
1.176W
θJA=115°C/W
MSOP10
θJA=95°C/W
TSSOP20
θJA=75°C/W
TSSOP28
θJA=85°C/W
TSSOP24
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
25
50
75
100
125
150
85
AMBIENT TEMPERATURE (°C)
486mW
θJA=206°C/W
MSOP10
714mW
833mW
781mW
θJA=120°C/W
TSSOP28
θJA=128°C/W
TSSOP24
θJA=140°C/W
TSSOP20
EL5123, EL5223, EL5323, EL5423


Similar Part No. - EL5123CYZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5123CYZ-T13 INTERSIL-EL5123CYZ-T13 Datasheet
290Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
EL5123CYZ-T13 INTERSIL-EL5123CYZ-T13 Datasheet
560Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
logo
Renesas Technology Corp
EL5123CYZ-T13 RENESAS-EL5123CYZ-T13 Datasheet
777Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
More results

Similar Description - EL5123CYZ-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5123 RENESAS-EL5123 Datasheet
777Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
logo
Intersil Corporation
EL5123 INTERSIL-EL5123 Datasheet
560Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
EL5123 INTERSIL-EL5123 Datasheet
290Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
logo
Elantec Semiconductor
EL5123C ELANTEC-EL5123C Datasheet
139Kb / 2P
   Product Brief 12MHz 4-, 8-, 10- & 12-Channel Rail-to-Rail Input-Output Buffers
logo
Intersil Corporation
EL5127 INTERSIL-EL5127_06 Datasheet
294Kb / 17P
   2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers
EL5127 INTERSIL-EL5127 Datasheet
300Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
logo
Renesas Technology Corp
EL5127 RENESAS-EL5127 Datasheet
778Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
logo
Intersil Corporation
EL5421T INTERSIL-EL5421T Datasheet
263Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
EL5421TIYZ INTERSIL-EL5421TIYZ Datasheet
260Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
logo
Renesas Technology Corp
EL5421T RENESAS-EL5421T Datasheet
678Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com