Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICY7C1362B-166BGI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # ICY7C1362B-166BGI
Description  9-Mbit (256K x 36/512K x 18) Pipelined SRAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

ICY7C1362B-166BGI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button ICY7C1362B-166BGI Datasheet HTML 5Page - Cypress Semiconductor ICY7C1362B-166BGI Datasheet HTML 6Page - Cypress Semiconductor ICY7C1362B-166BGI Datasheet HTML 7Page - Cypress Semiconductor ICY7C1362B-166BGI Datasheet HTML 8Page - Cypress Semiconductor ICY7C1362B-166BGI Datasheet HTML 9Page - Cypress Semiconductor ICY7C1362B-166BGI Datasheet HTML 10Page - Cypress Semiconductor ICY7C1362B-166BGI Datasheet HTML 11Page - Cypress Semiconductor ICY7C1362B-166BGI Datasheet HTML 12Page - Cypress Semiconductor ICY7C1362B-166BGI Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
CY7C1360B
CY7C1362B
Document #: 38-05291 Rev. *C
Page 9 of 34
CY7C1362B–Pin Definitions
Name
TQFP
3-Chip
Enable
TQFP
2-Chip
Enable
BGA
fBGA
I/O
Description
A0, A1, A
37,36,32,
33,34,35,
43,44,45,
46,47,48,
49,50,80,
81,82,99,
100
37,36,32,
33,34,35,
44,45,46,
47,48,49,
50,80,81,
82,92,99,
100
P4,N4,
A2,C2,
R2,T2,
A3,B3,
C3,T3,
A5,B5,
C5,T5,
A6,B6,
C6,R6,
T6
R6,P6,A2,
A10,A11,
B2,B10,P3,
P4,P8,P9,
P10,P11,
R3,R4,R8,
R9,R10,
R11
Input-
Synchronous
Address Inputs used to select one of the 512K
address locations. Sampled at the rising edge of
the CLK if ADSP or ADSC is active LOW, and CE1,
CE2, and CE3[2] are sampled active. A1, A0 are fed
to the two-bit counter..
BWA,BWB
93,94
93,94
G3,L5
B5,A4
Input-
Synchronous
Byte Write Select Inputs, active LOW. Qualified
with BWE to conduct Byte Writes to the SRAM.
Sampled on the rising edge of CLK.
GW
88
88
H4
B7
Input-
Synchronous
Global Write Enable Input, active LOW. When
asserted LOW on the rising edge of CLK, a global
Write is conducted (ALL bytes are written,
regardless of the values on BWX and BWE).
BWE
87
87
M4
A7
Input-
Synchronous
Byte Write Enable Input, active LOW. Sampled
on the rising edge of CLK. This signal must be
asserted LOW to conduct a Byte Write.
CLK
89
89
K4
B6
Input-
Clock
Clock Input. Used to capture all synchronous
inputs to the device. Also used to increment the
burst counter when ADV is asserted LOW, during
a burst operation.
CE1
98
98
E4
A3
Input-
Synchronous
Chip Enable 1 Input, active LOW. Sampled on
the rising edge of CLK. Used in conjunction with
CE2 and CE3[2] to select/deselect the device.
ADSP is ignored if CE1 is HIGH.
CE2
97
97
B2
B3
Input-
Synchronous
Chip Enable 2 Input, active HIGH. Sampled on
the rising edge of CLK. Used in conjunction with
CE1 and CE3[2] to select/deselect the device.
CE3 [2]
92
-
-
A6
Input-
Synchronous
Chip Enable 3 Input, active LOW. Sampled on
the rising edge of CLK. Used in conjunction with
CE1 and CE2 to select/deselect the device. Not
available for AJ package version. Not connected
for BGA. Where referenced, CE3[2] is assumed
active throughout this document for BGA.
OE
86
86
F4
B8
Input-
Asynchronous
Output Enable, asynchronous input, active
LOW. Controls the direction of the I/O pins. When
LOW, the I/O pins behave as outputs. When
deasserted HIGH, I/O pins are three-stated, and
act as input data pins. OE is masked during the first
clock of a Read cycle when emerging from a
deselected state.
ADV
83
83
G4
A9
Input-
Synchronous
Advance Input signal, sampled on the rising
edge of CLK, active LOW. When asserted, it
automatically increments the address in a burst
cycle.


Similar Part No. - ICY7C1362B-166BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
ICY7C1362C-166BGI CYPRESS-ICY7C1362C-166BGI Datasheet
423Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
ICY7C1362C-166BGXI CYPRESS-ICY7C1362C-166BGXI Datasheet
423Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
ICY7C1362C-166BZI CYPRESS-ICY7C1362C-166BZI Datasheet
423Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
More results

Similar Description - ICY7C1362B-166BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1360C CYPRESS-CY7C1360C Datasheet
423Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C CYPRESS-CY7C1360C_06 Datasheet
521Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1366C CYPRESS-CY7C1366C_06 Datasheet
549Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1366C CYPRESS-CY7C1366C Datasheet
458Kb / 27P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1354DV25 CYPRESS-CY7C1354DV25 Datasheet
869Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25_06 Datasheet
492Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354C CYPRESS-CY7C1354C_06 Datasheet
516Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1366A CYPRESS-CY7C1366A Datasheet
307Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM
CY7C1354CV25 CYPRESS-CY7C1354CV25 Datasheet
338Kb / 25P
   9-Mbit ( 256K x 36/512K x 18 ) Pipelined SRAM with NoBL-TM Architecture
CY7C1361B CYPRESS-CY7C1361B Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com