Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDD06E60 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IDD06E60
Description  Fast Switching EmCon Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDD06E60 Datasheet(HTML) 1 Page - Infineon Technologies AG

  IDD06E60 Datasheet HTML 1Page - Infineon Technologies AG IDD06E60 Datasheet HTML 2Page - Infineon Technologies AG IDD06E60 Datasheet HTML 3Page - Infineon Technologies AG IDD06E60 Datasheet HTML 4Page - Infineon Technologies AG IDD06E60 Datasheet HTML 5Page - Infineon Technologies AG IDD06E60 Datasheet HTML 6Page - Infineon Technologies AG IDD06E60 Datasheet HTML 7Page - Infineon Technologies AG IDD06E60 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2003-07-31
Rev.2
Page 1
IDD06E60
Fast Switching EmCon Diode
Product Summary
VRRM
600
V
IF
6
A
VF
1.5
V
Tjmax
175
°C
Feature
• 600 V EmCon technology
• Fast recovery
• Soft switching
• Low reverse recovery charge
• Low forward voltage
• 175°C operating temperature
• Easy paralleling
Pin 1
PIN 2
PIN 3
NC
C
A
Marking
D06E60
Type
Package
Ordering Code
IDD06E60
P-TO252-3-1
Q67040-S4378
Maximum Ratings, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Value
Unit
Repetitive peak reverse voltage
VRRM
600
V
Continous forward current
TC=25°C
TC=90°C
IF
14.7
10
A
Surge non repetitive forward current
TC=25°C, tp=10 ms, sine halfwave
IFSM
29
Maximum repetitive forward current
TC=25°C, tp limited by Tjmax, D=0.5
IFRM
22
Power dissipation
TC=25°C
TC=90°C
Ptot
46.8
26.6
W
Operating and storage temperature
Tj , Tstg
-55...+175
°C
Soldering temperature
for 10s (according to JEDEC J-STD-020A)
TS
255
°C


Similar Part No. - IDD06E60

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDD06E60 INFINEON-IDD06E60 Datasheet
645Kb / 8P
   Fast Switching EmCon Diode
Rev.2.2 2007-04-24
IDD06E60 INFINEON-IDD06E60 Datasheet
521Kb / 8P
   Fast Switching Emitter Controlled Diode
Rev.2.2 2007-04-24
logo
Inchange Semiconductor ...
IDD06E60 ISC-IDD06E60 Datasheet
253Kb / 2P
   Fast Recovery Rectifier
logo
Infineon Technologies A...
IDD06E60 INFINEON-IDD06E60_07 Datasheet
645Kb / 8P
   Fast Switching EmCon Diode
Rev.2.2 2007-04-24
IDD06E60 INFINEON-IDD06E60_13 Datasheet
521Kb / 8P
   Fast Switching Emitter Controlled Diode
Rev.2.2 2007-04-24
More results

Similar Description - IDD06E60

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDD15E60 INFINEON-IDD15E60 Datasheet
187Kb / 8P
   Fast Switching EmCon Diode
2001-12-05
IDD04E120 INFINEON-IDD04E120 Datasheet
253Kb / 8P
   Fast Switching EmCon Diode
Rev.2.1 2005-02-24
IDB09E60 INFINEON-IDB09E60_07 Datasheet
208Kb / 8P
   Fast Switching EmCon Diode
Rev.2.2 2007-09-01
IDB09E120 INFINEON-IDB09E120_07 Datasheet
238Kb / 8P
   Fast Switching EmCon Diode
Rev.2.2 2007-09-01
IDD09E60 INFINEON-IDD09E60_07 Datasheet
673Kb / 8P
   Fast Switching EmCon Diode
Rev.2.2 2007-04-24
IDB15E60 INFINEON-IDB15E60 Datasheet
197Kb / 9P
   Fast Switching EmCon Diode
Rev.2 2003-07-31
IDB12E120 INFINEON-IDB12E120 Datasheet
198Kb / 9P
   Fast Switching EmCon Diode
Rev.2 2003-07-31
IDP45E60 INFINEON-IDP45E60 Datasheet
198Kb / 9P
   Fast Switching EmCon Diode
Rev.2 2003-07-31
IDP18E120 INFINEON-IDP18E120 Datasheet
199Kb / 9P
   Fast Switching EmCon Diode
Rev.2 2003-07-31
IDB30E120 INFINEON-IDB30E120_07 Datasheet
214Kb / 8P
   Fast Switching EmCon Diode
Rev.2.2 2007-09-01
IDD23E60 INFINEON-IDD23E60_07 Datasheet
743Kb / 8P
   Fast Switching EmCon Diode
Rev.2.2 2007-04-24
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com