Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB39S64800BT-8 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # HYB39S64800BT-8
Description  64-MBit Synchronous DRAM
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYB39S64800BT-8 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button HYB39S64800BT-8 Datasheet HTML 7Page - Infineon Technologies AG HYB39S64800BT-8 Datasheet HTML 8Page - Infineon Technologies AG HYB39S64800BT-8 Datasheet HTML 9Page - Infineon Technologies AG HYB39S64800BT-8 Datasheet HTML 10Page - Infineon Technologies AG HYB39S64800BT-8 Datasheet HTML 11Page - Infineon Technologies AG HYB39S64800BT-8 Datasheet HTML 12Page - Infineon Technologies AG HYB39S64800BT-8 Datasheet HTML 13Page - Infineon Technologies AG HYB39S64800BT-8 Datasheet HTML 14Page - Infineon Technologies AG HYB39S64800BT-8 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
HYB 39S64400/800/160BT(L)
64-MBit Synchronous DRAM
Data Book
11
12.99
Power On and Initialization
The default power on state of the mode register is supplier specific and may be undefined. The
following power on and initialization sequence guarantees the device is preconditioned to each
users specific needs. Like a conventional DRAM, the Synchronous DRAM must be powered up and
initialized in a predefined manner.During power on, all
V
DD and VDDQ pins must be built up
simultaneously to the specified voltage when the input signals are held in the “NOP” state. The
power on voltage must not exceed
V
DD + 0.3 V on any of the input pins or VDD supplies. The CLK
signal must be started at the same time. After power on, an initial pause of 200
µs is required
followed by a precharge of both banks using the precharge command. To prevent data contention
on the DQ bus during power on, it is required that the DQM and CKE pins be held high during the
initial pause period. Once all banks have been precharged, the Mode Register Set Command must
be issued to initialize the Mode Register. A minimum of eight Auto Refresh cycles (CBR) are also
required.These may be done before or after programming the Mode Register. Failure to follow these
steps may lead to unpredictable start-up modes.
Programming the Mode Register
The Mode register designates the operation mode at the read or write cycle. This register is divided
into 4 fields. A Burst Length Field to set the length of the burst, an Addressing Selection bit to
program the column access sequence in a burst cycle (interleaved or sequential), a CAS Latency
Field to set the access time at clock cycle and a Operation mode field to differentiate between
normal operation (Burst read and burst Write) and a special Burst Read and Single Write mode. The
mode set operation must be done before any activate command after the initial power up. Any
content of the mode register can be altered by re-executing the mode set command. All banks must
be in precharged state and CKE must be high at least one clock before the mode set operation. After
the mode register is set, a Standby or NOP command is required. Low signals of RAS, CAS, and
WE at the positive edge of the clock activate the mode set operation. Address input data at this
timing defines parameters to be set as shown in the previous table.
Read and Write Operation
When RAS is low and both CAS and WE are high at the positive edge of the clock, a RAS cycle
starts. According to address data, a word line of the selected bank is activated and all of sense
amplifiers associated to the wordline are set. A CAS cycle is triggered by setting RAS high and CAS
low at a clock timing after a necessary delay,
t
RCD, from the RAS timing. WE is used to define either
a read (WE = H) or a write (WE = L) at this stage.
SDRAM provides a wide variety of fast access modes. In a single CAS cycle, serial data read or
write operations are allowed at up to a 133 MHz data rate. The numbers of serial data bits are the
burst length programmed at the mode set operation, i.e., one of 1, 2, 4, 8 and full page, where full
page is an optional feature in this device. Column addresses are segmented by the burst length and
serial data accesses are done within this boundary. The first column address to be accessed is
supplied at the CAS timing and the subsequent addresses are generated automatically by the
programmed burst length and its sequence. For example, in a burst length of 8 with interleave
sequence, if the first address is ‘2’, then the rest of the burst sequence is 3, 0, 1, 6, 7, 4, and 5.
Full page burst operation is only possible using the sequential burst type and page length is a
function of the I/O organization and column addressing. Full page burst operation do not self


Similar Part No. - HYB39S64800BT-8

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB39S64800 SIEMENS-HYB39S64800 Datasheet
678Kb / 53P
   64 MBit Synchronous DRAM
HYB39S64800AT-10 SIEMENS-HYB39S64800AT-10 Datasheet
678Kb / 53P
   64 MBit Synchronous DRAM
HYB39S64800AT-8 SIEMENS-HYB39S64800AT-8 Datasheet
678Kb / 53P
   64 MBit Synchronous DRAM
HYB39S64800AT-8B SIEMENS-HYB39S64800AT-8B Datasheet
678Kb / 53P
   64 MBit Synchronous DRAM
logo
Infineon Technologies A...
HYB39S64800CT INFINEON-HYB39S64800CT Datasheet
402Kb / 52P
   64-MBit Synchronous DRAM
12.99
More results

Similar Description - HYB39S64800BT-8

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB39S64400CT-7.5 INFINEON-HYB39S64400CT-7.5 Datasheet
402Kb / 52P
   64-MBit Synchronous DRAM
12.99
logo
Siemens Semiconductor G...
HYB39S64400 SIEMENS-HYB39S64400 Datasheet
678Kb / 53P
   64 MBit Synchronous DRAM
HYB39S16400-1 SIEMENS-HYB39S16400-1 Datasheet
101Kb / 19P
   16 MBit Synchronous DRAM
logo
Qimonda AG
HYB39SC256 QIMONDA-HYB39SC256 Datasheet
1Mb / 24P
   256-MBit Synchronous DRAM
HYB39S512400AT QIMONDA-HYB39S512400AT Datasheet
1Mb / 21P
   512-Mbit Synchronous DRAM
HYB39S128400F QIMONDA-HYB39S128400F Datasheet
1Mb / 21P
   128-MBit Synchronous DRAM
logo
Siemens Semiconductor G...
HYB39S164400 SIEMENS-HYB39S164400 Datasheet
929Kb / 64P
   16 MBit Synchronous DRAM
logo
Infineon Technologies A...
HYB39S128400CT INFINEON-HYB39S128400CT Datasheet
470Kb / 51P
   128-MBit Synchronous DRAM
HYB39S512400AT INFINEON-HYB39S512400AT Datasheet
718Kb / 28P
   512-Mbit Synchronous DRAM
Rev. 1.3, 2004-03
logo
Integrated Silicon Solu...
IS42S16160B-6BL ISSI-IS42S16160B-6BL Datasheet
768Kb / 62P
   256-MBIT SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com