Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5424ILZ-T7 Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL5424ILZ-T7
Description  12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5424ILZ-T7 Datasheet(HTML) 2 Page - Intersil Corporation

  EL5424ILZ-T7 Datasheet HTML 1Page - Intersil Corporation EL5424ILZ-T7 Datasheet HTML 2Page - Intersil Corporation EL5424ILZ-T7 Datasheet HTML 3Page - Intersil Corporation EL5424ILZ-T7 Datasheet HTML 4Page - Intersil Corporation EL5424ILZ-T7 Datasheet HTML 5Page - Intersil Corporation EL5424ILZ-T7 Datasheet HTML 6Page - Intersil Corporation EL5424ILZ-T7 Datasheet HTML 7Page - Intersil Corporation EL5424ILZ-T7 Datasheet HTML 8Page - Intersil Corporation EL5424ILZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Pinouts
EL5224
(24-PIN HTSSOP)
TOP VIEW
EL5324
(28-PIN HTSSOP)
TOP VIEW
EL5324 & EL5424
(32-PIN QFN)
TOP VIEW
EL5224
(24-PIN QFN)
TOP VIEW
1
2
3
4
16
15
14
13
5
6
7
12
11
9
8
10
20
19
18
17
24
23
22
21
VIN1
VIN2
VIN3
VIN4
VS+
VIN5
VIN6
VIN7
VIN8
VSA+
VINA+
NC
VOUT1
VOUT2
VOUT3
VOUT4
VS-
VOUT5
VOUT6
VOUT7
VOUT8
VSA-
VINA-
VOUTA
THERMAL
PAD
1
2
3
4
16
15
14
13
5
6
7
12
11
9
8
10
20
19
18
17
24
23
22
21
28
27
26
25
VIN1
VIN2
VIN3
VIN4
VIN5
VS+
VIN6
VIN7
VIN8
VIN9
VIN10
VSA+
VINA+
NC
VOUT1
VOUT2
VOUT3
VOUT4
VOUT5
VS-
VOUT6
VOUT7
VOUT8
VOUT9
VOUT10
VSA-
VINA-
VOUTA
THERMAL
PAD
25
24
23
22
21
20
19
1
2
3
4
5
6
7
VIN3
VIN4
VIN5
VS+
VIN6
VIN7
VIN8
VOUT3
VOUT4
VOUT5
VS-
VOUT6
VOUT7
VOUT8
8
9
18
17
VOUT9
VOUT10
VIN9
VIN10
*Not available in EL5324
THERMAL
PAD
19
18
17
16
15
14
13
1
2
3
4
5
6
7
VIN3
VIN4
VS+
VIN5
VIN6
VIN7
VIN8
VOUT3
VOUT4
VS-
VOUT5
VOUT6
VOUT7
VOUT8
THERMAL
PAD
EL5224, EL5324, EL5424


Similar Part No. - EL5424ILZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5424ILZ-T7 RENESAS-EL5424ILZ-T7 Datasheet
788Kb / 16P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
More results

Similar Description - EL5424ILZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5224 RENESAS-EL5224 Datasheet
788Kb / 16P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
logo
Intersil Corporation
EL5224IL INTERSIL-EL5224IL Datasheet
506Kb / 12P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
May 11, 2005
EL5220TILZ-T13 INTERSIL-EL5220TILZ-T13 Datasheet
384Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
May 4, 2010
EL5120T INTERSIL-EL5120T Datasheet
511Kb / 14P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5420T RENESAS-EL5420T Datasheet
797Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5420T INTERSIL-EL5420T Datasheet
470Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5220T RENESAS-EL5220T Datasheet
813Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5220T INTERSIL-EL5220T Datasheet
387Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
EL5420TILZ INTERSIL-EL5420TILZ Datasheet
430Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
September 8, 2015
EL5423 INTERSIL-EL5423 Datasheet
289Kb / 12P
   12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com