Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5223CRZ-T13 Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL5223CRZ-T13
Description  12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5223CRZ-T13 Datasheet(HTML) 4 Page - Intersil Corporation

  EL5223CRZ-T13 Datasheet HTML 1Page - Intersil Corporation EL5223CRZ-T13 Datasheet HTML 2Page - Intersil Corporation EL5223CRZ-T13 Datasheet HTML 3Page - Intersil Corporation EL5223CRZ-T13 Datasheet HTML 4Page - Intersil Corporation EL5223CRZ-T13 Datasheet HTML 5Page - Intersil Corporation EL5223CRZ-T13 Datasheet HTML 6Page - Intersil Corporation EL5223CRZ-T13 Datasheet HTML 7Page - Intersil Corporation EL5223CRZ-T13 Datasheet HTML 8Page - Intersil Corporation EL5223CRZ-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
FN7176.1
November 19, 2004
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage between VS+ and VS-. . . . . . . . . . . . . . . . . . . .+18V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . VS- -0.5V, VS +0.5V
Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . 30mA
Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
ESD Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VS+ = +5V, VS- = -5V, RL = 10kΩ and CL = 10pF to 0V, TA = 25°C unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
INPUT CHARACTERISTICS
VOS
Input Offset Voltage
VCM = 0V
0.5
12
mV
TCVOS
Average Offset Voltage Drift
(Note 1)
5
µV/°C
IB
Input Bias Current
VCM = 0V
2
50
nA
RIN
Input Impedance
1G
CIN
Input Capacitance
1.35
pF
AV
Voltage Gain
-4.5V
≤ VOUT ≤ 4.5V
0.99
1.01
V/V
OUTPUT CHARACTERISTICS
VOL
Output Swing Low
IL = -5mA
-4.95
-4.85
V
VOH
Output Swing High
IL = +5mA
4.85
4.95
V
IOUT (max)
Output Current (Note 2)
RL = 10Ω
±120
mA
POWER SUPPLY PERFORMANCE
PSRR
Power Supply Rejection Ratio
VS is moved from ±2.25V to ±7.75V
55
80
dB
IS
Supply Current
No load (EL5123)
2.4
3.4
mA
No load (EL5223)
5.5
6.8
mA
No load (EL5323)
6
8.5
mA
No load (EL5423)
7.45
10.1
mA
DYNAMIC PERFORMANCE
SR
Slew Rate (Note 3)
-4.0V
≤ VOUT ≤ 4.0V, 20% to 80%
7
15
V/µs
tS
Settling to +0.1% (AV = +1)
(AV = +1), VO = 2V step
250
ns
BW
-3dB Bandwidth
RL = 10kΩ, CL = 10pF
12
MHz
CS
Channel Separation
f = 5MHz
75
dB
NOTES:
1. Measured over operating temperature range.
2. Instantaneous peak current.
3. Slew rate is measured on rising and falling edges.
EL5123, EL5223, EL5323, EL5423


Similar Part No. - EL5223CRZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5223CRZ-T13 INTERSIL-EL5223CRZ-T13 Datasheet
290Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
EL5223CRZ-T13 INTERSIL-EL5223CRZ-T13 Datasheet
560Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
logo
Renesas Technology Corp
EL5223CRZ-T13 RENESAS-EL5223CRZ-T13 Datasheet
777Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
More results

Similar Description - EL5223CRZ-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5123 RENESAS-EL5123 Datasheet
777Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
logo
Intersil Corporation
EL5123 INTERSIL-EL5123 Datasheet
560Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
EL5123 INTERSIL-EL5123 Datasheet
290Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
logo
Elantec Semiconductor
EL5123C ELANTEC-EL5123C Datasheet
139Kb / 2P
   Product Brief 12MHz 4-, 8-, 10- & 12-Channel Rail-to-Rail Input-Output Buffers
logo
Intersil Corporation
EL5127 INTERSIL-EL5127_06 Datasheet
294Kb / 17P
   2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers
EL5127 INTERSIL-EL5127 Datasheet
300Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
logo
Renesas Technology Corp
EL5127 RENESAS-EL5127 Datasheet
778Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
logo
Intersil Corporation
EL5421T INTERSIL-EL5421T Datasheet
263Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
EL5421TIYZ INTERSIL-EL5421TIYZ Datasheet
260Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
logo
Renesas Technology Corp
EL5421T RENESAS-EL5421T Datasheet
678Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com