Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI9P0201HS-9Z Datasheet(PDF) 10 Page - Intersil Corporation

Part # HI9P0201HS-9Z
Description  High Speed, Quad SPST, CMOS Analog Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI9P0201HS-9Z Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HI9P0201HS-9Z Datasheet HTML 3Page - Intersil Corporation HI9P0201HS-9Z Datasheet HTML 4Page - Intersil Corporation HI9P0201HS-9Z Datasheet HTML 5Page - Intersil Corporation HI9P0201HS-9Z Datasheet HTML 6Page - Intersil Corporation HI9P0201HS-9Z Datasheet HTML 7Page - Intersil Corporation HI9P0201HS-9Z Datasheet HTML 8Page - Intersil Corporation HI9P0201HS-9Z Datasheet HTML 9Page - Intersil Corporation HI9P0201HS-9Z Datasheet HTML 10Page - Intersil Corporation HI9P0201HS-9Z Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
FIGURE 15. SWITCHING TIME vs INPUT LOGIC VOLTAGE
FIGURE 16. INPUT SWITCHING THRESHOLD vs SUPPLY
VOLTAGE
FIGURE 17. CHARGE INJECTION vs ANALOG VOLTAGE
FIGURE 18. CAPACITANCE vs ANALOG VOLTAGE
FIGURE 19. OFF ISOLATION vs FREQUENCY
FIGURE 20. CROSSTALK vs FREQUENCY
Typical Performance Curves (Continued)
DIGITAL INPUT VOLTAGE (V)
tOFF2
tOFF1
tON
0
123
4
5
350
300
250
200
150
100
50
0
V + = +15V, V- = -15V, RL = 1kΩ
CL = 35pF, VAL = 0V, TA = 25
oC
SUPPLY VOLTAGE (
±V)
10
11
12
13
14
15
9
8
7
6
5
0
3.0
2.5
2.0
1.8
1.5
1.0
0.5
ANALOG INPUT (V)
-10
-5
0
5
10
-10
-20
-30
-40
-50
50
40
30
20
10
0
V+ = +15V, V- = -15V
CL = 1nF
Q
VA
CL
IN
OUT
∆VO
Q = CL x ∆VO
ANALOG INPUT (V)
-15
-5
0
5
15
40
CD(ON)
10
-10
CD(OFF) OR CS(OFF)
CDS(OFF)
35
30
25
20
15
10
5
0
V+ = +15V, V- = -15V
VIN = 3VRMS, VA = 3V
RL = 100Ω
RL = 1kΩ
RL
IN
OUT
VIN
VO
OFF ISOLATION = 20 Log
VIN
VO
FREQUENCY (Hz)
10M
1M
100K
10K
140
120
100
80
60
40
20
0
FREQUENCY (Hz)
10M
1M
100K
10K
140
120
100
80
60
40
20
0
V+ = +15V, V- = -15V
VIN = 3VRMS, VA = 3V
RL = 1kΩ
IN
OUT
VIN
VO1
CROSSTALK = 20 Log
VO2
VO1
VO2
RL = 1kΩ
HI-201HS


Similar Part No. - HI9P0201HS-9Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI9P0201HS-9Z INTERSIL-HI9P0201HS-9Z Datasheet
695Kb / 11P
   High Speed, Quad SPST, CMOS Analog Switch
More results

Similar Description - HI9P0201HS-9Z

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG201S AD-ADG201S Datasheet
496Kb / 7P
   High Speed Quad SPST CMOS Analog Switch
logo
Renesas Technology Corp
HI-201HS RENESAS-HI-201HS Datasheet
781Kb / 12P
   High Speed, Quad SPST, CMOS Analog Switch
September 2004
logo
Intersil Corporation
HI-201HS INTERSIL-HI-201HS_04 Datasheet
695Kb / 11P
   High Speed, Quad SPST, CMOS Analog Switch
HI-201HS INTERSIL-HI-201HS Datasheet
253Kb / 11P
   High Speed, Quad SPST, CMOS Analog Switch
July 1999
logo
TEMIC Semiconductors
DG201HS TEMIC-DG201HS Datasheet
107Kb / 8P
   High-Speed Quad SPST CMOS Analog Switch
logo
Vishay Siliconix
DG201HS VISHAY-DG201HS_08 Datasheet
124Kb / 9P
   High-Speed Quad SPST CMOS Analog Switch
Rev. G, 25-Jun-07
DG201HS VISHAY-DG201HS Datasheet
109Kb / 9P
   High-Speed Quad SPST CMOS Analog Switch
Rev. F, 06-Sep-99
logo
Maxim Integrated Produc...
HI-201HS MAXIM-HI-201HS Datasheet
213Kb / 8P
   High-Speed, CMOS, Quad, SPST Analog Switch
19-0117; Rev 1; 11/94
logo
Vishay Siliconix
DG271B VISHAY-DG271B Datasheet
55Kb / 4P
   High-Speed Quad Monolithic SPST CMOS Analog Switch
Rev. B, 15-Nov-04
DG271MIL VISHAY-DG271MIL Datasheet
68Kb / 5P
   High-Speed Quad Monolithic SPST CMOS Analog Switch
Rev. G, 23-Aug-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com