Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS-916MM Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ADS-916MM
Description  14-Bit, 500kHz, Low-Power Sampling A/D Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADS-916MM Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ADS-916MM Datasheet HTML 1Page - List of Unclassifed Manufacturers ADS-916MM Datasheet HTML 2Page - List of Unclassifed Manufacturers ADS-916MM Datasheet HTML 3Page - List of Unclassifed Manufacturers ADS-916MM Datasheet HTML 4Page - List of Unclassifed Manufacturers ADS-916MM Datasheet HTML 5Page - List of Unclassifed Manufacturers ADS-916MM Datasheet HTML 6Page - List of Unclassifed Manufacturers ADS-916MM Datasheet HTML 7Page - List of Unclassifed Manufacturers ADS-916MM Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
®
®
ADS-916
5
THERMAL REQUIREMENTS
All DATEL sampling A/D converters are fully characterized and
specified over operating temperature (case) ranges of
0 to +70°C and –55 to +125°C. All room-temperature
(TA = +25°C) production testing is performed without the use of
heat sinks or forced-air cooling. Thermal impedance figures for
each device are listed in their respective specification tables.
These devices do not normally require heat sinks, however,
standard precautionary design and layout procedures should
be used to ensure devices do not overheat. The ground and
power planes beneath the package, as well as all pcb signal
runs to and from the device, should be as heavy as possible to
help conduct heat away from the package.
Electrically-insulating, thermally-conductive "pads" may be
installed underneath the package. Devices should be soldered
to boards rather than "socketed", and of course, minimal air
flow over the surface can greatly help reduce the package
temperature.
In more severe ambient conditions, the package/junction
temperature of a given device can be reduced dramatically
(typically 35%) by using one of DATEL's HS Series heat sinks.
See Ordering Information for the assigned part number. See
page 1-183 of the DATEL Data Acquisition Components
Catalog for more information on the HS Series. Request
DATEL Application Note AN-8, "Heat Sinks for DIP Data
Converters", or contact DATEL directly, for additional
information.
Figure 4. ADS-916 Timing Diagram
Notes: 1. fs = 500kHz.
2. The ADS-916 is an edge-triggered device. All internal operations
are triggered by the rising edge of the start convert pulse, which
may be as narrow as 50nsec. All production testing is performed
at a 500kHz sampling rate with 200nsec wide start pulses. For
lower sampling rates, wider start pulses may be used, however, a
minimum pulse width low of 50nsec must be maintained.
START
CONVERT
OUTPUT
DATA
INTERNAL S/H
N
Data (N – 1) Valid
200ns
typ.
Acquisition Time
10ns typ.
Data N Valid (1926ns min.)
EOC
90ns typ.
Conversion Time
420ns ±20ns
Invalid
Data
74ns max.
70ns ±10ns
1570ns ±40ns
430ns typ.
35ns max.
Hold
N + 1


Similar Part No. - ADS-916MM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-916MM ETC-ADS-916MM Datasheet
151Kb / 8P
   14-Bit, 500kHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-916MM MURATA-PS-ADS-916MM Datasheet
189Kb / 8P
   14-Bit, 500kHz, Low-Power Sampling A/D Converters
ADS-916MM MURATA-PS-ADS-916MM Datasheet
153Kb / 8P
   14-Bit, 500kHz, Low-Power Sampling A/D Converters
logo
DATEL, Inc.
ADS-916MM DATEL-ADS-916MM Datasheet
106Kb / 1P
   Sampling A/D Converters
ADS-916MM-C DATEL-ADS-916MM-C Datasheet
106Kb / 1P
   Sampling A/D Converters
More results

Similar Description - ADS-916MM

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ADS-916 MURATA-PS-ADS-916 Datasheet
189Kb / 8P
   14-Bit, 500kHz, Low-Power Sampling A/D Converters
ADS-926 MURATA-PS-ADS-926 Datasheet
153Kb / 8P
   14-Bit, 500kHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-926 ETC-ADS-926 Datasheet
151Kb / 8P
   14-Bit, 500kHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-928 MURATA-PS-ADS-928 Datasheet
1Mb / 4P
   500kHz, 14-Bit Sampling A/D Converters
logo
List of Unclassifed Man...
ADS950 ETC-ADS950 Datasheet
184Kb / 6P
   18-Bit, 500kHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-930 MURATA-PS-ADS-930 Datasheet
297Kb / 8P
   16-Bit, 500kHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-930 ETC1-ADS-930 Datasheet
603Kb / 8P
   16-Bit, 500kHz Sampling A/D Converters
ADS-927 ETC-ADS-927 Datasheet
150Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
ADS929 ETC-ADS929 Datasheet
190Kb / 8P
   14-Bit, 2MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-919 MURATA-PS-ADS-919 Datasheet
187Kb / 8P
   14-Bit, 2MHz, Low-Power Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com