Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC-HZ12BGC Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # DAC-HZ12BGC
Description  12-Bit, Industry-Standard Digital-to-Analog Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DAC-HZ12BGC Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  DAC-HZ12BGC Datasheet HTML 1Page - List of Unclassifed Manufacturers DAC-HZ12BGC Datasheet HTML 2Page - List of Unclassifed Manufacturers DAC-HZ12BGC Datasheet HTML 3Page - List of Unclassifed Manufacturers DAC-HZ12BGC Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DAC-HZ Series
®
®
DAC-HZ12B Binary Output Range Selection
OUTPUT RANGE SELECTION TABLES
VOUT RANGE
CONNECT THESE PINS TOGETHER
Figure 2. Unipolar Voltage Output Connections
±10V
15 & 19
17 & 20
16 & 24
±5V
15 & 18
17 & 20
16 & 24
±2.5V
15 & 18
17 & 20
19 & 20
16 & 24
+10V
15 & 18
17 & 21
16 & 24
+5V
15 & 18
17 & 21
19 & 20
16 & 24
±1mA
17 & 20
16 & 24
DAC-HZ12D BCD Output Range Selection
+10V
15 & 19
17 & 21
16 & 24
+5V
15 & 18
17 & 21
16 & 24
+2.5V
15 & 18
17 & 21
19 & 20
16 & 24
–1.25mA
17 & 21
16 & 24
BINARY INPUT CODE
Unipolar Output, Complementary Binary
0000
0000 0000
+9.9976V
+4.9988V
–1.9995
0011
1111
1111
+7.5000
+3.7500
–1.5000
0111
1111
1111
+5.0000
+2.5000
–1.0000
1011
1111
1111
+2.5000
+1.2500
–0.5000
1111
1111
1110
+0.0024
+0.0012
–0.0005
1111
1111
1111
0.0000
0.0000
0.0000
BCD INPUT CODE
Unipolar Output, Complementary BCD
MSB
LSB
0 to +10V
0 to +5V
0 to +2.5V 0 to –2mA
UNIPOLAR OUTPUT RANGES
MSB
LSB
0 to +10V
0 to +5V
0 to –2mA
UNIPOLAR OUTPUT RANGES
0110
0110
0110
+9.990
+4.995
+2.498
–1.2488
1000
1010
1111
+7.500
+3.750
+1.875
–0.9375
1010
1111
1111
+5.000
+2.5000
+1.250
–0.6250
1101
1010
1111
+2.5000
+1.250
+0.625
–0.3125
1111
1111
1110
+0.0100
+0.005
+0.003
–0.0013
1111
1111
1111
0.0000
0.0000
0.0000
0.0000
BIPOLAR OUTPUT RANGES
INPUT CODE
Bipolar Output, Complementary Offset Binary
MSB
LSB
±10V
±5V
±2.5V
±1mA
0000
0000 0000
+9.9951
+4.9976
+2.4988
–0.9995
0011
1111
1111
+5.0000
+2.5000
+1.2500
–0.5000
0111
1111
1111
0.0000
0.0000
0.0000
0.0000
1011
1111
1111
–5.0000
–2.5000
–1.2500
+0.5000
1111
1111
1110
–9.9951
–4.9976
–2.4988
+0.9995
1111
1111
1111
–10.0000
–5.0000
–2.5000
+1.0000
OUTPUT CODING TABLES
CONNECTION DIAGRAMS
13
14
15
16
17
18
19
20
21
22
23
24
+15V
12
11
10
9
8
7
6
5
4
3
2
1
1µF
1µF
= 0 TO +10V
V
–15V
C (0.001
TO 0.01µF)
2.8M
BIT
12
11
10
9
8
7
6
5
4
3
2
1
LSB
MSB
DIGITAL
INPUTS
2.2M
OUT
+15V
–15V
GAIN ADJUST
10k
Ω TO 100kΩ
ZERO ADJUST
10k
Ω TO 100kΩ
+15V
DAC-HZ12B
or DAC-HZ12D
(BOTTOM VIEW)
Voltage output is at pin 15; current output is at pin 20.
Figure 3. Unipolar Current Output Connections
13
14
15
16
17
18
19
20
21
22
23
24
+15V
12
11
10
9
8
7
6
5
4
3
2
1
1µF
1µF
= 0 TO –200mV
V
–15V
C (0.001
TO 0.01µF)
2.8M
BIT
12
11
10
9
8
7
6
5
4
3
2
1
LSB
MSB
DIGITAL
INPUTS
2.2M
OUT
GAIN ADJUST
10k
Ω TO 100kΩ
ZERO ADJUST
10k
Ω TO 100kΩ
+15V
DAC-HZ12B
or DAC-HZ12D
(BOTTOM VIEW)
–15V
–15V
100
+15V
IOUT = 0 TO –2mA
BIPOLAR OFFSET
CURRENT OUT
R
EQ
= R
O
= 5k for unipolar operation
R
EQ = RR
= 2.8k for bipolar operation
I
OUT = 2mA binary
= 1.25mA BCD
*This resistor is open circuit for BCD models
6.3V
+
DAC-HZ12B or DAC-HZ12D
I
OUT
R
O
REQ
I
L
RL
RR
= ±2.5V Maximum
(Output compliance voltage)
VOUT
V
OUT
17
20
21
5k
6.3k
Ω *
GND
|| R
O
Figure 4. Equivalent Current Mode Output Circuit
13
14
15
16
17
18
19
20
21
22
23
24
+15V
12
11
10
9
8
7
6
5
4
3
2
1
1µF
1µF
= –5 TO +5V
V
–15V
C (0.001
TO 0.01µF)
2.8M
BIT
12
11
10
9
8
7
6
5
4
3
2
1
LSB
MSB
DIGITAL
INPUTS
2.2M
OUT
+15V
–15V
GAIN ADJUST
10k
Ω TO 100kΩ
ZERO ADJUST
10k
Ω TO 100kΩ
+15V
DAC-HZ12B
(BOTTOM VIEW)
Figure 5. Bipolar Voltage Output Connections


Similar Part No. - DAC-HZ12BGC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DAC-HZ12BGC MURATA-PS-DAC-HZ12BGC Datasheet
97Kb / 4P
   12-Bit, Industry-Standard Digital-to-Analog Converters
logo
DATEL, Inc.
DAC-HZ12BGC DATEL-DAC-HZ12BGC Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-HZ12BGC-C DATEL-DAC-HZ12BGC-C Datasheet
115Kb / 1P
   Digital-to-Analog Converters
More results

Similar Description - DAC-HZ12BGC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DAC-HZ12BGC MURATA-PS-DAC-HZ12BGC Datasheet
97Kb / 4P
   12-Bit, Industry-Standard Digital-to-Analog Converters
logo
Burr-Brown (TI)
DAC80 BURR-BROWN-DAC80 Datasheet
211Kb / 9P
   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC80P TI-DAC80P Datasheet
190Kb / 10P
[Old version datasheet]   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
TelCom Semiconductor, I...
TC7109 TELCOM-TC7109 Datasheet
274Kb / 21P
   12-BIT UP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
TLC5618ACDR TI1-TLC5618ACDR Datasheet
636Kb / 24P
[Old version datasheet]   PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Microchip Technology
TC7109 MICROCHIP-TC7109_13 Datasheet
378Kb / 32P
   12-Bit ?쵡-Compatible Analog-to-Digital Converters
11/29/12
logo
Texas Instruments
TLC5618 TI-TLC5618 Datasheet
376Kb / 26P
[Old version datasheet]   PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5618 TI1-TLC5618_16 Datasheet
872Kb / 25P
[Old version datasheet]   PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Maxim Integrated Produc...
MAX174 MAXIM-MAX174 Datasheet
559Kb / 15P
   Industry Standard Complete 12-Bit A/D Converters
19-2765; Rev 2; 2/93
logo
Integrated Circuit Syst...
MN3850 ICST-MN3850 Datasheet
756Kb / 4P
   Industry Standard Military 12-bit D/A Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com